Part Number Hot Search : 
MMSZ4678 00505 2E103J 8X7R2J10 EAIRMAA3 5367B NJM2232A FCQ20A03
Product Description
Full Text Search
 

To Download BCX71K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX71K
BCX71K
C
E
SOT-23
Mark: BK
B
PNP General Purpose Amplifier
This device is designed for applications requiring extremely high current gain at collector currents to 300 mA. Sourced from Process 68.
Absolute Maximum Ratings*
Symbol
VCEO VCES VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
45 45 5.0 500 -55 to +150
Units
V V V mA C
3
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. 3) All voltages (V) and currents (A) are negative polarity for PNP transistors.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient
Max
*BCX71K 350 2.8 357
Units
mW mW/C C/W
*Device mounted on FR-4 PCB 40 mm X 40 mm X 1.5 mm.
1997 Fairchild Semiconductor Corporation
BCX71K
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)EBO ICES Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current IC = 1.0 mA, IB = 0 IE = 10 A, IC = 0 VCB = 45 V, IE = 0 VCB = 45 V, IE = 0, TA = 100C 45 5.0 20 20 V V nA A
ON CHARACTERISTICS
hFE DC Current Gain IC = 10 A, VCE = 5.0 V IC = 2.0 mA, VCE = 5.0 V IC = 50 mA, VCE = 1.0 V IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA IC = 2.0 mA, VCE = 5.0 V 100 380 110 0.06 0.12 0.6 0.68 0.6 630 0.25 0.55 0.85 1.05 0.75 V V V V V
VCE(sat) VBE(sat) VBE(on)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage
SMALL SIGNAL CHARACTERISTICS
Cobo NF Output Capacitance Noise Figure VCE = 10 V, IC = 0, f = 1.0 MHz IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 k, f = 1.0 kHz, BW = 200 Hz 6.0 6.0 pF dB
SWITCHING CHARACTERISTICS
t(on) t(off) Turn-On Time Turn-Off Time IC = 10 mA, IB1 = 1.0 mA IB2 = 1.0 mA, VBB = 3.6 V, R1 = R2 = 5.0 k, RL = 990 150 800 ns ns
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
Typical Characteristics
Typical Pulsed Current Gain vs Collector Current
500
V CE = 5V
VCESAT - COLLECTOR EMITTER VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
Collector-Emitter Saturation Voltage vs Collect or Current
0.3 0.25 0.2 0.15 0.1 0.05 0 0.1
125 C 25 C
400 300
125 C
= 10
25 C
200 100 0 0.01
- 40 C
- 40 C
0.1 1 10 100 I C - COLLECTOR CURRENT (mA)
1 10 100 I C - COLLECTOR CURRE NT (mA)
300
BCX71K
PNP General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
1.2 1 0.8 0.6 0.4 0.2 0 0.1
V BEON - BAS E EMITTER ON VOLTAGE (V)
V BESAT - BASE EM ITTE R VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
= 10
Base Emitter ON Voltage vs Collector Current
1 0.8 0.6 0.4 0.2 0 0.1 V CE = 5V
- 40C 25 C 125 C
- 40
C
25 C 125 C
1 10 100 I C - COLLECTOR CURRE NT (mA)
300
1 10 I C - COLLECTOR CURRE NT (mA)
100 200
Collector-Cutoff Current vs Ambient Temperature
I CBO - COLLE CTOR CURRENT (nA) V CB = 50V 10
BVCER - BREAKDOWN VOLTAGE (V)
100
Collector-Emitter Breakdown Voltage with Resistance Between Emitter-Base
95 90
1
85
3
80
0.1
75
0.01 25
50 75 100 T A - AMBIE NT TEMP ERATURE ( C)
125
70 0.1
1
10
100
1000
RESISTANCE (k )
V CE - COLLECTOR-EMITTER VOLTAGE (V)
Collector Saturation Region
4
Input and Output Capacitance vs Reverse Voltage
100
Ta = 25C
f = 1.0 MHz
3
2
Ic =
100 uA
50 mA
300 mA
CAPACITANCE (pF)
10
Cib Cob
1
0 100 300 700 2000 4000
0.1
1
10
100
I B - BASE CURRENT (uA)
V CE - COLLECTOR VOLTAGE (V)
BCX71K
PNP General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
f T - GAIN BANDWIDTH PRODUCT (MHz)
Gain Bandwidth Product vs Collector Current
350
Power Dissipation vs Ambient Temperature
P D - POWER DISSIPATION (mW) 300 250 200 150 100 50 0 0 25 50 75 100 TEMPERATURE ( o C) 125 150
40
Vce = 5V
30
SOT-23
20
10
0 1 10 20 50 100 150
I C - COLLECTOR CURRENT (mA)
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of BCX71K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X