Part Number Hot Search : 
MAX1986 IRKV1 3F9454B 709ZCPB LT18T BCM5238 MLL969B LSR2641
Product Description
Full Text Search
 

To Download BCW32LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW32LT1 General Purpose Transistors
NPN Silicon
Features http://onsemi.com
* Pb-Free Package is Available
COLLECTOR 3
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC Value 32 32 5.0 100 Unit Vdc Vdc Vdc mAdc
1 BASE 2 EMITTER
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
3 1 2
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 -55 to +150 mW/C C/W mW mW/C C/W C D2 M Value Unit mW SOT-23 (TO-236AB) CASE 318 STYLE 6
MARKING DIAGRAM
1. FR-5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina.
M = Date Code
ORDERING INFORMATION
Device BCW32LT1 BCW32LT1G Package SOT-23 SOT-23 (Pb-Free) Shipping 3000 Units / Reel 3000 Units / Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2005
1
January, 2005 - Rev. 1
Publication Order Number: BCW32LT1/D
BCW32LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector -Emitter Breakdown Voltage (IC = 2.0 mAdc, VEB = 0) Collector -Base Breakdown Voltage (IC = 10 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCB = 32 Vdc, IE = 0) (VCB = 32 Vdc, IE = 0, TA = 100C) V(BR)CEO V(BR)CBO V(BR)EBO ICBO - - - - 100 10 nAdc mAdc 32 32 5.0 - - - - - - Vdc Vdc Vdc
ON CHARACTERISTICS
DC Current Gain (IC = 2.0 mAdc, VCE = 5.0 Vdc) Collector -Emitter Saturation Voltage (IC = 10 mAdc, IB = 0.5 mAdc) Base -Emitter On Voltage (IC = 2.0 mAdc, VCE = 5.0 Vdc) hFE 200 VCE(sat) - VBE(on) 0.55 - 0.70 - 0.25 Vdc - 450 Vdc -
SMALL-SIGNAL CHARACTERISTICS
Output Capacitance (IE = 0, VCB = 10 Vdc, f = 1.0 MHz) Noise Figure (IC = 0.2 mAdc, VCE = 5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz) Cobo NF - - - - 4.0 10 pF dB
TYPICAL NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25C)
20 IC = 1.0 mA en, NOISE VOLTAGE (nV) 300 mA BANDWIDTH = 1.0 Hz RS = 0 In, NOISE CURRENT (pA) 100 50 20 10 5.0 2.0 1.0 0.5 0.2 2.0 10 20 50 100 200 500 1 k f, FREQUENCY (Hz) 2k 5k 10 k 0.1 10 20 50 100 200 500 1 k f, FREQUENCY (Hz) 2k 5k 10 k 30 mA 10 mA IC = 1.0 mA 300 mA 100 mA BANDWIDTH = 1.0 Hz RS
10 7.0 5.0 10 mA 3.0
100 mA
30 mA
Figure 1. Noise Voltage
Figure 2. Noise Current
http://onsemi.com
2
BCW32LT1
NOISE FIGURE CONTOURS
(VCE = 5.0 Vdc, TA = 25C)
500 k RS , SOURCE RESISTANCE (OHMS) 200 k 100 k 50 k 20 k 10 k 5k 2k 1k 500 200 100 50 2.0 dB 3.0 dB 4.0 dB 6.0 dB 10 dB BANDWIDTH = 1.0 Hz 1M 500 k 200 k 100 k 50 k 20 k 10 k 5k 2k 1k 500 200 100
RS , SOURCE RESISTANCE (OHMS)
BANDWIDTH = 1.0 Hz
1.0 dB 2.0 dB 3.0 dB 5.0 dB 8.0 dB 10 20 30 50 70 100 200 300 IC, COLLECTOR CURRENT (mA) 500 700 1k
10
20
30
50 70 100 200 300 IC, COLLECTOR CURRENT (mA)
500 700
1k
Figure 3. Narrow Band, 100 Hz
Figure 4. Narrow Band, 1.0 kHz
500 k RS , SOURCE RESISTANCE (OHMS) 200 k 100 k 50 k 20 k 10 k 5k 2k 1k 500 200 100 50
10 Hz to 15.7 kHz
Noise Figure is defined as: NF + 20 log10 1.0 dB 2.0 dB 3.0 dB 5.0 dB 8.0 dB 10 20 30 50 70 100 200 300 500 700 1k en2 ) 4KTRS ) In 2RS2 1 2 4KTRS
en = Noise Voltage of the Transistor referred to the input. (Figure 3) I = Noise Current of the Transistor referred to the input. n (Figure 4) K = Boltzman's Constant (1.38 x 10-23 j/K) T = Temperature of the Source Resistance (K) R = Source Resistance (W)
S
IC, COLLECTOR CURRENT (mA)
Figure 5. Wideband
http://onsemi.com
3
BCW32LT1
TYPICAL STATIC CHARACTERISTICS
400
TJ = 125C
h FE, DC CURRENT GAIN
200
25C
-55 C 80 60 40 0.004 0.006 0.01 VCE = 1.0 V VCE = 10 V 0.02 0.03 0.05 0.07 0.1 0.2 0.3 0.5 0.7 1.0 2.0 IC, COLLECTOR CURRENT (mA) 3.0 5.0 7.0 10 20 30 50 70 100
100
Figure 6. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 TJ = 25C IC, COLLECTOR CURRENT (mA) 0.8 IC = 1.0 mA 10 mA 50 mA 100 mA
100
TA = 25C PULSE WIDTH = 300 ms 80 DUTY CYCLE 2.0%
IB = 500 mA 400 mA 300 mA
0.6
60 200 mA 40 100 mA 20 0
0.4
0.2 0 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 IB, BASE CURRENT (mA)
5.0 10
20
0
5.0 10 15 20 25 30 35 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
40
Figure 7. Collector Saturation Region
Figure 8. Collector Characteristics
1.2 V, VOLTAGE (VOLTS) 1.0 0.8 0.6 0.4 0.2 0 0.1
TJ = 25C
V, TEMPERATURE COEFFICIENTS (mV/C)
1.4
1.6 0.8
*APPLIES for IC/IB hFE/2 25C to 125C
VBE(sat) @ IC/IB = 10 VBE(on) @ VCE = 1.0 V
0
*qVC for VCE(sat) - 55C to 25C
-0.8 25C to 125C -1.6 qVB for VBE 0.2 - 55C to 25C 50 100
VCE(sat) @ IC/IB = 10 0.2 0.5 1.0 2.0 5.0 10 20 IC, COLLECTOR CURRENT (mA) 50 100
-2.4 0.1
0.5 1.0 2.0 5.0 10 20 IC, COLLECTOR CURRENT (mA)
Figure 9. "On" Voltages
Figure 10. Temperature Coefficients
http://onsemi.com
4
BCW32LT1
TYPICAL DYNAMIC CHARACTERISTICS
10 7.0 C, CAPACITANCE (pF) 5.0 Cib Cob TJ = 25C f = 1.0 MHz
3.0 2.0
1.0 0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
VR, REVERSE VOLTAGE (VOLTS)
Figure 11. Capacitance
http://onsemi.com
5
BCW32LT1
PACKAGE DIMENSIONS SOT-23 (TO-236AB) CASE 318-08 ISSUE AK
A L
3 1 2
BS
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
V
G C D H K J
DIM A B C D G H J K L S V
STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
BCW32LT1/D


▲Up To Search▲   

 
Price & Availability of BCW32LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X