Part Number Hot Search : 
D45128 IRFR2605 SSG4543C BAS20 05210G0A CS98200 T529H 8L05AMTF
Product Description
Full Text Search
 

To Download BCW3102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW31
BCW31
NPN General Purpose Amplifier
* This device is designed for general purpose applications at collector currents to 300mA. * Sourced from process 10.
3
2 1
SOT-23
Mark: D1
1. Base 2. Emitter 3. Collector
Absolute Maximum Ratings * Ta=25C unless otherwise noted
Symbol VCEO VCBO VEBO IC TJ, Tstg Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector current (DC) Operating and Storage Junction Temperature Range Value 32 32 5.0 500 -55 ~ +150 Units V V V mA C
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics Ta=25C unless otherwise noted
Symbol Parameter Test Condition IC = 2.0mA, IB = 0 IC = 10A, IB = 0 IC = 10A, IC = 0 VCB = 32V, IE = 0 VCB = 32V, IE = 0, TA = 100C IC = 2.0mA, VCE = 5.0V IC = 10mA, IB = 0.5mA IC = 2.0mA, VCE = 5.0V IC = 2.0mA, VCE = 5.0V f = 35MHz VCB = 10V, IE = 0, f = 1.0MHz IC = 0.2mA, VCE = 5.0V RS = 2.0k, f = 1.0kHz BW = 200Hz 0.55 200 4.0 10 pF dB 110 Min. 32 32 5.0 100 10 220 0.25 0.7 V V Typ. Max. Units V V V nA A Off Characteristics Collector-Base Breakdown Voltage V(BR)CBO V(BR)CEO V(BR)EBO ICBO Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current
On Characteristics hFE VCE(sat) VBE(on) fT Cobo NF DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage Current Gain Bandwidth Product Output Capacitance Noise Figure
Small Signal Characteristics
Thermal Characteristics TA=25C unless otherwise noted
Symbol PD RJA Parameter Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Max. 350 2.8 357 Units mW mW/C C/W
Device mounted on FR-4PCB 40mm x 40mm x 1.5mm
(c)2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
BCW31
Typical Characteristics
VCESAT- COLLECTOR-EMITTER VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
400
Vce = 5V 125 C
0.4 = 10 0.3
C 25
300
25 C
200
- 40 C
0.2
C 125
100
0.1
- 40 C
0 10
20 30 50 100 200 300 I C - COLLECTOR CURRENT (mA)
500
1
10 100 I C - COLLECTOR CURRENT (mA)
400
Figure 1. Typical Pulsed Current Gain vs Collector Current
Figure 2. Collector-Emitter Saturation Voltage vs Collector Current
VBESAT - COLLECTOR-EMITTER VOLTAGE (V)
1 0.8 0.6 0.4 0.2 0.1 1 10 100 I C - COLLECTOR CURRENT (mA) 300
C - 40
VBEON - BASE-EMITTER ON VOLTAGE (V)
1 0.8 0.6 0.4 V CE = 5V 0.2 1 10 100 I C - COLLECTOR CURRENT (mA) 500
C - 40
C 25
125 C
25C
125 C
= 10
Figure 3. Base-Emitter Saturation Voltage vs Collector Current
Figure 4. Base-Emitter On Voltage vs Collector Current
I CBO - COLLECTOR CURRENT (nA)
10 VCB = 60V
CAPACITANCE (pF)
100
f = 1.0 MHz
10
Cib Cob
1
1
0.1 25
50 75 100 125 TA - AMBIENT TEMPERATURE ( C)
150
0.1 0.1
1 10 Vce - COLLECTOR VOLTAGE (V)
100
Figure 5. Collector-Cutoff Current vs Ambient Temperature
Figure 6. Input and Outtput Capacitance vs Reverse Voltage
(c)2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
BCW31
Typical Characteristics
(Continued)
300 270 240 210 TIME (nS) 180 150 120 90 60 30 0 10
td tf tr
IB1 = IB2 = Ic / 10 V cc = 10 V
350
ts
P D - POWER DISSIPATION (mW)
300 250 200 150 100 50 0 0 25 50 75 100 TEMPERATURE ( o C) 125 150
SOT-23
20 30 50 100 200 I C - COLLECTOR CURRENT (mA)
300
Figure 7. Switching Times vs Collector Current
Figure 8. Power Dissipation vs Ambient Temperature
(c)2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
BCW31
Package Dimensions
SOT-23
0.20 MIN 2.40
0.10
0.40 0.03
1.30
0.10
0.45~0.60
0.03~0.10 0.38 REF
0.40 0.03 0.96~1.14 2.90 0.10
0.12 -0.023
+0.05
0.95 0.03 0.95 0.03 1.90 0.03 0.508REF
0.97REF
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. B1, August 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of BCW3102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X