Part Number Hot Search : 
FU5410 CB290 Z5243B LC104 LN2575 LN2575 Z5243B OM5216ST
Product Description
Full Text Search
 

To Download BCV46 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCV26, BCV46 PNP
Darlington Transistors PNP
Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage
Version 2004-01-20
Power dissipation - Verlustleistung
2.9 0.1 0.4
3
250 mW SOT-23 (TO-236) 0.01 g
1.1
Plastic case Kunststoffgehause
1.3 0.1
Type Code
1 2
2.5 max
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.9
Dimensions / Mae in mm 1 = B1 2 = E2 3 = C
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Base current - Basisstrom (dc) Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur VBE = 0 E open C open - VCES - VCB0 - VEB0 Ptot - IC - ICM - IB Tj TS
Grenzwerte (TA = 25/C) BCV26 30 V 40 V 10 V 250 mW 1) 500 mA 800 mA 100 mA 150/C - 65...+ 150/C BCV46 60 V 80 V
Characteristics (Tj = 25/C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, - VCB = 30 V IE = 0, - VCB = 60 V IC = 0, - VEB = 10 V - IC = 100 mA, - IB = 0.1 mA BCV26 BCV46 - ICB0 - ICB0 - IEB0 - VCEsat - - - -
Kennwerte (Tj = 25/C) Typ. - - - - Max. 100 nA 100 nA 100 nA 1V
Emitter-Base cutoff current - Emitterreststrom Collector saturation volt. - Kollektor-Sattigungsspg. 2)
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2%
1
6
Darlington Transistors
BCV26, BCV46
Characteristics (Tj = 25/C) Min. Base saturation voltage - Basis-Sattigungsspannung ) - IC = 100 mA, - IB = 0.1 mA BCV26 BCV46 BCV26 BCV46 BCV26 BCV46 VBEsat hFE hFE hFE hFE hFE hFE - VBEon fT - 4000 2000 10000 4000 20000 10000 - - RthA
1
Kennwerte (Tj = 25/C) Typ. - - - - - - - - 220 MHz Max. 1.5 V - - - - - - 1.4 V - 420 K/W 2) BCV27, BCV47
DC current gain - Kollektor-Basis-Stromverhaltnis 1) - VCE = 5 V, - IC = 1 mA - VCE = 5 V, - IC = 10 mA - VCE = 5 V, - IC = 100 mA
Base-Emitter voltage - Basis-Emitter-Spannung 1) - VCE = 5 V, - IC = 10 mA Gain-Bandwidth Product - Transitfrequenz - VCE = 5 V, - IC = 10 mA, f = 100 MHz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren
Marking - Stempelung Pinning - Anschlubelegung
BCV26 = FD
3
BCV46 = FE
3 T1 T2
1
2
1
2
1 2
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu
7


▲Up To Search▲   

 
Price & Availability of BCV46

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X