Part Number Hot Search : 
0G101 00N6T MMBZ523 00N6T 1008CR18 1T350 LNK302 LK112
Product Description
Full Text Search
 

To Download BCR569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR569
PNP Silizium Digital Transistor Switching circuit, inverter, interface circuit, driver circuit Built in bias resistor (R1 = 4.7k)
C 3
3
Thermal Resistance Junction - soldering point1) RthJS

2 1
VPS05161
R1
1 B
2 E
EHA07180
Type BCR569
Maximum Ratings Parameter
Marking XLs 1=B
Pin Configuration 2=E 3=C
Package SOT23
Symbol VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Value 50 50 5 30 500 330 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 79 C Junction temperature Storage temperature
mA mW C
215
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Dec-13-2001
BCR569
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 100 A, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 40 V, IE = 0 DC current gain 1) IC = 50 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 50 mA, IB = 2.5 mA Input off voltage IC = 100 A, VCE = 5 V Input on Voltage IC = 10 mA, VCE = 0.3 V Input resistor R1 Vi(on) Vi(off) VCEsat hFE ICBO V(BR)EBO V(BR)CBO V(BR)CEO typ. max.
Unit
50 50 5 120 0.4 0.5 3.2
4.7
100 630 0.3 0.8 1.5 6.2
V
nA V
k
AC Characteristics Transition frequency IC = 50 mA, VCE = 5 V, f = 100 MHz fT 150 MHz
1) Pulse test: t < 300s; D < 2%
2
Dec-13-2001
BCR569
DC Current Gain hFE = f (IC )
Collector-Emitter Saturation Voltage
VCE = 5V (common emitter configuration)
10 3
VCEsat = f (IC), hFE = 20
10 3
-
mA
hFE
10 2
10 2
10 1
IC
10 1 10 0 -1 10
0 1 2
10
10
10
mA 10
3
10 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
V
1.0
IC
VCEsat
Input on Voltage Vi(on) = f (IC )
Input off voltage Vi(off) = f (IC)
VCE = 0.3V (common emitter configuration)
10 3
mA
VCE = 5V (common emitter configuration)
10 1
mA
10 2
10 0
IC
10 1
10 0 10 -1
10 -1
10 -2 -1 10
IC
0 1
10
10
V
10
2
10 -2 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
V
1.0
Vi(on)
Vi(off)
3
Dec-13-2001
BCR569
Total power dissipation Ptot = f (TS )
400
mW
300
Ptot
250
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10 3
K/W
10 4
-
10 2
Ptotmax / PtotDC
10 3
10 1
10 2
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Dec-13-2001


▲Up To Search▲   

 
Price & Availability of BCR569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X