Part Number Hot Search : 
CPZ37R 25640 SN67020 25000 KA2411 G5753 02241 LL0FGS1
Product Description
Full Text Search
 

To Download BCR22PN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR22PN
NPN/PNP Silicon Digital Transistor Array Switching circuit, inverter, interface circuit, driver circuit Two (galvanic) internal isolated NPN/PNP Transistors in one package Built in bias resistor (R1=22k, R2=22k)
4 5 6

2 1
3
Tape loading orientation
Top View 654 W1s 123 Direction of Unreeling Position in tape: pin 1 opposite of feed hole side
EHA07193
VPS05604
Marking on SOT-363 package (for example W1s) corresponds to pin 1 of device
C1 6
B2 5
E2 4
R2 R1 TR1 R2 1 E1 2 B1 3 C2
EHA07176
TR2 R1
Type BCR22PN
Maximum Ratings Parameter
Marking WPs
Pin Configuration
Package
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
Symbol VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Value 50 50 10 30 100 250 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 115 C Junction temperature Storage temperature
mA mW C
Thermal Resistance Junction - soldering point 1) RthJS
140
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Dec-13-2001
BCR22PN
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 100 A, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Collector cutoff current VCB = 40 V, IE = 0 Emitter cutoff current VEB = 10 V, IC = 0 DC current gain 1) IC = 5 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA Input off voltage IC = 100 A, VCE = 5 V Input on Voltage IC = 2 mA, VCE = 0.3 V Input resistor Resistor ratio
AC Characteristics Transition frequency I C = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb fT
Unit max. 100 350 0.3 1.5 2.5 29 1.1 k nA A V V
typ. 22 1
V(BR)CEO V(BR)CBO ICBO IEBO hFE VCEsat Vi(off) Vi(on) R1 R1 /R2
50 50 50 0.8 1 15 0.9
-
130 3
-
MHz pF
1) Pulse test: t < 300s; D < 2%
2
Dec-13-2001
BCR22PN NPN Type
DC Current Gain hFE = f (IC ) VCE = 5V (common emitter configuration)
10 3
Collector-Emitter Saturation Voltage VCEsat = f (IC), hFE = 20
10 2
mA
hFE
10 2
IC
10 1 10 1 10 0 -1 10
0 1
10
10
mA
10
2
10 0 0.0
0.2
0.4
0.6
V
1.0
IC
VCEsat
Input on Voltage Vi(on) = f (IC ) VCE = 0.3V (common emitter configuration)
10 2
Input off voltage Vi(off) = f (IC) VCE = 5V (common emitter configuration)
10 1
mA
mA
10 0 10 1
IC
IC
10 -1 10 0 10 -2 10 -1 -1 10
0 1
10
10
V
10
2
10 -3 0.0
0.5
1.0
1.5
2.0
V
3.0
Vi(on)
Vi(off)
3
Dec-13-2001
BCR22PN PNP Type
DC Current Gain hFE = f (IC ) VCE = 5V (common emitter configuration)
10 3
Collector-Emitter Saturation Voltage VCEsat = f (IC), hFE = 20
10 2
mA
hFE
10 2
IC
10 1 10 1 10 0 -1 10
0 1
10
10
mA
10
2
10 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
V
1.0
IC
VCEsat
Input on Voltage Vi(on) = f (IC ) VCE = 0.3V (common emitter configuration)
10 2
Input off voltage V i(off) = f (IC) VCE = 5V (common emitter configuration)
10 1
mA
mA
10 1
10 0
IC
10 0
IC
10 -1 10 -1 -1 10
0 1
10
10
V
10
2
10 -2 0.0
0.5
1.0
1.5
2.0
V
3.0
Vi(on)
Vi(off)
4
Dec-13-2001
BCR22PN
Total power dissipation Ptot = f (TS )
300
mW
P tot
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
Ptotmax / PtotDC
-
10 2
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
5
Dec-13-2001


▲Up To Search▲   

 
Price & Availability of BCR22PN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X