Part Number Hot Search : 
CD909 167355 ALTECH BC547B BC547B N6111 BS1760 KP100A
Product Description
Full Text Search
 

To Download BCR192U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR192U
PNP Silicon Digital Transistor Array Preliminary data Switching circuit, inverter, interface circuit, driver circuit Two ( galvanic) internal isolated Transistors with good matching in one package Built in bias resistor (R1=22k, R2=47k)
C1 6 B2 5 E2 4
5 6
4

3 2 1
VPW09197
R2 R1 TR1 R2 1 E1 2 B1 3 C2
EHA07173
TR2 R1
Type BCR192U
Maximum Ratings Parameter
Marking WPs
Pin Configuration
Package
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SC74
Symbol VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Value 50 50 10 30 100 250 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 118 C Junction temperature Storage temperature
mA mW C
Thermal Resistance Junction - soldering point 1) RthJS
130
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Dec-13-2001
BCR192U
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 100 A, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Collector cutoff current VCB = 40 V, IE = 0 Emitter cutoff current VEB = 10 V, IC = 0 DC current gain 1) IC = 5 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA Input off voltage IC = 100 A, VCE = 5 V Input on Voltage IC = 2 mA, VCE = 0.3 V Input resistor Resistor ratio R1 R1 /R2 Vi(on) Vi(off) VCEsat hFE IEBO ICBO V(BR)CBO V(BR)CEO typ. max.
Unit
50 50 70 0.5 0.8 15 0.42
22 0.47
100 227 0.3 1.2 2.5 29 0.52
V
nA A V
k
-
AC Characteristics Transition frequency IC = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb 3 pF fT 200 MHz
1) Pulse test: t < 300s; D < 2%
2
Dec-13-2001
BCR192U
DC Current Gain hFE = f (IC )
Collector-Emitter Saturation Voltage
VCE = 5V (common emitter configuration)
10 3
VCEsat = f (IC), hFE = 20
10 2
mA
hFE
10 2
IC
10 1 10 1 10 0 -1 10
0 1
10
10
mA
10
2
10 0 0.0
0.2
0.4
0.6
V
1.0
IC
VCEsat
Input on Voltage Vi(on) = f (IC )
Input off voltage Vi(off) = f (IC)
VCE = 0.3V (common emitter configuration)
10 2
VCE = 5V (common emitter configuration)
10 1
mA
mA
10 0 10 1
IC
IC
10 -1 10 0 10 -2 10 -1 -1 10
0 1
10
10
V
10
2
10 -3 0.0
0.5
1.0
1.5
V
2.5
Vi(on)
Vi(off)
3
Dec-13-2001
BCR192U
Total power dissipation Ptot = f (TS )
300
mW
P tot
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
Ptotmax / PtotDC
10 2
RthJS
10 2
10 1
10 0
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Dec-13-2001


▲Up To Search▲   

 
Price & Availability of BCR192U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X