Part Number Hot Search : 
UPD72 0BVXI ST921 SST211DE 21FQ030 645ETT 2R600C BX7201
Product Description
Full Text Search
 

To Download BCM5645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5461
(R)
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
FEATURES * * * * * *
Fully-integrated 10BASE-T/100BASE-TX/1000BASE-T Gigabit Ethernet transceiver GMII, RGMII, RTBI, and MII MAC Interface options On-chip low-voltage regulators Fully compliant with IEEE 802.3, 802.3u, and 802.3ab standards 0.13 CMOS--low power and cost Low power - Less than 700 mW per port - Wake on LAN support - Advanced power management Trace matched output impedance Line-side loopback Low EMI emissions Cable-plant diagnostic - Cable-plant analyzer function detects cable plant impairments - Link quality indication LED - Automatic detection and correction of wiring pair swaps, pair skew, and pair polarity - Automatic MDI/MDIX crossover at all speeds Robust CESD tolerance Support for jumbo packets up to 9 KB IEEE 1149.1 (JTAG) boundary scan 128-pin MQFP, 117-pin BGA, and 100-pin FBGA packages
SUMMARY OF BENEFITS *
Simplifies system and board design. - Reduced I/O pin requirements with RGMII (over 50%). - Clock timing can be adjusted to eliminate board trace delays required by the RGMII specification. Provides interoperability with IEEE standard devices operating at 10, 100, and 1000 Mbps at half- and full-duplex. Lowers system BOM cost and simplifies system design. Requires no airflow or heatsink. Provides compliance with PCI 2.2 and PC99/PC2000. Eases system level debug. Reduces system design constraints to meet EMI emissions standards. Cable diagnostic function characterizes cable plant condition and immediately indicates cabling issues. - Prevents erroneous equipment return due to bad cable plants. - Prevents manufacturing fall-out due to bad cable plants. High CESD tolerance prevents equipment damage and return. Operates with larger packets for wider range of packet protocol support and improved efficiency. Ease of manufacturing with JTAG support, simplified power supply, and multiple MAC interfaces.
* * * * * * *
* * * *
* * *
* * * *
Transformer
RJ-45
Main Control Board Peripheral Board #1 Peripheral Board #2
BCM5464
BCM5461
BCM5645
24FE+2G Switch
Transformer
RJ-45
BCM5461
BCM5461 BCM5461
BCM5248
Octal 10/100 Mbps PHY
BCM5248
Octal 10/100 Mbps PHY
BCM5248
Octal 10/100 Mbps PHY
Gigabit Backplane Communication
1000BASE-T Gigabit Uplink
OVERVIEW
BCM5461
TX DAC Symbol Encoder
TXD[7:0] TX_EN TX_ER GTX_CLK TX_CLK
16
Gain Automatic Control
TRD [3:0]+
Echo Canceller
XTALK Canceller X3
COL CRS
PGA
ADC
FFE
DFE/ Trellis Decoder
Symbol Decoder/ Aligner
RX_CLK RX_DV RX_ER RXD[7:0]
AutoNegotiation
XTALI XTALO
Timing & Phase Recovery
Clock Generator Bias Generator MII Registers MII MGMT Control
MDC MDIO INTR
RDAC {1:2}*
Modes
BCM5461 Reference Design
Gigabit Ethernet transceiver. The BCM5461 is optimized for low power and small footprint size to enable backplane and uplink applications. By lowering system cost and reducing power dissipation by nearly 30%, the BCM5461 enables a new class of cost-effective Gigabit Ethernet equipment, driving the delivery of Gigabit bandwidth to the desktop. The BCM5461's Digital Signal Processor based architecture and advanced power management techniques combine to achieve robust and low power operation over the existing CAT 5 twisted-pair wiring. The BCM5461 architecture not only meets the requirements of 802.3, 802.3u, and 802.3ab, but maintains the industry's highest level of margin over IEEE requirements for Echo, NEXT, and FEXT. Low power is a key factor in implementing Gigabit small form factor NICs and uplinks and, at less than 700 mW per port, the BCM5461 has the industry's lowest power. For NIC applications, support for Wake on LAN enables compliance with PCI 2.2 and PC99/PC2000. Also, the BCM5461 has extremely low EMI emissions, which reduces the design constraints required to meet EMI emissions specifications. In addition to supporting the IEEE 802.3 Standard Gigabit Media Independent Interface (GMII), the BCM5461 also supports the RGMII and RTBI interfaces. RGMII is a reduced pin-count (12 versus 25) version of the GMII, and RTBI is a reduced pin-count version of TBI utilizing standard ASIC technology. The small package, multiple MAC interfaces, and streamlined power supply lowers system cost and simplifies the system and board level design. This device is another member of Broadcom's 0.13 Gigabit copper PHY family, joining the BCM5404, BCM5414, BCM5421, BCM5421S, BCM5424, BCM5434, BCM5464, and BCM5464S. The 0.13m process is the optimal process that offers the best performance, lowest cost, and lowest power for Gigabit copper solutions. Further, devices based on the 0.13 process offers an excellent long-term cost curve, enabling better cost reduction over time, compared to older technologies, without having to redesign or requalify a new part. The BCM5461 incorporates a number of advanced features. The link quality indicator LED provides installers with immediate visual notification of any problems with the wiring plant supporting operation at the desired speed. This includes physical wiring defects that the BCM5461 cannot automatically correct and channel conditions such as excessive cable length, and return loss, crosstalk, echo, and noise. Broadcom's cable analyzer software can be used with the device to provide remote management of the cable and first-level diagnostics and fault isolation. The BCM5461 also has ESD tolerance that exceeds typical industry standards. This prevents ESD damage not only during manufacturing but during CESD events in the field. Cable-sourced electrostatic discharge (CESD) is an ESD event that occurs when an electrically charged network cable is plugged into a network port, an issue becoming more prevalent with contemporary cable installations.
Broadcom(R), the pulse logo, Connecting everything(R), and the Connecting everything logo are among the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries and/or the EU. Any other trademarks or trade names mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2006 by BROADCOM CORPORATION. All rights reserved. 5461-PB05-R 04/17/06
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM5645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X