|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Electric Double Layer Capacitor: BOOSTCAP(R) Ultracapacitor Round, solder lead type Series: BCAP > Features: > > > > > > > > > > Dimensions similar to EN 60086-2 & EN 60285 Over 500,000 duty cycles 10 year life capability Higher energy vs. electrolytic Higher power vs. batteries Aluminum construction Round, double ended design Ultra-low internal resistance Resistant against reverse polarity UL Recognized > Applications: > > > > > Automotive subsystems Heavy duty vehicle subsystems Rail system power Windmill pitch control systems Wireless transmissions > Dimensions: Dimensions, mm Case Size BCAP0350 L 62 OD 33 Weight [g] 60 Vol. [I] 0.05 Typical package qty. 40 Product dimensions and specifications may change without notice. Please contact Maxwell Technologies directly for any technical specifications critical to application. Electric Double Layer Capacitor: BOOSTCAP(R) Ultracapacitor | Doc. # 1006287 | Rev. 6 | Electric Double Layer Capacitor: BOOSTCAP(R) Ultracapacitor > Specifications: Product Specification BCAP0350 Mounting Capacitance, CR [F] Voltage, UR Internal resistance, DC [ohm] Internal resistance, 1 kHz [ohm] Thermal Resistance, R (oC/W) th Tolerance Solder +/- 20% 2.5 +/- 25 % +/- 25 % 10.9 1500 1 -40 to 65 -40 to 70 T=DRthIc2Rd Standard 350 0.0032 0.0016 Discharging at Constant Current (25C) Short circuit current, Isc [A] Leakage current [mA] Operating temp. range [C] Storage temp. range [C] Endurance, Capacitance [F] Endurance, Resistance [ohm] Maximum energy, Emax [Wh/kg] Peak Power Density, Pd [W/kg] Power Density, Pd [W/kg] Life Time Cycle Life Caution, current possible with short circuit from UR 72 hrs, 25C < 20% decrease < 25% increase 5.1 16,275 3,900 C/CR < 20% decrease, ESR < 2 x increase C/CR < 20% decrease, ESR < 2 x increase 1000 hrs @ UR and 65C Full discharge from UR Matched Load See additional technical information from initial value after 10y @ 25C from initial value after 500K cycles @ 25C (I = 5A) > Markings: Capacitors are marked with the following information Rated capacitance, Rated voltage, product number, name of manufacturer, UL symbol, positive terminal, negative terminal and warning marking > Mounting Recommendations: Cells are designed to be soldered into series or parallel strings. Components should not be operated outside recommended limits. Parts can be ordered without tabs. > Additional Technical Information: Pd = (0.12 x E2/Rd)/M E = charge voltage (UR) Rd = internal resistance (DC) T=DRthIc2Rd D = duty cycle Ic= continuous current M = capacitor weight (kg) V = capacitor volume (l) Electric Double Layer Capacitor: BOOSTCAP(R) Ultracapacitor | Doc. # 1006287 | Rev. 6 | Electric Double Layer Capacitor: BMOD(R) Ultracapacitor Modules > T - duty cycle vs. operating current: > Curves generated under free convection at 25C ambient 1.00 T = Rth x Duty Cycle x I2 x RDC 0.90 0.80 0.70 0.60 0.50 T = 20 oC T = 30 oC T = 40 oC Rth = 10.9 C/W RDC = .0032 ohms o Duty Cycle 0.40 0.30 0.20 0.10 0.00 0 10 20 30 40 50 Current (A) 0.06 T = Rth x Duty Cycle x I2 x RDC T = 40 oC Rfth = 10.9 oC/W RDC = .0032 ohms T = 10 oC 60 70 80 90 100 0.05 0.04 Duty Cycle T = 30 C o 0.03 T = 20 oC 0.02 T = 10 oC 0.01 0.00 100 120 140 160 180 200 Current (A) 220 240 260 280 300 Patent Pending Worldwide Headquarters MAxWELL TECHNOLOgIEs 9244 Balboa Avenue * san Diego, 92123 CA, UsA PHONE: +(1) 858 503 3300 FAx: +(1) 858 503 3301 EMAIL: info@maxwell.com European Office MAxWELL TECHNOLOgIEs sA CH-1728 Rossens * switzerland PHONE: +41 (0) 26 411 85 00 FAx: +41 (0) 26 411 85 05 EMAIL: info@maxwell.com www.maxwell.com | Doc. # 1006287 | Rev. 6 | Electric Double Layer Capacitor: BOOSTCAP(R) Ultracapacitor |
Price & Availability of BCAP0350 |