Part Number Hot Search : 
2N6101 4AK19 MR2402 AD835AN RB2415 L431LVB N6117 MC1651
Product Description
Full Text Search
 

To Download BC856T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC856T
PNP Silicon AF Transistor Preliminary data For AF input stages and driver applications High current gain Low collector-emitter saturation voltage Complementary types: BC 846T
3

2 1
VPS05996
Type BC856AT BC856BT
Maximum Ratings Parameter
Marking 3As 3Bs 1=B 1=B
Pin Configuration 2=E 2=E 3=C 3=C
Package SC75 SC75
Symbol VCEO VCBO VCES VEBO IC ICM Ptot Tj Tstg
Value 65 80 80 5 100 200 250 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Collector-emitter voltage Emitter-base voltage DC collector current Peak collector current Total power dissipation, TS = 109 C Junction temperature Storage temperature
mA mA mW C
Thermal Resistance Junction - soldering point 1) RthJS
165
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Jan-08-2002
Electrical Characteristics at TA=25C, unless otherwise specified Symbol Values Parameter min. DC Characteristics per Transistor Collector-emitter breakdown voltage IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Collector-emitter breakdown voltage IC = 10 A, VBE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 Collector cutoff current VCB = 30 V, IE = 0 , TA = 150 C DC current gain 1) IC = 10 A, VCE = 5 V IC = 10 A, VCE = 5 V IC = 2 mA, VCE = 5 V IC = 2 mA, VCE = 5 V IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-emitter saturation voltage 1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-emitter voltage 1) IC = 2 mA, VCE = 5 V IC = 10 mA, VCE = 5 V VBE(ON) 600 650 750 820 VBEsat 700 850 BC856AT BC856BT BC856AT BC856BT VCEsat 90 250 300 650 hFE 125 220 140 250 180 290 250 475 ICBO 5 ICBO 15 V(BR)EBO 5 V(BR)CES 80 V(BR)CBO 80 V(BR)CEO 65 typ. max.
Unit
V
nA A -
Collector-emitter saturation voltage1)
mV
mV
1) Pulse test: t < 300s; D < 2%
2
Jan-08-2002
Electrical Characteristics at T A=25C, unless otherwise specified Parameter Symbol Values min. AC Characteristics per Transistor Transition frequency I C = 20 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Short-circuit input impedance I C = 2 mA, V CE = 5 V, f = 1 kHz BC856AT I C = 2 mA, V CE = 5 V, f = 1 kHz BC856BT Open-circuit reverse voltage transf.ratio I C = 2 mA, V CE = 5 V, f = 1 kHz BC856AT I C = 2 mA, V CE = 5 V, f = 1 kHz BC856BT Short-circuit forward current transf.ratio I C = 2 mA, V CE = 5 V, f = 1 kHz BC856AT I C = 2 mA, V CE = 5 V, f = 1 kHz BC856BT Open-circuit output admittance I C = 2 mA, V CE = 5 V, f = 1 kHz BC856AT I C = 2 mA, V CE = 5 V, f = 1 kHz BC856BT h22e 18 30 h21e 200 330 h12e 1.5 2 h11e 2.7 4.5 Ceb 8 Ccb 3 fT 250 typ. max.
Unit
MHz pF
k
10 -4
-
S
3
Jan-08-2002
Total power dissipation Ptot = f (TS )
300
mW
Ptot
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
10 2
Ptotmax/PtotDC
-
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Jan-08-2002
Transition frequency fT = f (IC) VCE = 5V
10 3 MHz
EHP00378
Collector-base capacitance CCB = f (VCBO Emitter-base capacitance CEB = f (VEBO)
BC 856...860 EHP00376
fT
5
C CB0 ( C EB0 )
12 pF 10
8
C EBO
10 2
6
5
4
C CBO
2
10 1 10 -1
5 10 0
5
10 1
mA C
10 2
0 10 -1
5
10 0
V VCB0
10 1 (VEB0 )
Collector cutoff current ICBO = f (TA ) VCB = 30V
10 4 nA
EHP00381
Collector-emitter saturation voltage IC = f (VCEsat), h FE = 20
10 2
EHP00380
CB0
10 3 5 10 2 5 10 1 5 10 5 10 -1
0
C
mA 100 C 25 C -50 C
max
10 1 5
typ
10 5
0
0
50
100
C TA
150
10 -1
0
0.1
0.2
0.3
0.4
V 0.5 VCEsat
5
Jan-08-2002
DC current gain hFE = f (IC ) VCE = 5V
10 3
EHP00382
Base-emitter saturation voltage IC = f (VBEsat), hFE = 20
10 2 mA
EHP00379
h FE 5
100 C 25 C
C
100 C 25 C -50C
10 2 5
-50 C
10 1 5
10 1 5
10 0 5
10 0 10 -2
5 10 -1
5 10 0
5 10 1
mA 10 2
10 -1
0
0.2
0.4
0.6
0.8
C
V 1.2 V BEsat
6
Jan-08-2002


▲Up To Search▲   

 
Price & Availability of BC856T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X