Part Number Hot Search : 
MDS213 ZPY13 100C0285 32M10V8 TD1509 TS820 BDW74A 100C0285
Product Description
Full Text Search
 

To Download BC847BVN-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: BC847BVN
Lead-free Green
BC847BVN
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * * * * * * * * * * *
Epitaxial Die Construction Two internally isolated NPN/PNP Transistors in one package Ultra-Small Surface Mount Package Lead Free By Design/RoHS Compliant (Note 2) "Green" Device (Note 3)
E1 B1 C2
A
C1 B2 E2
SOT-563
BC
KAW YM
D G
Dim A B C D G
Min 0.15 1.10 1.55 0.90 1.50 0.56 0.10 0.10
Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.30 0.18
Typ 0.25 1.20 1.60 1.00 1.60 0.60 0.20
Mechanical Data
Case: SOT-563 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking (See Page 3): KAW Ordering & Date Code Information: See Page 4 Weight: 0.003 grams (approximate)
Q1
C1 B2
K H
M
H K
L
L M
E2
All Dimensions in mm
Q2
E1
B1
C2
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current
@ TA = 25C unless otherwise specified
NPN, BC847B Type (Q1)
Value 50 45 6.0 100 200 200 Unit V V V mA mA mA VCBO VCEO VEBO IC ICM IEM
Characteristic
Symbol
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current
@ TA = 25C unless otherwise specified
PNP, BC857B Type (Q2)
Symbol VCBO VCEO VEBO IC ICM IEM Value -50 -45 -5.0 -100 -200 -200 Unit V V V mA mA mA
Characteristic
Thermal Characteristics
Characteristic Power Dissipation (Note 1) @TA = 25oC Operating and Storage Temperature Range
Notes:
Symbol Total Device Pd RJA Tj, TSTG
Value 150 833 -65 to +150
Unit mW C/W C
Thermal Resistance, Junction to Ambient (Note 1) @TA = 25oC
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS30627 Rev. 4 - 2
1 of 4 www.diodes.com
BC847BVN
(c) Diodes Incorporated
Electrical Characteristics
Characteristic (Note 4) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage Collector-Cutoff Current Gain Bandwidth Product Collector-Base Capacitance
Note:
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO hFE VCE(SAT) VBE(SAT) VBE(ON) ICBO fT CCBO Min 50 45 6 200 -- -- 580 -- -- -- 100 -- Typ -- -- -- 290 90 200 700 900 660 -- -- -- 300 3.5
NPN, BC847B Type (Q1)
Max -- -- -- 450 250 600 -- 700 720 15 5.0 -- 6.0 Unit V V V -- mV mV mV nA A MHz pF Test Condition IC = 10A, IB = 0 IC = 10mA, IB = 0 IE = 1A, IC = 0 VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA VCE = 5.0V, IC = 2.0mA VCE =5.0V, IC = 10mA VCB = 30V VCB = 30V, TA = 150C VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz
4. Short duration pulse test used to minimize self-heating effect.
1000
VCE, COLLECTOR SATURATION VOLTAGE (V)
VCE = 5V 100C
0.5
IC IB = 20
0.4
hFE, DC CURRENT GAIN
TA = 25C
100
-50C
0.3
0.2
TA = 100C
10
0.1
TA = 25C
1 0.01 0.1 1.0 10 100
0 0.1 1.0
TA = -50C
10
100
IC, COLLECTOR CURRENT (mA) Fig. 1, DC Current Gain vs Collector Current (BC847B Type)
IC, COLLECTOR CURRENT (mA) Fig. 2, Collector-Emitter Saturation Voltage vs Collector Current (BC847B Type)
1000 fT, GAIN BANDWIDTH PRODUCT (MHz)
TA = 25C
16 14
VCE = 10V
f = 1MHz
VCE =5V VCE = 2V
CAPACITANCE (pF)
12 10 8 6 4 Cobo 2 Cibo
100
10 0.1 1.0 10 100
0 0 5 10 15 20 25 30 VR, REVERSE VOLTAGE (V) Fig. 4, Capacitance vs. Reverse Voltage (BC847B Type)
IC, COLLECTOR CURRENT (mA) Fig. 3, Gain Bandwidth Product vs Collector Current (BC847B Type)
DS30627 Rev. 4 - 2
2 of 4 www.diodes.com
BC847BVN
Electrical Characteristics
Characteristic (Note 5) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage Collector-Cutoff Current Gain Bandwidth Product Collector-Base Capacitance
Note:
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO hFE VCE(SAT) VBE(SAT) VBE(ON) ICBO fT CCBO Min -50 -45 -5 220 -- -- -600 -- -- -- 100 -- Typ -- -- -- 290 -75 -250 -700 -850 -650 -- -- -- 200 3
PNP, BC857B Type (Q2)
Max -- -- -- 475 -300 -650 -- -950 -750 -820 -15 -4.0 -- 4.5 Unit V V V -- mV mV mV nA A MHz pF Test Condition IC = -10A, IB = 0 IC = -10mA, IB = 0 IE = -1A, IC = 0 VCE = -5.0V, IC = -2.0mA IC = -10mA, IB = -0.5mA IC = -100mA, IB = -5.0mA IC = -10mA, IB = -0.5mA IC = -100mA, IB = -5.0mA VCE = -5.0V, IC = -2.0mA VCE =- 5.0V, IC = -10mA VCB = -30V VCB = -30V, TA = 150C VCE = -5.0V, IC = -10mA, f = 100MHz VCB = -10V, f = 1.0MHz
5. Short duration pulse test used to minimize self-heating effect.
-1000
TA = 150C
-0.5 VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
VCE = 5V
IC IB = 10
-0.4
hFE, DC CURRENT GAIN
-100
TA = 25C TA = -50C
-0.3
-0.2
TA = 150C
TA = 25C
-10
-0.1
TA = -50C
-1 -1 -10 -100 -1000 IC, COLLECTOR CURRENT (mA) Fig. 5, DC Current Gain vs. Collector Current (BC857B Type)
0 -0.1
-1
-10
-100
-1000
IC, COLLECTOR CURRENT (mA) Fig. 6, Collector-Emitter Saturation Voltage vs. Collector Current (BC857B Type)
20
-1000 ft, GAIN BANDWIDTH PRODUCT (MHz)
VCE = -5V
18 16 CAPACITANCE (pF) 14 12 10 Cibo 8 6 4 2
f = 1MHz
-100
Cobo
-10 -1 -10 IC, COLLECTOR CURRENT (mA) Fig. 7, Gain Bandwidth Product vs Collector Current (BC857B Type) -100
0 0 5 10 15 20 25 30 VR, REVERSE VOLTAGE (V) Fig. 8, Capacitance vs. Reverse Voltage (BC857B Type)
DS30627 Rev. 4 - 2
3 of 4 www.diodes.com
BC847BVN
200 Pd, TOTAL POWER DISSIPATION (mW)
150
100
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 9, Derating Curve - Total Device
Ordering Information
Device BC847BVN-7
Notes:
(Note 6) Packaging SOT-563 Shipping 3000/Tape & Reel
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KAW YM
Date Code Key Year Code Month Code 2004 R Jan 1 2005 S Feb 2 2006 T March 3 Apr 4
KAW = Product Type Marking Code YM = Date Code Marking Y = Year ex: R = 2004 M = Month ex: 9 = September
2007 U May 5
2008 V Jun 6
2009 W Jul 7 Aug 8
2010 X Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30627 Rev. 4 - 2
4 of 4 www.diodes.com
BC847BVN


▲Up To Search▲   

 
Price & Availability of BC847BVN-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X