|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPICE MODELS: BC847BV Pb Lead-free BC847BV NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features NEW PRODUCT * * * * Epitaxial Die Construction Complementary PNP Type Available (BC857BV) Ultra-Small Surface Mount Package Lead Free By Design/RoHS Compliant (Note 3) C1 A B2 E2 SOT-563 BC K4V YM E1 B1 C2 Dim A B C D G Min 0.15 1.10 1.55 0.90 1.50 0.56 0.10 0.10 Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.30 0.18 Typ 0.25 1.20 1.60 1.00 1.60 0.60 0.20 0.11 Mechanical Data * * * * * * * * Case: SOT-563 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Marking (See Page 2): K4V Ordering & Date Code Information: See Page 2 Weight: 0.002 grams (approx.) D G K H M H K L L M SEE NOTE 1 C1 B2 E2 All Dimensions in mm E1 B1 C2 Maximum Ratings Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation (Note 2) @ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG Value 50 45 6.0 100 150 833 -55 to +150 Unit V V V mA mW C/W C Characteristic Thermal Resistance, Junction to Ambient (Note 2) Operating and Storage Temperature Range Notes: 1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). 2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. No purposefully added lead. DS30432 Rev. 2 - 2 1 of 3 www.diodes.com BC847BV a Diodes Incorporated Electrical Characteristics @ TA = 25C unless otherwise specified Symbol (Note 4) (Note 4) (Note 4) (Note 4) (Note 4) (Note 4) (Note 4) (Note 4) V(BR)CBO V(BR)CEO V(BR)EBO hFE VCE(SAT) VBE(SAT) VBE ICBO ICBO fT COBO NF Min 50 45 6 200 -- -- 580 -- -- 100 -- -- Typ -- -- -- 290 -- 700 900 660 -- -- -- -- -- Max -- -- -- 450 100 300 -- 700 770 15 5.0 -- 4.5 10 Unit V V V -- mV mV mV nA A MHz pF dB Test Condition IC = 10mA, IB = 0 IC = 10mA, IB = 0 IE = 1mA, IC = 0 VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA VCE = 5.0V, IC = 2.0mA VCE = 5.0V, IC = 10mA VCB = 30V VCB = 30V, TA = 150C VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz VCE = 5V, RS = 2.0kW, f = 1.0kHz, BW = 200Hz NEW PRODUCT Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Voltage Collector-Emitter Cutoff Current Gain Bandwidth Product Output Capacitance Noise Figure Ordering Information (Note 5) Device BC847BV-7 Notes: Packaging SOT-563 Shipping 3000/Tape & Reel 4. Short duration pulse test used to minimize self-heating effect. 5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information K4V YM K4V = Product Type Marking Code YM = Date Code Marking Y = Year (ex: P = 2003) M = Month (ex: 9 = September) Date Code Key Year Code Month Code 2003 P Jan 1 Feb 2 2004 R March 3 2005 S Apr 4 May 5 2006 T Jun 6 Jul 7 2007 U Aug 8 Sep 9 2008 V Oct O Nov N 2009 W Dec D DS30432 Rev. 2 - 2 2 of 3 www.diodes.com BC847BV 250 0.4 VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V) NEW PRODUCT IC IB = 20 Pd, POWER DISSIPATION (mW) 200 0.3 150 0.2 TA = 150C 0.1 TA = 25C 100 50 TA = -50C 0 0 -50 0 50 100 150 0.1 1 10 100 1000 TA, AMBIENT TEMPERATURE (C) Fig. 1, Derating Curve - Total 1000 hFE, DC CURRENT GAIN (NORMALIZED) TA = 150C TA = 25C IC, COLLECTOR CURRENT (mA) Fig. 2, Collector Emitter Saturation Voltage vs. Collector Current 1000 fT, GAIN BANDWIDTH PRODUCT (MHz) VCE = 5V 100 TA = -50C 100 10 10 1 1 10 100 1000 1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 4, Gain Bandwidth Product vs Collector Current IC, COLLECTOR CURRENT (mA) Fig. 3, DC Current Gain vs Collector Current DS30432 Rev. 2 - 2 3 of 3 www.diodes.com BC847BV |
Price & Availability of BC847BV-7 |