Part Number Hot Search : 
NTE1790 FSM30C DC37PQR5 C3833 YB18H EPA3490G MAX8934D TW0228A
Product Description
Full Text Search
 

To Download BC847BLD-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free Green
BC847BLD
SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
NEW PRODUCT
Features
* * * * * * * * * * * * *
Low Deviation in Base-Emitter Voltage Surface Mount Package Ideally Suited for Automated Assembly Processes Lead Free by Design/RoHS Compliant (Note 2) "Green" Device (Note 2)
Mechanical Data
Case: SOT-23 Case material: Molded Plastic. "Green Molding" Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals Connections: See Diagram Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe. Solderable per MIL-STD-202, Method 208 Marking Type Code Information: See Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate)
1 B 2 E C 3
Fig. 1 SOT-23
Fig. 2 : Schematic and Pin Configuration
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC ICM IEM Pd Pder Value 50 45 6 200 200 200 300 2.4 Unit V V V mA mA mA mW mW/C
Characteristic
Output Current - Continuous (Note 3) Peak Collector Current Peak Emitter Current Power Dissipation (Note 3) Power Deration
Thermal Characteristics
Characteristic Operating and Storage Junction Temperature Range Thermal Resistance, Junction to Ambient Air (Note 3)
Notes:
Symbol Tj, TSTG RqJA
Value -55 to +150 417
Unit C C/W
1. No purposefully added Lead 2. Diodes Inc.'s "Green" policy can be found on our website at http:/www.diodes.com/products/lead_free/index.php. 3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on page 4 or on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30824 Rev. 3 - 2
1 of 5 www.diodes.com
BC847BLD
a Diodes Incorporated
NEW PRODUCT
Electrical Characteristics: NPN Transistor
Characteristic OFF CHARACTERISTICS (Note 4) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Base Cutoff Current (IBEX) Collector-Base Cut Off Current Collector-Emitter Cut Off Current, IO(OFF) Emitter-Base Cut Off Current ON CHARACTERISTICS (Note 4) 180 150 DC Current Gain hfe 220 220 150 150 Collector-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Impedance Voltage Feedback Ratio Small Signal Current Gain Output Admittance Current Gain-Bandwidth Product Noise Figure COBO hie hre hfe hoe fT NF -- -- -- -- -- 100 -- 3 4.5 2 200 30 -- -- -- -- -- -- -- -- 10 pF KW x 10E-4 -- mS MHz dB VCE = 20V, IC = 10 mA, f = 100 MHz VCE = 5V, IC = 100A, RS = 1KW, f = 1kHz VCE = 5.0V, IC = 2mA, f = 1.0KHz VCB = 5.0V, f = 1.0 MHz, IE = 0 VCE(SAT) VBE(ON) VBE(SAT) -- -- 647 -- -- -- -- -- -- -- -- 0.09 0.2 657 -- -- -- -- -- -- -- -- 0.18 0.4 667 0.8 0.9 -- -- -- -- -- -- V V mV V V VCE = 5V, IC = 100mA VCE = 5V, IC = 500mA VCE = 5V, IC = 1mA VCE = 5V, IC = 2mA VCE = 5V, IC = 5mA VCE = 5V, IC = 10mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5mA VCE = 5V, IC = 2mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5mA V(BR)CBO V(BR)CEO V(BR)EBO ICEX IBL ICBO ICEO IEBO 50 45 6 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 15 15 15 5 50 50 V V V nA nA nA mA nA nA IC = 10mA, IE = 0 IC = 1.0mA, IB = 0 IE = 10mA, IC = 0 VCE = 50V, VEB(OFF) = 3.0V VCE = 40V, VEB(OFF) = 3.0V VCB = 40V, IE = 0 VCB = 30V, TA = 150oC VCE = 40V, IB = 0 VEB = 5V, IC = 0 @ TA = 25C unless otherwise specified Symbol Min Typ Max Unit Test Condition
Notes:
4. Short duration pulse test used to minimize self-heating effect.
Typical Characteristics
350
PD, POWER DISSIPATION (mW)
300 250 200 150 100 50 0 0 150 50 100 125 75 25 TA, AMBIENT TEMPERATURE (C) Fig. 3 Max Power Dissipation vs Ambient Temperature 175
RqJA = 417 C/W
o
DS30824 Rev. 3 - 2
2 of 5 www.diodes.com
BC847BLD
NEW PRODUCT
450
0.2
TA = 150C TA = 125C VCE=5V
IC, COLLECTOR CURRENT (A)
400 350
0.18 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02
Ib = 2mA Ib 1.5mA Ib = 1mA Ib = 3mA Ib = 2.5mA Ib = 3.5mA Ib = 4mA
Ib = 5mA
Ib = 4.5mA
hFE, DC CURRENT GAIN
300 250 200 150 100 50
TA = 85C TA = 25C TA = -55C
Ib = 0.5mA
0 1 10 100 1000
0
1
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
IC, COLLECTOR CURRENT (mA) Fig. 4 hFE vs IC
VCE, COLLECTOR EMITTER VOLTAGE (V) Fig. 5 IC vs VCE
0.6
1.4
Ic/Ib=10
VCE(SAT), COLLECTOR VOLTAGE (V)
VBE, BASE EMITTER VOLTAGE (V)
0.5 0.4 0.3 0.2 0.1 0 0.1 1 10
1.2 1 0.8 0.6 0.4 0.2 0 0.1
VCE=1V TA = 25C TA = -55C
TA = 150C TA = 125C TA = 85C TA = 25C TA = -55C 100 1000
TA = 150C TA = 85C TA = 125C 1 10 100 1000
IC, COLLECTOR CURRENT (mA) Fig. 6 VCE(SAT) vs IC
IC, COLLECTOR CURRENT (mA) Fig. 7 VBE vs IC
1.4
VBE, BASE EMITTER VOLTAGE (V)
1.2 1 0.8 0.6 0.4 0.2 0 0.1
Ic/Ib=10
TA = 25C TA = -55C
TA = 150C TA = 125C TA = 85C 1 100 1000
10
IC, COLLECTOR CURRENT (mA) Fig. 8 VBE(SAT) vs IC
DS30824 Rev. 3 - 2
3 of 5 www.diodes.com
BC847BLD
NEW PRODUCT
Ordering Information
Device BC847BLD-7
Notes:
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
4. For Packaging Details, please see below or go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
YM
2007 U
KLD
Fig. 9 Date Code Key Year Code Month Code Jan 1 2006 T Feb 2
KLD = Product Type Marking Code YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
2008 V Apr 4 May 5 Jun 6
2009 W Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
March 3
Mechanical Details
SOT-23 Dim
A
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
A B
B C
C D E G H
TOP VIEW
E
D G H K J L M
J K L M a
Fig. 10
All Dimensions in mm
Suggested Pad Layout: (Based on IPC-SM-782)
Figure 11 Dimensions Z
Z
Y
SOT-23 3.4 0.7 0.9 1.4 2.0 0.9
G
C
G X Y C E
X
E
Fig. 11
All Dimensions in mm
DS30824 Rev. 3 - 2
4 of 5 www.diodes.com
BC847BLD
NEW PRODUCT
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30824 Rev. 3 - 2
5 of 5 www.diodes.com
BC847BLD


▲Up To Search▲   

 
Price & Availability of BC847BLD-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X