Part Number Hot Search : 
IRF995 TLRF1060 PB1002S TBA120U PB1002S 80007 FR10A04 04365
Product Description
Full Text Search
 

To Download BC184LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC184LC
BC184LC
Silicon NPN Small Signal Transistor (Note 1)
* BVCEO = 30V (Min.) * hFE = 250 (Min.) @VCE = 5.0V, IC = 2mA
1
TO-92
1. Emitter 2. Collector 3. Base
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Dissipation (Ta=25C) (Note 2, 3) Junction Temperature Storage Temperature Value 45 30 5 200 625 150 - 55 ~ 150 Units V V V mA mW C C
Electrical Characteristics TC=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Test Condition IC = 10A IC = 2mA IE = 10A VCB = 30V VEB = 3V VCE = 5V, IC = 10A VCE = 5V, IC = 2mA VCE = 5V, IC = 100mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5mA IC = 100mA, IB = 5mA VCE = 5V, IC = 2mA VCE = 10V, f = 1MHz VCE = 5V, IC = 10mA f = 100MHz VCE = 5V, IC = 2mA f = 1KHz VCE = 5V, IC = 200mA RG = 2K, f = 1KHz 150 450 900 4 dB 0.55 100 250 130 0.25 0.6 1.2 0.7 5 V V V pF MHz Min. 45 30 5 15 15 Typ. Max. Units V V V nA nA
VCE(sat) VBE(sat) VBE(on) COB fT hFE NF
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Output Capacitance Current gain Bandwidth Product Small Signal Current Gain Noise Figure
Notes: 1. These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. 2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. 3. These ratings are based on a maximum junction temperature of 150degrees C.
(c)2002 Fairchild Semiconductor Corporation
Rev. A1, August 2002
BC184LC
Package Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A1, August 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of BC184LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X