Part Number Hot Search : 
40139E TD350A 0GA12 ZB6YD424 D27C1000 B3060 SMBJ5933 1N6272A
Product Description
Full Text Search
 

To Download BB833 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB833...
Silicon Tuning Diodes Extended frequency range up to 2.5 GHz; spezial design for use in TV-sat indoor units High capacitance ratio

1
BB833
2
Type BB833
Package SOD323
Configuration single
LS (nH) Marking 1.8 white X
Maximum Ratings at TA = 25C, unless otherwise specified Parameter Diode reverse voltage Peak reverse voltageForward current Operating temperature range Storage temperature R 5k IF Top Tstg 20 -55 ... 150 -55 ... 150 mA C Symbol VR VRM Value 30 35 Unit V
1
Nov-07-2002
BB833...
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. DC Characteristics Reverse current VR = 30 V VR = 30 V, TA = 85 C AC Characteristics Diode capacitance
VR = 1 V, f = 1 MHz VR = 28 V, f = 1 MHz CT
Unit max. nA 20 500
typ. -
IR
-
pF 8.5 0.6 9.3 0.75 12.4 1.8 10 0.9 3 %
Capacitance ratio
VR = 1 V, VR = 28 V, f = 1 MHz VR = 1 V, VR = 28 V, f = 1 MHz
CT1 /CT28 CT/CT
11 -
VR = 1 V, f = 470 MHz
1For
details please refer to Application Note 047.
2
Nov-07-2002
Series resistance
Capacitance matching1)
rS
BB833...
Diode capacitance CT =
f = 1MHz
BB 833
(VR)
Temperature coefficient of the diode
12 CT pF 10
EHD07121
10 -3
1/C
TCc
8
6
10 -4
4
2
0 10 0
10 1
V VR
10 2
10 -5 -1 10
10
0
3
capacitance TCc =
(VR )
10
1
V
10
2
VR
Nov-07-2002


▲Up To Search▲   

 
Price & Availability of BB833

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X