Part Number Hot Search : 
LQVXMXXX 1N581 SL6236 MAX3724D KIC6981F S2415 PM2002 MIC811M
Product Description
Full Text Search
 

To Download BB207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BB207
FM variable capacitance double diode
Rev. 02 -- 27 April 2004 Product data sheet
1. Product profile
1.1 General description
The BB207 is a variable capacitance double diode with a common cathode, fabricated in silicon planar technology, and encapsulated in the SOT23 small plastic SMD package.
1.2 Features
s s s s s Excellent linearity Cd(1V): 81 pF; Cd(7.5V): 27.6 pF Cd(1V) to Cd(7.5V) ratio: min. 2.6 Very low series resistance Small plastic SMD package.
1.3 Applications
s Electronic tuning in FM-radio.
2. Pinning information
Table 1: Pin 1 2 3 Discrete pinning Description anode 1 anode 2 common cathode
3
Simplified outline
Symbol
3
1
2
1 Top view
2
sym032
3. Ordering information
Table 2: Ordering information Package Name BB207 Description plastic surface mounted package; 3 leads Version SOT23 Type number
Philips Semiconductors
BB207
FM variable capacitance double diode
4. Marking
Table 3: BB207
[1] * = p: made in Hong Kong. * = w: made in China.
Marking Marking code [1] *13
Type number
5. Limiting values
Table 4: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Per diode VR IF Tstg Tj continuous reverse voltage continuous forward current storage temperature junction temperature -55 -55 15 20 +150 +125 V mA C C Parameter Conditions Min Max Unit
6. Characteristics
Table 5: Electrical Characteristics Tj = 25 C unless otherwise specified. Symbol Per diode IR rs Cd reverse current diode series resistance diode capacitance VR = 15 V; see Figure 2 VR = 15 V; Tj = 85 C; see Figure 2 f = 100 MHz; VR = 3 V VR = 1 V; f = 1 MHz; see Figure 1 VR = 3 V; f = 1 MHz; see Figure 1 VR = 7.5 V; f = 1 MHz; see Figure 1 VR = 8 V; f = 1 MHz; see Figure 1 C d ( 1V ) ------------------C d ( 7.5V ) capacitance ratio f = 1 MHz - - - 76 - 25.5 - 2.6 - - 0.2 81 50.5 27.6 26.3 - 10 200 0.4 86 - 29.7 - 3.3 nA nA pF pF pF pF Parameter Conditions Min Typ Max Unit
9397 750 13003
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 27 April 2004
2 of 7
Philips Semiconductors
BB207
FM variable capacitance double diode
100 Cd (pF) 80
001aaa620
60
40
20
0 10-1
1
10 VR (V)
102
f = 1 MHz; Tj = 25 C.
Fig 1. Diode capacitance as a function of reverse voltage; typical values.
103 IR (nA) 102
001aaa621
10-2 TCd (K-1) 10-3
001aaa622
10
10-4
1 0 20 40 60 80 Tj (C) 100
10-5 10-1
1
10 VR (V)
102
Fig 2. Reverse current as a function of junction temperature; maximum values.
Fig 3. Temperature coefficient of diode capacitance as a function of reverse voltage; typical values.
9397 750 13003
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 27 April 2004
3 of 7
Philips Semiconductors
BB207
FM variable capacitance double diode
7. Package outline
Plastic surface mounted package; 3 leads SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
Fig 4. Package outline.
9397 750 13003 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 27 April 2004
4 of 7
Philips Semiconductors
BB207
FM variable capacitance double diode
8. Revision history
Table 6: BB207_2 Modifications: BB207_N_1 Revision history Release date Data sheet status 20040427 Product data Change notice Order number Supersedes 9397 750 13003 BB207_N_1 Document ID
*
The format of this data sheet has been redesigned to comply with the new presentation and information standard of Philips Semiconductors. Preliminary data 9397 750 12695 -
20031117
9397 750 13003
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 27 April 2004
5 of 7
Philips Semiconductors
BB207
FM variable capacitance double diode
9. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
10. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
11. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
12. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 13003
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 27 April 2004
6 of 7
Philips Semiconductors
BB207
FM variable capacitance double diode
13. Contents
1 1.1 1.2 1.3 2 3 4 5 6 7 8 9 10 11 12 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . General description. . . . . . . . . . . . . . . . . . . . . . Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . Pinning information . . . . . . . . . . . . . . . . . . . . . . Ordering information . . . . . . . . . . . . . . . . . . . . . Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 1 2 2 2 4 5 6 6 6 6
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 27 April 2004 Document order number: 9397 750 13003
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of BB207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X