Part Number Hot Search : 
10N60 2N2484 16237 16237 ZS20XI MBT2222A 10N60 VDZ20B
Product Description
Full Text Search
 

To Download BAV99WT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
BAV99WT
* * * *
Features
Low Current Leakage Low Cost Small Outline Surface Mount Package Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
C/A Pin Configuration Top View
200mW 75Volt Plastic-Encapsulate Diode
SOT-323
A D
KJG
A C
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C
F E B C
Electrical Characteristics @ 25C Unless Otherwise Specified
Reverse Voltage Average Rectified Output Current Power Dissipation Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Reverse Recovery Time VR IO PTOT VF 75V 150mA 200mW 715mV IFM = 1mA; 855mV IFM = 10mA; 1000mV IFM = 50mA; 1250mV IFM = 150mA; 2.5A VR=75Volts TJ = 25C
G
H
J
K DIMENSIONS INCHES MIN MAX .071 .087 .045 .053 .079 .087 .026 Nominal .047 .055 .012 .016 .000 .004 .035 .039 .004 .010 .012 .016 MM MIN MAX 1.80 2.20 1.15 1.35 2.00 2.20 0.65Nominal 1.20 1.40 .30 .40 .000 .100 .90 1.00 .100 .250 .30 .40
IR
DIM A B C D E F G H J K
NOTE
Suggested Solder Pad Layout CJ 2.0pF
0.70
Measured at 1.0MHz, VR=0V Trr 4nS IF=10mA VR = 0V RL=100 *Pulse test: Pulse width 300 sec, Duty cycle 2%
0.90
1.90
0.65 0.65
Revision: 3
www.mccsemi.com
1 of 3
2006/05/13
BAV99WT
MCC
TM
Micro Commercial Components
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
10,000
IR, LEAKAGE CURRENT (nA)
100
1000
10
100
1.0
10
0.1
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature
Revision: 3
www.mccsemi.com
2 of 3
2006/05/13
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 3
3 of 3
2006/05/13


▲Up To Search▲   

 
Price & Availability of BAV99WT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X