Part Number Hot Search : 
TL014 ADC908FP TDA8405 BC182 F45ITR F45ITR FW21154 BA2266A
Product Description
Full Text Search
 

To Download BAV99N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
High -speed double diode
Spec. No. : C328N3 Issued Date : 2003.04.08 Revised Date Page No. : 1/4
BAV99N3
Description
The BAV99N3 consists of two high-speed switching diodes connected in series, fabricated in planar technology, and encapsulated in the small SOT-23 plastic SMD package.
Equivalent Circuit
BAV99N3
2 1
SOT-23
Common connection
3
1Anode 2Cathode 3Common connection
Anode
Cathode
Features
* Small plastic SMD package * High switching speed: max. 4ns * Continuous reverse voltage: max. 75V * Repetitive peak reverse voltage: max. 85V
* Repetitive peak forward current: max. 450mA.
Applications
* High-speed switching in thick and thin-film circuits.
BAV99N3
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings @TA=25
Parameters Repetitive peak reverse voltage Continuous reverse voltage Continuous forward current(single diode loaded) Continuous forward current(double diode loaded) Repetitive peak forward current Non-repetitive peak forward current @square wave, Tj=125 prior to surge t=1s t=1ms t=1s Total power dissipation(Note 1) Junction Temperature Storage Temperature
Note 1: Device mounted on an FR-4 PCB.
Spec. No. : C328N3 Issued Date : 2003.04.08 Revised Date Page No. : 2/4
Symbol VRRM VR IF IFRM IFSM Ptot Tj Tstg
Min -65
Max 85 75 215 125 450 4 1 0.5 250 150 +150
Unit V V mA mA A A A mW C C
Electrical Characteristics @ Tj=25 unless otherwise specified
Parameters Forward voltage Symbol VF Conditions IF=1mA IF=10mA IF=50mA IF=150mA VR=25V VR=75V VR=25V,Tj=150 VR=75V,Tj=150 VR=0V, f=1MHz when switched from IF=10mA to IR=10mA,RL=100, measured at IR=1mA when switched from IF=10mA tr=20ns Min Typ. Max 715 855 1 1.25 30 1 30 50 1.5 4 1.75 Unit mV mV V V nA A A A pF ns V
Reverse current Diode capacitance Reverse recovery time Forward recovery voltage
IR Cd trr Vfr
-
-
Thermal Characteristics
Symbol Rth,j-tp Rth, j-a Parameter thermal resistance from junction to tie-point thermal resistance from junction to ambient Conditions
Note 1
Value 360 500
Unit /W /W
Note 1: Device mounted on an FR-4 PCB.
BAV99N3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Forward Current vs Ambient Temperature
250 225 275 Forward Current---IF(mA) 250 225 200 175 150 125 100 75 50 25 0 0 50 100 150 200 0 0.2
Spec. No. : C328N3 Issued Date : 2003.04.08 Revised Date Page No. : 3/4
Forward Current vs Forward Voltage
Forward Current---IF(mA)
200 175 150 125 100 75 50 25 0
single diode loaded double diode loaded
Ambient Temperature---Ta() Non-repetitive peak forward current vs pulse duration 100 Non-repetitive peak forward current---IFSM(A)
Diode Capacitance---CD(pF)
0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
0.4 0.6 0.8 1 Forward Voltage---VF(V)
1.2
1.4
Diode Capacitance vs Reverse Voltage
10
1
0.1 1 10 100 1000 10000 Pulse Duration---tp(s)
0
2
4
6
8
10
12
14
16
Reverse Voltage---VR(V)
BAV99N3
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
Spec. No. : C328N3 Issued Date : 2003.04.08 Revised Date Page No. : 4/4
Marking:
A L 3 B 1 2 3-Lead SOT-23 Plastic Surface Mounted Package CYStek Package Code: N3 Style: Pin 1.Anode 2.Cathode 3.Common connection D K S
A7 TE
V
G
C
H
J
*: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BAV99N3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BAV99N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X