Part Number Hot Search : 
SK100B MSA180 IS89C64 T8301 SR5000 WR206 780024 BD3835FS
Product Description
Full Text Search
 

To Download BAT60B-SOD-323 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-323 Plastic-Encapsulate Diodes
SOD-323
BAT60B
FEATURES
SCHOTTKY DIODES +
High current rectifier Schottky diode Low voltage, low inductance For power supply For detection and step-up-conversion
with low VF drop
-
MARKING: W5 Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter Non-Repetitive Peak reverse voltage Forward current Forward surge Current Power dissipation Junction temperature Storage temperature tp=10ms TC=25 Symb ol VRM IF IFSM Ptot TJ TSTG Limits 10 3 5 350 150 -65~+150 Unit V A A mW
Electrical Ratings @TA=25
Parameter Symbol Min. Typ Max. 300 Forward voltage VF 380 500 600 Reverse current Capacitance between terminals IR CT 15 25 30 A pF mV Unit Conditions IF=10mA IF=100mA IF=500mA IF=1000mA VR=5V VR=8V VR=5V,f=1MHz
Typical Characteristics
BAT60B


▲Up To Search▲   

 
Price & Availability of BAT60B-SOD-323

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X