Part Number Hot Search : 
1N5400 473K1 LPRAG30L ZMY12 K1538 GRM155 231549P MMBD717
Product Description
Full Text Search
 

To Download BAT43WS-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
BAT42WS / BAT43WS
Pb
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
! ! ! Low Turn-on Voltage A
SOD-323 Dim Min 2.30 1.75 1.15 0.25 0.05 0.70 0.30 Max 2.70 1.95 1.35 0.35 0.15 0.95 -- A B C D
Fast Switching PN Junction Guard Ring for Transient and ESD Protection ! Designed for Surface Mount Application C ! Plastic Material - UL Recognition Flammability Classification 94V-O E
D B G
Mechanical Data
! ! ! ! ! ! Case: SOD-323, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.004 grams (approx.) Marking: BAT42WS L2 BAT43WS L3 Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E G H
All Dimensions in mm
H
Maximum Ratings
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s @ t < 10ms
Symbol VRRM VRWM VR IF IFRM IFSM Pd RJA Tj, TSTG
BAT42WS / BAT43WS
Unit
30 200 500 4.0 200 625 -55 to +125
V mA mA A mW K/W C
BAT42WS / BAT43WS
1 of 4
(c) 2006 Won-Top Electronics
Electrical Characteristics
Characteristic Reverse Breakdown Voltage
@TA=25C unless otherwise specified
Symbol V(BR)R BAT42WS
Min 30
Typ --
Max -- 0.4
Unit V
Test Condition @ IRS = 100A @ IF = 1.0mA
Forward Voltage
BAT42WS BAT43WS BAT43WS
VF
--
--
1.0 0.33 1.0
V
@ IF = 200mA @ IF = 2.0mA @ IF = 200mA
Reverse Leakage Current Junction Capacitance Reverse Recovery Time
IR Cj trr
-- -- --
-- -- --
0.5 10 5.0
A pF nS
@ VR = 25V VR = 1.0V, f = 1.0MHz IF = IR = 10mA, IRR = 0.1 x IR, RL = 100
Note: 1. Valid provided that terminals are kept at ambient temperature.
BAT42WS / BAT43WS
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
0.025 (0.63)
Lx
Cathode Lx x = Polarity Band = Device Code = 2 (BAT42WS) or 3 (BAT43WS)
0.063 (1.60)
0.033 (0.83)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Inspection Hole Direction of Unreeling
4mm 178mm 8mm
4mm 8mm Product ID Label 1.6mm
Reel Diameter (mm) 178
Quantity (PCS) 5,000
Inner Box Size L x W x H (mm) 187 x 187 x 65
Quantity (PCS) 25,000
Carton Size L x W x H (mm) 390 x 240 x 420
Quantity (PCS) 250,000
Approx. Gross Weight (KG) 10.0
Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
BAT42WS / BAT43WS
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
BAT42WS-T1 BAT43WS-T1
1. 2.
Package Type
SOD-323 SOD-323
Shipping Quantity
5000/Tape & Reel 5000/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, BAT42WS-T1-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
BAT42WS / BAT43WS
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of BAT43WS-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X