Part Number Hot Search : 
HIP6301 HMC98012 DTC124E 104M1 CFR10XSA CDBF0340 XHXXX YB18T5
Product Description
Full Text Search
 

To Download BAT43W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-123 Plastic-Encapsulate Diode
BAT42W/BAT43W
SCHOTTKY DIODE
SOD-123
Features
* * * Low Forward Voltage Drop Fast Switching Time Surface Mount Package Ideally Suited for Automatic Insertion
2.70
1.6 1.05
Marking:
BAT42W:S7 BAT43W:S8
Unit:mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Power Dissipation Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s Non-Repetitive Peak Forward Surge Current @ t < 10ms Symbol VRRM VRWM VR VR(RMS) IFM IFRM IFSM Pd RqJA Tj , TSTG BAT42W / BAT43W 30 21 200 500 4.0 200 625 -55 to +125 Unit V V mA mA A mW K/W C
Electrical Characteristics
Characteristic Forward Voltage Drop
@ TA = 25C unless otherwise specified Symbol All Types BAT42W BAT42W BAT43W BAT43W Min 3/4 3/4 3/4 0.26 3/4
3/4
Max 1.0 0.40 0.65 0.33 0.45 500 100 10 5.0 3/4
Unit
Test Condition IF = 200mA IF = 10mA IF = 50mA IF = 2.0mA IF = 15mA VR = 25V VR = 25V, Tj = 100C VR = 1.0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W RL = 15W, CL = 300pF, f = 45MHz, VRF = 2.0V
VFM
V
Maximum Peak Reverse Current Junction Capacitance Reverse Recovery Time Rectification Efficiency
IRM Cj trr hv
nA mA pF ns %
3/4 3/4 80
Notes:
1. Valid provided that terminals are kept at ambient temperature.
0.55
3.70
1 /1
SOD-123 PACKAGE OUTLINE DIMENSIONS
E
A1
A2
b
E1
A
L 0.20
L1
|E
Symbol A A1 A2 b c D E E1 L L1 |E
Dimensions In Millimeters Min 1.050 0.000 1.050 0.450 0.080 1.500 2.600 3.550 0.500REF 0.250 0 0.450 8 Max 1.250 0.100 1.150 0.650 0.150 1.700 2.800 3.850 Min
c
Dimensions In Inches Max 0.049 0.004 0.045 0.026 0.006 0.067 0.110 0.152 0.020REF 0.010 0 0.018 8 0.041 0.000 0.041 0.018 0.003 0.059 0.102 0.140
D


▲Up To Search▲   

 
Price & Availability of BAT43W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X