Part Number Hot Search : 
C1321 PH3120L I15E5 PNA4611M R1500 N74F641N 74HCT244 IR3N81A
Product Description
Full Text Search
 

To Download BAT43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BAT 42 BAT 43
SMALL SIGNAL SCHOTTKY DIODES
DESCRIPTION General purpose, metal to silicon diodes featuring very low turn-on voltage fast switching. These devices have integrated protection against excessivevoltage such as electrostaticdischarges. ABSOLUTE RATINGS (limiting values)
Symbol VRRM IF IFRM IFSM Ptot Tstg Tj TL Parameter Repetitive Peak Reverse Voltage Forward Continuous Current Repetitive Peak Fordware Current Surge non Repetitive Forward Current* Power Dissipation* Storage and Junction Temperature Range Maximum Temperature for Soldering during 10s at 4mm from Case Ta = 25 C tp 1s 0.5 tp = 10ms Tl = 65 C
DO 35 (Glass)
Value 30 200 500 4 200 - 65 to +150 - 65 to +125 230
Unit V mA mA A mW C C C
THERMAL RESISTANCE
Symbol Rth(j-a) Junction-ambient* Test Conditions Value 300 Unit C/W
* On infinite heatsink with 4mm lead length
August 1999 Ed: 1A
1/4
BAT 42/BAT 43
ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS
Symbol V BR V F* Tj = 25C Tj = 25C Tj = 25C Tj = 25C Tj = 25C Tj = 25C IR* Tj = 25C Tj = 100C Test Conditions IR = 100A IF = 200mA IF = 10mA IF = 50mA IF = 2mA IF = 15mA VR = 25V BAT 43 0.26 All Types BAT 42 Min. 30 1 0.4 0.65 0.33 0.45 0.5 100 A Typ. Max. Unit V V
DYNAMIC CHARACTERISTICS
Symbol C trr h Tj = 25C VR = 1V Tj = 25C IF = 10mA Test Conditions f = 1MHz IR = 10mA irr = 1mA RL = 100 80 Min. Typ. 7 5 Max. Unit pF ns %
Tj = 25C RL = 15K C L = 300pF f = 45MHz Vi = 2V
< 2%.
* Pulse test: tp 300s
Figure 1. Forward current versus forward voltage at different temperatures (typical values).
Figure 2. Forward current versus forward voltage (typical values).
2/4
(R)
BAT 42/BAT 43
Figure 3. Reverse current versus junction temperature (typical values). Figure 4. Reverse current versus continuous reverse voltage.
Figure 5. Capacitance C versus reverse applied voltage VR (typical values).
(R)
3/4
BAT 42/BAT 43
PACKAGE MECHANICAL DATA DO 35 Glass
DIMENSIONS
B note 1 E A B E note 1 OC /
REF.
Millimeters Min. Max. 4.50 2.00
Inches Min. 0.120 0.060 0.500 Max. 0.177 0.079
A B
OD / note 2 OD /
3.05 1.53 12.7 0.458
C D
0.558
0.018
0.022
Cooling method: by convection and conduction Marking: clear, ring at cathode end. Weight: 0.15g
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as criticalcomponents in life support devices or systems withoutexpress written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
4/4
(R)


▲Up To Search▲   

 
Price & Availability of BAT43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X