Part Number Hot Search : 
1N5235 215002 BU606 IRZ24 S1616 IMB9A SMK0860P 1N4750P
Product Description
Full Text Search
 

To Download BAS70WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70WS
Surface Mount Schottky Barrier Diode
P b Lead(Pb)-Free
Features: * LOW Turn-on Voltage * Fast Switching * PN Junction Guard for Transient and ESD Protection * Designed for Surface Mount Application
SCHOTTKY DIODE 70 mAMPERES 70 VOLTS
1 2
Mechanical Data: * Case: SOD-323, * Plastic Material -UL Recognition Flammability Classification 94V-O * Leads: Solderable per MIL-STD-202, Method 208 * Polarity: Cathode Band * Weight: 0.004 grams(approx.)
SOD-323
SOD-323 Outline Demensions
Unit:mm
MILLMETERS Min Max
1.60 1.80 1.15 1.35 0.80 1.00 0.25 0.40 0.15 REF 0.00 0.10 0.089 0.377 2.30 2.70
PIN 1.CATHODE 2.ANODE
Dim A B C D E H J K
http://www.weitron.com.tw
WEITRON
1/3
19-May-06
BAS70WS
Maximum Ratings
Characteristic
Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current Peak forward surge current @<1.0s Power Dissipation Thermal Resistance Junction to Ambient Junction temperature Range Storage temperature Range
(TA =25C Unless otherwise noted) Symbol
VRRM VRWM VR IF IFSM PD RJA TJ TSTG
Value
70 70 100 200 625 150 -55 to +150
Unit
V mA mA mW K/W C C
Electrical Characteristics
Characteristic
Forward Voltage IF =1.0mA IF =15mA Reverse Current VR=50V Total Capacitance VR=0V, f=1.0MHz Reverse Recovery Time IF=IR=10mA, Irr=0.1 x IR, RL=100
(TA =25C Unless otherwise noted) Symbol
VF
Min -
Typ -
Max
0.41 1.0 100 2 5
Unit
V
IR CT trr
nA
pF ns
Device Marking
Item BAS70WS Marking K73 Eqivalent Circuit diagram
1 2
WEITRON
http://www.weitron.com.tw
2/3
19-May-06
BAS70WS
Electrical Characteristic curves(Ta=25C)
IF (mA)
100
TA= 85C
(A)
10
IR
100
TA= 125C
10
TA= 125C
1
1 0.1 0.1
TA= 25C
TA= 85C
0.01
TA= 25C
TA= -40C
0.01
0
0.2
0.4
0.6
0.8
VF (V)
1
0.001
0
20
40
60
VR (V)
80
Fig.1 Forward current as a function of forward voltage; typical values.
Fig.2 Reverse current as a function of reverse voltage; typical values.
1000
rdiff
2
f=10kHz.
Cd (pF) 1.5
f=1MHz,
100
1
10
0.5
TA= 25C
1 0.1 1 10 IF (mA) 100
0
0
20
40
60
VR (V)
80
Fig.3 Differential forward resistance as a function
Fig.4 Diode capacitance as a function of reverse
WEITRON
http://www.weitron.com.tw
3/3
19-May-06


▲Up To Search▲   

 
Price & Availability of BAS70WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X