Part Number Hot Search : 
1H100 B2567 AT1312C SB206 LM267 GS711 1N4740 FMMTA20
Product Description
Full Text Search
 

To Download BAS40WX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
BAS40WX
Features
l l l Fast Switching Speed Low Turn-on Voltage Surface Mount Package Ideally Suited for Automatic Insertion
Surface Mount Schottky Barrier Diode 350mW SOD-323
D E
l PN Junction Guard Ring for Transient and ESD Protection
Mechanical Data
l Marking: 43 l Polarity: Indicated by Cathode Band l Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current(Note1) Forward Surge Current @ t<1.0s Power Dissipation(Note 1) Thermal Resistance(Note 1) Operation Temp. Range Storage Temp. Range
o
AB
Symbol VRRM V RWM VR V R(RMS) I FM IFSM Pd R Tj TSTG
Max 0.38 1 200 5 5
Value 40 28 200 600 350 357 -55 to +125 -65 to +150
Unit V
H
G C J
V mA mA mW
oC/W o o
DIM A B C D E G H J
C C
Electrical Characteristics @ 25 C Unless Otherwise Specified
Charateristic Forward Voltage Reverse Leakage Current Junction Capacitance Reverse Recovery Time Symbol Min Typ VF IR Cj t rr ----- ------------20 4 Unit V nA pF ns Test Cond. t p<300us I F =1.0mA t p<300us I F =40mA t p<300us V R =30V VR =0V, f=1.0MHz IF =I R=10mA I R =1.0mA, R L=100OHM
DIMENSIONS INCHES MM MIN MAX MIN MAX .090 .107 2.30 2.70 .063 .071 1.60 1.80 .045 .053 1.15 1.35 .031 .043 0.80 1.10 .010 .016 0.25 0.40 .006 .018 0.15 0.45 .004 .010 0.10 0.25 ----.004 ----0.10
SUGGESTED SOLDER PAD LAYOUT
0.074"
NOTE
----- -----
0.027"
Note: 1. Valid provided that terminals are kept at
ambient temperature.
0.022"
Revision: 4
www.mccsemi.com
1 of 2
2006/05/13
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 4
2 of 2
2006/05/13


▲Up To Search▲   

 
Price & Availability of BAS40WX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X