Part Number Hot Search : 
TCU10A60 IDT72V SW610 MAX108 MTZJ22 2SA1289 NC7SV74K MMBD44
Product Description
Full Text Search
 

To Download BAS40WT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
BAS40WT
Features
* * * Pow Dissipation PD=200mW Tamb=25 Collector Current IF=200mA Collector-base Voltage VR=40V
*
Case Material: Molded Plastic. Classification Rating 94V-0
UL Flammability
200mW 40Volt Plastic-Encapsulate Diode
SOT-323
A D
Maximum Ratings
* * Operating Temperature: -55 to +150 Storage Temperature: -55 to +150
Electrical Characteristics @ 25C Unless Otherwise Specified
Reverse Breakdown Voltage Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Reverse Recovery Time V(BR)R 40V IR=10A
F E
B
C
VF
380mV 1000mV
IFM = 1mA; IFM = 40mA;
G
H
J
K DIMENSIONS
IR
200nA
VR=30Volts
CD
5pF
Measured at 1.0MHz, VR=0V IF=10mA through IR=10mA to IR=1mA
Trr
5nS
DIM A B C D E F G H J K
INCHES MIN MAX .071 .087 .045 .053 .079 .087 .026 Nominal .047 .055 .012 .016 .000 .004 .035 .039 .004 .010 .012 .016
MM MIN MAX 1.80 2.20 1.15 1.35 2.00 2.20 0.65Nominal 1.20 1.40 .30 .40 .000 .100 .90 1.00 .100 .250 .30 .40
NOTE
Suggested Solder Pad Layout
0.70
0.90
1.90
0.65 0.65
www.mccsemi.com
Revision: 2
1 of 3
2006/05/13
BAS40WT
IR, INSTANTANEOUS REVERSE CURRENT (nA)
MCC
Micro Commercial Components
10000
TA = 125C
TM
IF, INSTANTANEOUS FORWARD CURRENT (A)
1
1000
TA = 75C
0.1
100
0.01
TA = -40C TA = 0C TA = 25C
TA = 25C
10
TA = 0C
0.001
1
TA = -40C
TA = 75C TA = 125C
0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Voltage
0.1 0 10 20 30 40 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
3 CT, TOTAL CAPACITANCE (pF)
f = 1MHz
2
1
0 0 10 20 30 40
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance
BAS40WT Marking:43/K43
BAS40WT-04 Marking:44/K44
BAS40WT-05 Marking:45/K45
BAS40WT-06 Marking:46/K46
www.mccsemi.com
Revision: 2
2 of 3
2006/05/13
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
3 of 3
2006/05/13


▲Up To Search▲   

 
Price & Availability of BAS40WT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X