Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download BAS283 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
BAS281 / 282 / 283
Vishay Semiconductors
Small Signal Schottky Barrier Diodes
Features
* * * * * Integrated protection ring against static discharge Low capacitance Low leakage current Low forward voltage drop Very low switching time
9612009
Applications
General purpose and switching Schottky barrier diode HF-Detector Protection circuit Diode for low currents with a low supply voltage Small battery charger Power supplies DC / DC converter for notebooks
Mechanical Data
Case:QuadroMELF Glass Case (SOD-80) Weight: approx. 33.7 mg Cathode Band Color: Black Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Part BAS281 BAS282 BAS283 Type differentiation VR = 40 V VR = 50 V VR = 60 V Ordering code BAS281-GS18 or BAS281-GS08 BAS282-GS18 or BAS282-GS08 BAS283-GS18 or BAS283-GS08 Remarks Tape and Reel Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Reverse voltage Test condition Part BAS281 BAS282 BAS283 Peak forward surge current Repetitive peak forward current Forward current tp = 1 s Symbol VR VR VR IFSM IFRM IF Value 40 50 60 500 150 30 Unit V V V mA mA mA
Document Number 85500 Rev. 1.6, 03-Mar-04
www.vishay.com 1
BAS281 / 282 / 283
Vishay Semiconductors Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Junction ambient Junction temperature Storage temperature range Test condition on PC board 50 mm x 50 mm x 1.6 mm Symbol RthJA Tj Tstg Value 320 125 - 65 to + 150
VISHAY
Unit K/W C C
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Test condition IF = 0.1 mA IF = 1 mA IF = 15 mA Reverse current Diode capacitance VR = VRmax VR = 1 V, f = 1 MHz Symbol VF VF VF IR CD Min Typ. Max 330 410 1 200 1.6 Unit mV mV V nA pF
Typical Characteristics (Tamb = 25 C unless otherwise specified)
P - Reverse Power Dissipation ( mW ) R
14 12 10 8 6 4 2 0 25 50 75 100 R thJA = 540 K/W
I R - Reverse Current ( A ) i
V R = 60 V
1000 V R = VRRM 100
PR - Limit @ 100 % VR
10
PR - Limit @ 80 % VR
1
125
150
15795
0.1 25
50
75
100
125
150
15794
Tj - Junction Temperature ( C )
Tj - Junction Temperature ( C )
Fig. 1 Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 2 Reverse Current vs. Junction Temperature
www.vishay.com 2
Document Number 85500 Rev. 1.6, 03-Mar-04
VISHAY
BAS281 / 282 / 283
Vishay Semiconductors
1000
CD - Diode Capacitance ( pF ) I F - Forward Current ( A )
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.1
15797
f = 1 MHz
100 Tj = 150 C 10 Tj = 25 C 1 0.1 0.01 0 0.5 1 1.5 2.0
1
10
100
15796
V F - Forward Voltage ( V )
V R - Reverse Voltage ( V )
Fig. 3 Forward Current vs. Forward Voltage
Fig. 4 Diode Capacitance vs. Reverse Voltage
Package Dimensions in mm (Inches)
(0 7 1.
1.5 0.1 (0.06 0.004)
.0
Cathode indification
Glass > R 3 (R 0.12)
0.47 max. (0.02) 3.5 0.2 (0.14 0.008)
Mounting Pad Layout
2.50 (0.098) max 1.25 (0.049) min
technical drawings according to DIN specifications
G
la
ss
7)
Glass case Quadro Melf / SOD 80 JEDEC DO 213 AA
5 (0.197) ref
96 12071
Document Number 85500 Rev. 1.6, 03-Mar-04
2 (0.079) min
www.vishay.com 3
BAS281 / 282 / 283
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 4
Document Number 85500 Rev. 1.6, 03-Mar-04


▲Up To Search▲   

 
Price & Availability of BAS283

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X