Part Number Hot Search : 
00005 00005 C9014 D6562 39216 73600 2SD21 T857APAI
Product Description
Full Text Search
 

To Download BAR89-02L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAR89...
Silicon PIN Diode Optimized for antenna switches in hand held applications Very low capacitance at zero volts reverse bias at frequencies above 1GHz (typ. 0.19 pF) Low forward resistance (typ. 0.8 @ IF = 10mA) Very low signal distortion
1
Parameter Diode reverse voltage Forward current Total power dissipation Junction temperature Operating temperature range Storage temperature Thermal Resistance Parameter Junction - soldering point1) , BAR89-02L
1For
calculation of RthJA please refer to Application Note Thermal Resistance
1

BAR89-02L
2
Type BAR89-02L
Package TSLP-2-1
Configuration single, leadless
LS(nH) Marking 0.4 RS
Maximum Ratings at TA = 25C, unless otherwise specified Symbol VR IF Ptot Tj Top Tstg Symbol RthJS Value 80 100 250 150 -55 ... 125 -55 ... 150 Unit V mA mW C
Ts
133C
Value 65
Unit K/W
Jul-15-2003
BAR89...
Electrical Characteristics at TA = 25C, unless otherwise specified Symbol Values Parameter min. DC Characteristics Breakdown voltage I(BR) = 5 A Reverse current VR = 60 V Forward voltage IF = 10 mA IF = 100 mA VF 0.83 0.95 0.9 1.1 V IR 50 nA V(BR) 80 V typ. max.
Unit
2
Jul-15-2003
BAR89...
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. AC Characteristics Diode capacitance VR = 1 V, f = 1 MHz VR = 0 V, f = 100 MHz VR = 0 V, f = 1 GHz VR = 0 V, f = 1.8 GHz Reverse parallel resistance VR = 0 V, f = 100 MHz VR = 0 V, f = 1 GHz VR = 0 V, f = 1.8 GHz Forward resistance IF = 1 mA, f = 100 MHz IF = 5 mA, f = 100 MHz IF = 10 mA, f = 100 MHz IF = 10 mA, IR = 6 mA, measured at IR = 3 mA, I-region width Insertion loss1) IF = 1 mA, f = 1.8 GHz IF = 5 mA, f = 1.8 GHz IF = 10 mA, f = 1.8 GHz Isolation1) VR = 0 V, f = 0.9 GHz VR = 0 V, f = 1.8 GHz VR = 0 V, f = 2.45 GHz
1BAR89-02L
Unit max. pF
typ.
CT RP rf rr
0.25 0.25 0.19 0.18 35 5 3.5 3 1.2 0.8 800
0.35 k
1.5 ns
RL = 100
in series configuration, Z = 50
3
Charge carrier life time
-
WI |S21|2
-
19 -0.23 -0.1 -0.08 -19 -14 -11
-
m dB
|S21|2 -
Jul-15-2003
BAR89...
Diode capacitance CT = f = Parameter
0.5
pF
10 3
KOhm
0.4
10 2
0.35
1 MHz 100 MHz 1 GHz 1.8 GHz
CT
Rp
0.3
10 1
0.25 10
0
0.2
100 MHz 1 GHz 1.8 GHz
0.15 10 -1 0
0.1 0
2
4
6
8
10
12
14
16
V
20
2
4
6
8
10
12
14
16
VR
f = 100MHz
10
Ohm
3
TA = Parameter
10 0 A 10 -1 10 -2 10 -3
10
2
rf
IF
10 -4 10 -5 10 -6
10
1
10
0
10 -7 10 -8
10
-1
10
-2
10
-1
10
0
10
1
10
2
mA10 3
10 -9 0
0.2
0.4
IF
4
Forward resistance rf =
(I F)
Forward current IF =
(VF)
-40C +25C +85C +125C
0.6
0.8
V VF
Jul-15-2003
(VR )
Reverse parallel resistance RP = (VR ) f = Parameter
V
20
VR
1.2
BAR89...
Forward current IF = BAR89-02L
120 mA 100 90 80
BAR89-02L
10 2
mA
RthJS
10 1
IF
70 60 50 40 30 20 10 0 0 15 30 45 60 75 90 105 120 C 150
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
TS
BAR89-02L
10 2
mA
|S21|
IF
10
1
10 0 -6 10
10
-5
IFmax / IFDC =
(tp )
IF = Parameter
0
dB
BAR89-02L in series configuration, Z = 50
-0.1
-0.15
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10mA 5mA 1mA
-0.2
-0.25
-0.3
-0.35
10
-4
10
-3
10
-2
10
-1
C
10
1
-0.4 0
1
2
3
tp
5
Permissible Pulse Load
Insertion loss |S21 |2 = (f)
4
Jul-15-2003
(TS )
Permissible Puls Load RthJS =
(tp )
C
10
0
tp
GHz
6
f
BAR89...
Isolation |S21 |2 = VR = Parameter
0
(f)
BAR89-02L in series configuration, Z = 50
dB
|S21|
-10
-15
-20
0V 1V 10 V
-25
-30 0
1
2
3
4
GHz
6
f
6
Jul-15-2003


▲Up To Search▲   

 
Price & Availability of BAR89-02L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X