Part Number Hot Search : 
04001 N4730 12S12 PLS153AN DTA115EM 2SK2508 A50HGVM F1D38
Product Description
Full Text Search
 

To Download BA5960FS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 99W140A
5 Channel Driver for with Regulator
BA5960FS
Description The BA5960FS is a 5-channel Driver (4-channel BTL and 1-channel Loading driver) for an actuator and motor. Since the operational amplifier and variable regulator are built-in, it can be compatible with various applications.
Dimension (Units : mm)
Features 1) 5-channel driver (4-channel BTL driver and 1-channel Loading driver) 2) Built-in thermal shut down circuit 3) The power supply is divided in 4 systems 4) Incorporates an operational amplifier. 5) Built-in stand-by function 6) Built-in variable regulator 7) Wide dynamic range (5.4V typical at PreVcc=8V, PowVcc=8V, RL=8 ) 8) Mute operated individually Channel-1&2, Channel-3, Channel-4 9) Input pins consist of (+) and (-), therefore various input types are available such as differential input. 10) Built-in brake function (Loading driver) 11) Output voltage can be set up by voltage establishment terminal. Applications Car CD, MD Absolute Maximum Ratings (Ta=25 C)
Parameter Supply voltage Powerd dissipation Output current Operating temperature range Storage temperature range Symbol PreVcc, PowVcc Pd IOMAX Topr Tstg Limits 18 1.92 *1 1 *2 -35 ~ +85 -55 ~ +150 Unit V W A C C
SSOP-A54
*1 Derating : 15.36mW/C for operation above Ta=25 C. *2 The output current must not exceed the maximum ASO
Recommended Operating Conditions (Ta=25 C)
Parameter Supply voltage Symbol PreVcc PowVcc Min. 4.5 4.5 Typ. -- -- Max. 13.5 PreVcc Unit V V
January, 2000
Electrical characteristics
(Unless otherwise noted, Ta=25C, PreVcc=PowVcc1=PowVcc2=PowVcc3=8V, BIAS=1.65V, R L=8 ) Symbol Min. Typ. Max. Unit Conditions Parameter Standby current (VCC+PowVcc) IQST -- -- 1 mA No load Quiescent current IQ -- 22 30 mA No load Close loop gain VIN=BIAS0.5V GVC 10 11.5 14 dB Maximum output voltage VOM 4.8 5.4 -- V VIN=BIAS1.65V Output offset voltage VOO -50 0 50 mV Input bias current IB -- -- 0.3 A Output offset voltage VOP -6 0 6 mV High level output voltage HI VOH BIAS=2.5V 7.5 -- -- V VOL Low level output voltage LO -- -- 0.5 V BIAS=2.5V Output sink current ISO 1 -- -- mA Output source current ISI 0.5 0.8 -- mA Close loop gain LDGVC LDCONT=1V 9 11 13 dB VOL12F FWD 4.8 5.4 -- Output voltage V LDCONT=4.5V VOL2R REV -- -5.4 -4.8 0.45 VLI2F FWD 0.9 LDCONT=4.5V -- Load regulation V REV 0.45 VIL=100~500mA 0.9 VLI2R -- FWD VLVSF 0.5 -0.5 -- Vcc=6~13V V IL=500mA Line regulation V -- REV LDCONT=1V VLVSR -0.5 0.5 Output offset voltage LDVOO -50 0 50 mV Brake mode Output voltage Vreg -- 3.32 -- V IL=50mA, Note) reference value VRL Load regulation -40 0 20 mV IL=0~200mA, 3.3V set up Line regulation VVCC Vcc=6~13V, 3.3V set up -20 10 40 mV REG.P pin voltage VREGP 1.14 1.2 1.26 V This product is not designed for protection against radioactive rays.
Application circuit


▲Up To Search▲   

 
Price & Availability of BA5960FS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X