Part Number Hot Search : 
SM6800AB SMBJ11 KF13277 HD74LS1 SK154 VCO55 232EC 01460
Product Description
Full Text Search
 

To Download BA315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D176
BA315 Low-voltage stabistor
Product specification Supersedes data of April 1992 File under Discrete Semiconductors, SC01 1996 Mar 21
Philips Semiconductors
Product specification
Low-voltage stabistor
FEATURES * Low-voltage stabilization * Forward voltage range: 480 mV to 1050 mV * Total power dissipation: max. 350 mW. APPLICATIONS * Low-voltage stabilization e.g. - Bias stabilizer in class-B output stages - Clipping - Clamping - Meter protection. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VR IF Ptot Tstg Tj PARAMETER continuous reverse voltage continuous forward current total power dissipation storage temperature junction temperature Tamb = 25 C CONDITIONS MIN. - - - -65 -
handbook, halfpage k
BA315
DESCRIPTION Low-voltage stabilization diode in a hermetically-sealed SOD27 (DO-35) glass package.
a
MAM246
Diodes are type branded.
Fig.1 Simplified outline (SOD27; DO-35) and symbol.
MAX. 5 100 350 +200 200 V
UNIT mA mW C C
1996 Mar 21
2
Philips Semiconductors
Product specification
Low-voltage stabistor
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF PARAMETER forward voltage CONDITIONS see Fig.2 IF = 0.1 mA IF = 1 mA IF = 5 mA IF = 10 mA IF = 100 mA IR rdif SF Cd reverse current differential resistance temperature coefficient diode capacitance VR = 5 V IF = 1 mA; f = 1 kHz IF = 10 mA; f = 1 kHz IF = 1 mA VR = 0 V; f = 1 MHz 480 590 670 710 875 - - - - - - - - - - - 50 6 -2.1 - 540 660 740 790 1050 1500 - 7 - 3 MIN. TYP.
BA315
MAX.
UNIT mV mV mV mV mV nA mV/K pF
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient CONDITIONS 8 mm from the body maximum lead length VALUE 300 600 UNIT K/W K/W
1996 Mar 21
3
Philips Semiconductors
Product specification
Low-voltage stabistor
GRAPHICAL DATA
BA315
102 handbook, halfpage IF (mA)
(1) (2)
MBG520
10
1
10-1 0.2
0.4
0.6
0.8
1.0
1.2 VF (V)
Tj = 25 C. (1) Minimum values. (2) Maximum values.
Fig.2
Forward current as a function of forward voltage.
1996 Mar 21
4
Philips Semiconductors
Product specification
Low-voltage stabistor
PACKAGE OUTLINE
BA315
andbook, full pagewidth
0.56 max 1.85 max 25.4 min 4.25 max 25.4 min
MLA428 - 1
Dimensions in mm. Diodes are type branded.
Fig.3 SOD27 (DO-35).
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Mar 21
5


▲Up To Search▲   

 
Price & Availability of BA315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X