Part Number Hot Search : 
05C10AD 1560A D1020 WP44YD L4148 2N6326 SEF206A SM2200B
Product Description
Full Text Search
 

To Download B9202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B9202
SAW Components Low-Loss Dual Band Filter for Mobile Communication Data Sheet
B9202 942,5 / 1842,5 MHz
Chip sized SAW package QCS10F
Features
s Low-loss RF filter for mobile telephone EGSM s
0,075
0,075 0,675
1 2 3 4
s s s s
and PCN system , receive path Usable passband: Filter 1 (EGSM): 35 MHz Filter 2 (PCN): 75 MHz Unbalanced to balanced operation of both filters Impedance transformation from 50 to 150 for both filters Suitable for GPRS Class 1 to 12 Ceramic package for Surface Mounted Technology (SMT)
bottom view
10
0,35
0,95 0,325
0,68
0,4
9
8
7
6
5
side view
2,5
2,0
top view
Terminals
s Ni, gold-plated
Dimensions in mm, approx. weight 12mg
1 9
Pin configuration 1 4 6, 7 8, 9 2, 3, 5,10 Input [ Filter 1 ] Input [ Filter 2 ] Output, balanced [ Filter 2 ] Output, balanced [ Filter 1 ] Case ground
8 7
4 2,3,5,10
6
Type B9202
Ordering code B39182-B9202-G810
Marking and Package according to C61157-A7-A133
Packing according to F61074-V8153-Z000
Electrostatic Sensitive Device (ESD) Maximum ratings Operable temperature range Storage temperature range DC voltage ESD voltage Input power at GSM850, GSM900, GSM1800, GSM1900 Tx bands: Filter 1 (EGSM-Rx) Filter 2 (PCN-Rx)
T Tstg VDC VESD*
- 40 / + 85 - 40 / + 85 3 50*
C C V V
Machine Model, 10 pulses
PIN PIN
15 12
dBm dBm
peak power of GSM signal, duty cycle 4:8
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses 2 Oct 29, 2004
SAW Components Low-Loss Dual Band Filter for Mobile Communication Data Sheet
B9202 942,5 / 1842,5 MHz
Characteristics Filter 1 ( EGSM ) Operating temperature range: Terminating source impedance: Terminating load impedance:
T = -20 to +75 C ZS = 50 (unbalanced) ZL = 150 (balanced) || 56nH
min. typ. 942,5 max. -- MHz
Center frequency Maximum insertion attenuation 925,0 ... 960,0 925,0 ... 960,0 Amplitude ripple (p-p) 925,0 ... 960,0 925,0 ... 960,0 Input VSWR 925,0 ... 960,0 Output VSWR 925,0 ... 960,0 Output amplitude balance (|S31/S21|) 925,0 ... 960,0 MHz MHz MHz MHz
fc
max MHz MHz
1)
--
-- --
1,5 1,4
2,1 1,7
dB dB
1)
-- --
0,7 0,6
1,4 1,0
dB dB
-- --
1,8 1,7
2,0 2,0
MHz
-1,0
-0,6/+0,5
1,0
dB
Output phase balance ((S31)-(S21)+180) 925,0 ... 960,0 MHz Attenuation 10,0 480,0 880,0 905,0 980,0 1500,0
1)
-10 min
-2/+3
10
degree
... 480,0 ... 880,0 ... 905,0 ... 915,0 ...1500,0 ...6000,0
MHz MHz MHz MHz MHz MHz
45 30 24 20 24 30
54 34 30 23 29 44
-- -- -- -- -- --
dB dB dB dB dB dB
T = +25 2C
3
Oct 29, 2004
SAW Components Low-Loss Dual Band Filter for Mobile Communication Data Sheet
Transfer function Filter 1 ( EGSM )
B9202 942,5 / 1842,5 MHz
Transfer function Filter 1 ( EGSM ) - wideband
4
Oct 29, 2004
SAW Components Low-Loss Dual Band Filter for Mobile Communication Data Sheet
B9202 942,5 / 1842,5 MHz
Characteristics Filter 2 ( PCN ) Operating temperature range: Terminating source impedance: Terminating load impedance:
T = -20 to +75C ZS = 50 (unbalanced) ZL = 150 (balanced) || 12nH
min. typ. 1842,5 max. -- MHz
Center frequency Maximum insertion attenuation 1805,0 ...1880,0 1805,0 ...1880,0 Amplitude ripple (p-p) 1805,0 ...1880,0 1805,0 ...1880,0 Input VSWR 1805,0 ...1880,0 Output VSWR 1805,0 ...1880,0 Output amplitude balance (|S31/S21|) 1805,0 ...1880,0 MHz MHz
fc
max MHz MHz
1)
--
-- --
1,5 1,4
2,2 1,9
dB dB
MHz MHz
1)
-- --
0,7 0,6
1,4 1,1
dB dB
-- --
2,0 1,9
2,3 2,2
MHz
-1,0
-0,6/+0,6
1,0
dB
Output phase balance ((S31)-(S21)+180) 1805,0 ...1880,0 MHz Attenuation 10,0 1000,0 1705,0 1920,0 1980,0 2030,0 2775,0 5640,0
1)
-10 min
-4/+4
10
degree
...1000,0 ...1705,0 ...1785,0 ...1980,0 ...2030,0 ...2775,0 ...5640,0 ...6000,0
MHz MHz MHz MHz MHz MHz MHz MHz
40 28 13 15 24 28 35 28
54 38 18 23 30 36 49 49
-- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB
T = +25 2C
5
Oct 29, 2004
SAW Components Low-Loss Dual Band Filter for Mobile Communication Data Sheet
Transfer function Filter 2 ( PCN )
B9202 942,5 / 1842,5 MHz
Transfer function Filter 2 ( PCN ) - wideband
6
Oct 29, 2004
SAW Components Low-Loss Dual Band Filter for Mobile Communication Data Sheet
B9202 942,5 / 1842,5 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC WT P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2004. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
7
Oct 29, 2004


▲Up To Search▲   

 
Price & Availability of B9202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X