Part Number Hot Search : 
MS51D MC14532B GC9004 ISL29035 BS616 GC9004 F4502 XC6385C
Product Description
Full Text Search
 

To Download B8279900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data sheets for SMT types Jump to preceding page Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
Rated voltage 42 Vac/80 Vdc Rated current 100 mA Rated inductance 11 to 51 H Construction
s Current-compensated ring core double choke
B82799
with ferrite core
s Bifilar winding (B82799-C...) s Sector winding (B82799-S...)
Features
s s s s
High performance Case flame-retardant as per UL 94 V-0 Suitable for reflow soldering and conductive adhesion Operation up to 150C
Applications
s B82799-C:
Suppression of asymmetrical interference coupled in on lines, whereas data signals up to some MHz can pass unaffectedly s B82799-S: Suppression of asymmetrical and symmetrical interference coupled in on lines. The high-frequency portions of the symmetrical data signal are decreased so far that EMC problems can be significantly reduced Marking Manufacturer, inductance value (coded), date of manufacture, coded (year, day of week, calender week) Delivery mode Blister tape, reel packing For details on taping, packing and packing units see page 302
243 04/00
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
Dimensional drawing
1,10,1 10,1
B82799
0,750,15
3,2 max.
4,50,2
A
0,04 A
3,2+0,2
SSB1412-Y
Beschriftung Marking
Layout recommendation
0,6
2,2 5,9
SSB1413-7
4,0
244 04/00
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
General technical data Rated voltage VR Rated current IR Rated inductance LR 42 Vac (50/60 Hz) 80 Vdc
B82799
Referred to 50 Hz and 60 C ambient temperature Measured with HP 4275A at 100 kHz and 0,1 mA (specified per winding) 30 % < 10 % at dc magnetic bias with IR Measured with HP 4275A. Measuring frequency at LR 11 H = 1 MHz, 5 mA LR > 11 H = 100 kHz, 5 mA Typical values, measured at 20 C ambient temperature (215 3) C, (3 0,3) s wetting of soldering area 95 % in accordance with IEC 60068-2-58 40/125/56 (- 40 C/+ 125 C/56 days damp heat test) in accordance with EN 60068-1 Approx. 0,08 g
Inductance tolerance Inductance decrease L/L0 Stray inductance LS
DC resistance Rtyp Solderability
Climatic category Weight
Characteristics and ordering codes
LR 1) H
11 22 33 51
LS, typ nH
45 1300 1800 2700
IR mA
100 100 100 100
Rtyp m
150 200 250 300
VT Vdc, 2 s
250 250 250 250
Ordering code B82799-C113-N1 B82799-S223-N1 B82799-S333-N1 B82799-S513-N1
1) Types up to 2200 H upon request.
245 04/00
Jump to succeding page
Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812
Insertion loss e (typical values at Z = 50 ) asymmetrical, all branches in parallel (common mode) symmetrical (differential mode) B82799-C113-N1
50 dB
e
SSB1414-F
B82799
B82799-S223-N1
50 dB
e
SSB1416-W
40
40
30
30
20
20
10
10
0 _1 10
10 0
10 1
10 2 MHz 10 3
10
10 0
10 1
10 2 MHz 10 3
f
B82799-S333-N1
50 dB
e
SSB1417-5
f
B82799-S513-N1
50 dB
e
SSB1415-N
40
40
30
30
20
20
10
10
0 _1 10
10 0
10 1
10 2 MHz 10 3
0 _1 10
10 0
10 1
10 2 MHz 10 3
f
246 04/00
f


▲Up To Search▲   

 
Price & Availability of B8279900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X