Part Number Hot Search : 
100D9107 STPS3045 EL2142CN 8097JF AAT3194 HD14015 25C160 PRODUCTS
Product Description
Full Text Search
 

To Download B82793-S0513-N201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jump to preceding page
Chokes for Data and Signal Lines Double Chokes
Rated voltage 42 Vac/80 Vdc Rated current 400 to 1200 mA Rated inductance 5 H to 4,7 mH Construction
s Current-compensated ring core choke with ferrite core s Bifilar winding (B82793-C...) s Sector winding (B82793-S...)
B82793-C0 B82793-S0
Features
s s s s
High rated currents Reduced component height Case flame-retardant as per UL 94 V-0 Suitable for reflow soldering
Applications
s B82793-C:
Suppression of asymmetrical interference coupled in on lines, whereas data signals up to some MHz can pass unaffectedly s B82793-S: Suppression of asymmetrical and symmetrical interference coupled in on lines. The high-frequency portions of the symmetrical data signal are decreased so far that EMC problems can be significantly reduced Terminals
s Tinned
Marking Manufacturer, ordering code (short form), date of manufacture, coded (year, day of week, calender week) Delivery mode Blister tape, reel packing For details on taping, packing and packing units see page 302
247 04/00
Chokes for Data and Signal Lines Double Chokes
Dimensional drawing
_ 0,05 0,6 +0,1
B82793-C0 B82793-S0
2,50,1
0...6
4,9 max.
A
7,1 max. _ 0,2 9 +0,4
0,30,05
6,0 max.
max. 0,1 A
Beschriftung Marking
SSB1350-5
Layout recommendation
248 04/00
Chokes for Data and Signal Lines Double Chokes
General technical data Rated voltage VR Rated current IR Rated inductance LR 42 Vac (50/60 Hz) 80 Vdc
B82793-C0 B82793-S0
Referred to 50 Hz and 60 C ambient temperature Measured with HP 4275A Measuring frequency at L 1 mH = 100 kHz, 0,1 mA L > 1 mH = 10 kHz, 0,1 mA (specified per winding) B82793-+****-N201/N215: 30 % B82793-+****-N265: - 30/+ 50 % < 10 % at dc magnetic bias with IR Measured with HP 4275A Measuring frequency at L 11 H = 1 MHz, 5 mA L > 11 H = 100 kHz, 5 mA Typical values, measured at 20 C ambient temperature (215 3) C, (3 0,3) s wetting of soldering area 95 % in accordance with IEC 60068-2-58 40/125/56 (- 40 C/+ 125 C/56 days damp heat test) in accordance with IEC 60068-1 Approx. 0,25 g
Inductance tolerance Inductance decrease L/L0 Stray inductance LS
DC resistance Rtyp Solderability
Climatic category Weight
Characteristics and ordering codes
LR mH
0,005 0,011 0,025 0,051 0,470 1,0 2,2 4,7
LS, typ nH
50 50 1500 2000 200 250 250 300
IR 1) mA
1200 800 800 800 700 700 500 400
Rtyp m
100 120 130 160 200 200 400 550
VT Vdc, 2 s
250 250 250 250 750 750 750 750
Ordering code B82793-C0502-N201 B82793-C0113-N201 B82793-S0253-N201 B82793-S0513-N201 B82793-C0474-N215 B82793-C0105-N265 B82793-C0225-N265 B82793-C0475-N265
1) Types with higher rated current upon request.
249 04/00
Chokes for Data and Signal Lines Double Chokes
Insertion loss e (typical values at Z = 50 ) asymmetrical, all branches in parallel (common mode) symmetrical (differential mode) B82793-C0502-N201 B82793-C0113-N201
50 dB
e
B82793-C0 B82793-S0
SSB0871-I
40
30
20
10
0 _1 10
10 0
10 1
10 2 MHz 10 3 f
B82793-S0253-N201
B82793-S0513-N201
250 04/00
Jump to succeding page
Chokes for Data and Signal Lines Double Chokes
Insertion loss e (typical values at Z = 50 ) asymmetrical, all branches in parallel (common mode) symmetrical (differential mode) B82793-C0474-N215
50 dB
e
SSB1352-L
B82793-C0 B82793-S0
B82793-C0105-N265
50 dB
e
SSB1351-D
40
40
30
30
20
20
10
10
0 _2 10
10
_1
10 0
10 1 MHz 10 2 f
0_ 10 2
10
_1
10 0
10 1 MHz 10 2 3 f
B82793-C0225-N265
50 dB
e
SSB1353-U
B82793-C0475-N265
50 dB
e
SSB1354-3
40
40
30
30
20
20
10
10
0 _2 10
10
_1
10 0
10 1
10 2 MHz f
0 _2 10
10
_1
10 0
10 1 MHz 10 2 f
251 04/00


▲Up To Search▲   

 
Price & Availability of B82793-S0513-N201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X