Part Number Hot Search : 
A3961SB CPC1908J EST7502B 815DE MAX4780 DAC855 LT173 NDT452
Product Description
Full Text Search
 

To Download B82725-J2802-N20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jump to preceding page
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Construction
s Current-compensated ring core double choke
B82721 ... B82725
with ferrite core
s Polycarbonate case s Polyurethane potting s Sector winding
Features
s Case and potting flame-retardant
as per UL 94 V-0
s High resonance frequency owing
to special winding technique
s Approx. 1 % stray inductance for symmetrical
interference suppression Applications Application Electronic ballasts in lamps Switch-mode power supplies in TV sets Washing machines Power supplies Chargers Terminals
s Pins 0,7 x 0,7 mm or 1 x 1 mm (B82725) s Pins fitting standard PCB grid
Type B82721 B82722 B82721 ... B82725 B82724 B82725 B82724 B82725 B82725
Marking Ordering code, rated current, rated inductance, rated voltage (except B82721-K), graphic symbol, mark of conformity, manufacturer, date of manufacture Approvals 1) Marks of conformity Standards VDE 0565-2 EN 60938-2 (pending) UL 1283
1) Approvals to EN 60938-2 and UL 1283 pending for B82725-J.
347 04/00
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Dimensional drawings and pin configuration Horizontal version (B82721-A)
2,5 _ 0,4
17,9 max.
B82721
Vertical version (B82721-K)
150,2 50,2
3+0,5
12,6 _ 0,8
100,2 17,3 max.
18,2 max. 7,3 _ 1 9,7 _ 0,5
13,2 max. 5,5 _ 1 20,3 _ 0,6
0,7 x 0,7
150,2
100,2
SSB0781-J
1) 0,7 x 0,7
2,7 _ 0,5
SSB0782-S
General technical data Rated voltage VR Test voltage VT Rated current IR Inductance tolerance Weight 250 Vac 1500 Vac, 2 s (line/line) Referred to 50 Hz and 60 C ambient temperature 30 % Approx. 5 g
For further technical data see page 334. For impedance = f (f ) see page 355 Characteristics and ordering codes
IR A
0,4 0,4 0,5 0,7 1,2 1,5 2,0 2,6 3,6
LR mH
39 27 18 10 6,8 3,3 1,0 0,4 0,4
LS, typ H
450 270 260 90 70 37 13 6 6
Rtyp m
2000 1700 1500 600 280 190 90 60 35
Ordering code horizontal version B82721-A2401-N20 B82721-A2401-N21 B82721-A2501-N1 B82721-A2701-N20 B82721-A2122-N20 B82721-A2152-N1 B82721-A2202-N1 B82721-A2262-N1 B82721-A2362-N1
vertical version B82721-K2401-N20 B82721-K2401-N21 B82721-K2501-N1 B82721-K2701-N20 B82721-K2122-N20 B82721-K2152-N1 B82721-K2202-N1 B82721-K2262-N1 B82721-K2362-N1
1) Vertical version with lead spacing 5 mm x 10 mm upon request.
348 04/00
3+0,5
8 _1
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Dimensional drawings and pin configuration Horizontal version (B82722-A)
2,5 _ 0,4
B82722
Vertical version (B82722-J)
2,5 _ 0,4
0,7 x 0,7
100,2 0,7 x 0,7
4+1 25,4 _ 0,8 12,50,2 16,1 max.
3,60,4 13,3 _ 0,8
12,50,2 22,3 max.
SSB0928-B
22,7 max.
SSB0929-J
General technical data Rated voltage VR Test voltage VT Rated current IR Inductance tolerance Weight 250 Vac 1500 Vac, 2 s (line/line) Referred to 50 Hz and 60 C ambient temperature 30 % Approx. 10 g
For further technical data see page 334. For impedance = f (f ) see page 355
Characteristics and ordering codes
IR A
0,3 0,5 1 2 3
LR mH
47 27 10 2,2 1,2
LS, typ H
760 430 140 30 17
Rtyp m
2500 1200 480 130 56
Ordering code horizontal version B82722-A2301-N1 B82722-A2501-N1 B82722-A2102-N1 B82722-A2202-N1 B82722-A2302-N1
vertical version B82722-J2301-N1 B82722-J2501-N1 B82722-J2102-N1 B82722-J2202-N1 B82722-J2302-N1
349 04/00
23,3 max.
200,2
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Dimensional drawings and pin configuration Horizontal version (B82723-A)
2,5 _ 0,4
B82723
Vertical version (B82723-J)
12,50,2
2,5 _ 0,4
0,7 x 0,7
28 max.
0,7 x 0,7
4+1 16,8 _ 0,8 27 max.
150,2
4+1
30,5 _ 0,8
150,2 18,6 max.
SSB0930-M
SSB0931-V
General technical data Rated voltage VR Test voltage VT Rated current IR Inductance tolerance Weight 250 Vac 1500 Vac, 2 s (line/line) Referred to 50 Hz and 60 C ambient temperature 30 % Approx. 20 g
For further technical data see page 334. For impedance = f (f ) see page 355
Characteristics and ordering codes
IR A
0,5 1 2 4
LR mH
56 27 5,6 2,7
LS, typ H
870 440 80 30
Rtyp m
2200 750 160 60
Ordering code horizontal version B82723-A2501-N1 B82723-A2102-N1 B82723-A2202-N1 B82723-A2402-N1
vertical version B82723-J2501-N1 B82723-J2102-N1 B82723-J2202-N1 B82723-J2402-N1
350 04/00
28 max.
250,2
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Dimensional drawings and pin configuration Horizontal version (B82724-A)
3 _ 0,4
B82724-A B82724-J
Vertical version (B82724-J)
2,5 _ 0,4
12,50,2 0,7 x 0,7
0,7 x 0,7
33,1 max.
4+1 19,7 _ 0,8
200,2 32,6 max.
4+1
33,2 _ 0,5
150,2 18,5 max.
SSB0932-4
SSB1406-P
General technical data Rated voltage VR Test voltage VT Rated current IR Inductance tolerance Weight 250 Vac 1500 Vac, 2 s (line/line) Referred to 50 Hz and 60 C ambient temperature 30 % Approx. 25 g
For further technical data see page 334. For impedance = f (f ) see page 356
Characteristics and ordering codes
IR A
0,5 1 1,4 2 4
LR mH
82 33 27 6,8 3,3
LS, typ H
1000 420 310 80 40
Rtyp m
2700 810 500 190 66
Ordering code horizontal version B82724-A2501-N1 B82724-A2102-N1 B82724-A2142-N1 B82724-A2202-N1 B82724-A2402-N1
vertical version B82724-J2501-N1 B82724-J2102-N1 B82724-J2142-N1 B82724-J2202-N1 B82724-J2402-N1
351 04/00
31,3 max.
300,2
270,4
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Dimensional drawings and pin configuration
B82724-B
General technical data Rated voltage VR Test voltage VT Rated current IR Inductance tolerance Weight 250 Vac 1500 Vac, 2 s (line/line) Referred to 50 Hz and 60 C ambient temperature 30 % Approx. 40 g
For further technical data see page 334. For impedance = f (f ) see page 356
Characteristics and ordering codes
IR A
1 2 4 6
LR mH
47 10 3,9 1,8
LS, typ H
550 110 40 16
Rtyp m
880 230 58 23
Ordering code B82724-B2102-N1 B82724-B2202-N1 B82724-B2402-N1 B82724-B2602-N1
352 04/00
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Dimensional drawings and pin configuration
B82725-A
General technical data Rated voltage VR Test voltage VT Rated current IR Inductance tolerance Weight 250 Vac 1500 Vac, 2 s (line/line) Referred to 50 Hz and 60 C ambient temperature 30 % Approx. 60 g
For further technical data see page 334. For impedance = f (f ) see page 356
Characteristics and ordering codes
IR A
1 2 4 6 8 10
LR mH
68 18 6,8 3,9 2,7 1,8
LS, typ H
900 230 80 45 30 20
Rtyp m
1300 350 87 41 22 14
Ordering code 1) B82725-A2102-N1 B82725-A2202-N1 B82725-A2402-N1 B82725-A2602-N1 B82725-A2802-N1 B82725-A2103-N1
1) Chokes with 8 pins upon request.
353 04/00
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Dimensional drawings and pin configuration
3 _ 0,2 17,50,2
B82725-J
1,0
12,50,2
40 max.
3+0,5
10 21,5 max.
40,4 max.
350,4
SSB1384-P
General technical data Rated voltage VR Test voltage VT Rated current IR Inductance tolerance Weight 250 Vac 1500 Vac, 2 s (line/line) Referred to 50 Hz and 60 C ambient temperature 30 % Approx. 50 g
For further technical data see page 334. For impedance = f (f ) see page 356
Characteristics and ordering codes
IR A
1 2 4 6 8 10
LR mH
68 18 6,8 3,9 2,7 1,8
LS, typ H
590 170 60 34 26 18
Rtyp m
1050 270 77 34 20 13
Ordering code B82725-J2102-N20 B82725-J2202-N20 B82725-J2402-N20 B82725-J2602-N20 B82725-J2802-N20 B82725-J2103-N22
354 04/00
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Impedance |Z | versus frequency f (measured with windings in parallel) B82721- = A or K B82721- = A or K
B82721 ... B82723
B82722- = A or J
B82723- = A or J
355 04/00
Jump to succeding page
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Impedance |Z | versus frequency f (measured with windings in parallel) B82724- = A or J B82724-B
B82724 B82725
B82725-A
B82725-J
10 6
SSB1401-I
Z
10 5
10 4 -J2102-N20 -J2202-N20 -J2402-N20 -J2602-N20 -J2802-N20 -J2103-N22
10 3
10 2
10 1 4 10
10 5
10 6
Hz 10 7 f
356 04/00


▲Up To Search▲   

 
Price & Availability of B82725-J2802-N20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X