Part Number Hot Search : 
N3811 4HC25 MC14077 4HC25 2SJ50 AS22CH 2N2769 RO2122A
Product Description
Full Text Search
 

To Download B82720-K2601-N40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jump to preceding page
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Rated voltage 250 Vac Rated current 0,3 to 2,0 A Rated inductance 1,1 to 12 mH Construction
s Current-compensated ring core double choke
B82720-A B82720-K
with ferrite core
s Polycarbonate case s Polyurethane potting s Sector winding
Features
s Vertical and horizontal versions s Case and potting flame-retardant as per UL 94 V-0 s Approx. 0,8 % stray inductance for symmetrical
interference suppression Applications
s Compact and narrow electronic ballasts in lamps (T2 lamps) s Compact, modular and desktop power supplies s Automation, compact power supplies up to 2 A
Terminals
s Pins 0,5 x 0,5 mm s Pins fitting standard PCB grid
Marking Manufacturer, ordering code, rated current, rated voltage, rated inductance, graphic symbol, date of manufacture
344 04/00
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Dimensional drawing and pin configuration Horizontal version (B82720-A)
100,4 2 1
100,4 o0,6
B82720-A B82720-K
Vertical version (B82720-K)
130,3 100,2
1 2
20,2
14,2 max.
9,5 _ 0,4
7,50,2
3 14,2 max.
4 9,6 max.
_ 0,5 3 +0,2
+
SSB1258-U
140,3
4
3
SSB1444-2
3,5 _ 0,5
0,5x0,5
SSB1378-F
General technical data Test voltage VT Rated current IR Inductance tolerance Weight For further technical data see page 334 1500 Vac, 2 s (line/line) Referred to 50 Hz and 40 C ambient temperature - 30/+ 50 % Approx. 2,5 g
Characteristics and ordering codes
IR A
0,3 0,6 1,0 2,0
LR mH
12 4,4 3,0 1,1
LS, typ H
90 32 24 7
Rtyp m
1150 430 230 70
Ordering code horizontal version B82720-A2301-N40 B82720-A2601-N40 B82720-A2102-N40 B82720-A2202-N40
vertical version B82720-K2301-N40 B82720-K2601-N40 B82720-K2102-N40 B82720-K2202-N40
345 04/00
5
1
2
1,5
+ + 7,6 _ 0,3
+
4
3
Jump to succeding page
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
Impedance |Z | versus frequency f (measured with windings in parallel)
10 6
SSB1377-7
B82720-A B82720-K
Z
10 5
10 4
10 3 - +2301-N40 - +2601-N40 - +2102-N40 - +2202-N40
10 2
10 1 4 10
10 5
10 6
Hz 10 7 f
346 04/00


▲Up To Search▲   

 
Price & Availability of B82720-K2601-N40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X