Part Number Hot Search : 
P010045 H7210 M325FAN XXXGX PC1602 1N5229A 1N5229A 19381357
Product Description
Full Text Search
 

To Download B82503-U-A8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jump to preceding page
Chokes for Power Lines I Core Chokes
Rated voltage 400 Vac/450 Vdc Rated current 0,5 to 10 A Rated inductance 0,1 to 47 mH Construction
s Chokes with winding of enamel copper wire
B82503
Features
s Low power dissipation s Broadband interference suppression
Applications
s Attenuation of differential
and common-mode interference
s High-performance power supplies s Industrial applications
Terminals
s Tab connectors
Marking Manufacturer, ordering code, rated inductance, rated current, VDE mark Approvals Approval mark Standard VDE 0565-2 Dimensional drawing
311 04/00
Jump to succeding page
Chokes for Power Lines I Core Chokes
General technical data Inductance tolerance Rated current IR DC resistance Rtyp Climatic category Permissible operating current at 400 Hz Weight For further technical data see page 308 Characteristics and ordering codes 20 % Referred to 50 Hz and 40 C ambient temperature Typical value, measured at 20 C ambient temperature 40/125/56 (- 40 C/+ 125 C/56 days damp heat test) in accordance with IEC 60068-1 0,75 * I R Approx. 70 to 90 g
B82503
IR A
0,5 1 2 4 6 10 Impedance |Z | versus frequency f
LR mH
47 15 3,3 0,68 0,33 0,1
Rtyp
10 2,7 0,7 0,2 0,1 0,03
Ordering code B82503-U-A5 B82503-U-A8 B82503-U-A10 B82503-U-A12 B82503-U-A13 B82503-U-A14
312 04/00


▲Up To Search▲   

 
Price & Availability of B82503-U-A8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X