Part Number Hot Search : 
80080 24C16 MAX97 UMX5N 271KD14 KA3162 MAX97 M188R6
Product Description
Full Text Search
 

To Download B82482-A3601-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jump to preceding page
SMT Ferrite Beads B82482-A3
Rated impedance 60 to 1000 Rated current 0,05 to 1 A Construction
s Size 0603 (EIA) or 1608 (IEC) s Multilayer technology with ferrite
Features
s Small size s Suitable for reflow (IR and vapor phase)
and wave soldering Applications Prevention of high-frequency EMI in s computers, printers s VCRs, TVs s cordless phones s mobile phones Terminals
s Tinned s Ni intermediate layer
Marking No marking on component Minimum marking on reel: Manufacturer, part number, ordering code, Z value and tolerance of Z value, quantity, date of packing Delivery mode 8-mm blister tape wound on 180-mm reel For details on taping, packing and packing units see page 224
219 04/00
SMT Ferrite Beads
B82482-A3
General technical data Impedance |Z | Rated current IR DC resistance Rmax Climatic category Storage temperature Soldering: Wave soldering Infrared soldering Vapor-phase soldering Solderability Resistance to soldering heat Permissible PCB bending Temperature cycles Humidity test Life test Maximum 250C, 5 s Maximum 240C, 20 s temperature/time profile > 200 C, max. 50 s Maximum (215 5)C, max. 50 s (230 5)C, (4 0,5) s wetting of soldering area: 75 % (260 5)C, (10 0,5) s after preheating at 150C, 60 s impedance change max. 30 % 2 mm (100 mm long standard PCB) - 25C/+ 125C, for each 30 min., total 5 cycles impedance change 30 % 40C, 90 to 95 % r. h., 500 h impedance change 30 % 500 at 85Cand rated current impedance change 30 % Measured with HP 4291A at frequency fZ Maximum dc current at ambient temperature TA = 85C Measured at 20C ambient temperature In accordance with IEC 60068-1 25/085/21 (- 25C/+ 85C/21 days damp heat test) - 25C/+ 85C
220 04/00
SMT Ferrite Beads
B82482-A3
Dimensional drawing
Ferrite Ferrite
TerminalElectrode Terminal electrode
k
k
h
b
SSB1339-U
Type B82482-A3
Size EIA 0603
IEC 1608
Dimensions (mm) l b 1,6 0,15 0,8 0,15
h
0,8 0,15
k
0,3 0,2
PCB layout recommendation
B A
Dimensions (mm) A B
C
C
0,8 ... 1,0 0,6 ... 0,8
Reflow soldering Wave soldering
0,8 ... 1,0 0,8 ... 1,0
2,0 ... 2,6 2,4 ... 3,0
Soldering Solder land land
SSB1342-E
Characteristics and ordering codes For further technical data see page 220 Size EIA 0603 |Z | 60 120 220 600 1000 Tolerance 25 %
IEC 1608
fZ MHz
100 100 100 100 100
IR A
1,0 0,5 0,2 0,1 0,05
Rmax
0,07 0,1 0,3 0,8 1,0
Ordering code B82482-A3600-A B82482-A3121-A B82482-A3221-A B82482-A3601-A B82482-A3102-A
221 04/00
SMT Ferrite Beads
B82482-A3
Typical electrical characteristics Impedance |Z |, real part R and imaginary part X versus frequency f |Z | Size 0603 B82482-A3600-A
150 Z , R, X
SSB1393-N
R
X
B82482-A3121-A
150 Z , R, X 200
SSB1394-W
100
150 Z
Z 50 X R
100 R X
50
00 10
10 1
10 2
MHz 10 3 f
00 10
10 1
10 2
MHz 10 3 f
B82482-A3221-A
1400 Z , R, X 1000 800 600 400 Z 200 0 10 0 R 10
1 SSB1357-S
B82482-A3601-A
1400 Z , R, X 1000 800 600 400 R 200 X
2
SSB1358-1
Z
X 10 MHz 10 f
3
0 10 0
10 1
10 2
MHz 10 3 f
222 04/00
SMT Ferrite Beads
B82482-A3
Typical electrical characteristics Impedance |Z |, real part R and imaginary part X versus frequency f |Z | Size 0603 B82482-A3102-A
1400 Z , R, X 1000 Z 800 R 600 400 200 0 10 0
SSB1359-9
R
X
X
10 1
10 2
MHz 10 3 f
223 04/00
Jump to succeding page
SMT Ferrite Beads Taping and Packing
8-mm blister tape
1,750,1
B82482-A3
1,5+0,1
40,1 20,05
3,50,1
t2
A0
40,1
B0
g Direction of unreeling Abspulrichtung Direction of unreeling
SSB1346-C SSB1346-C
Type B82482-A3
Size EIA 0603
IEC 1608
Dimensions (mm) A0 (max.) B0 (max.) 1,0 0,15 1,8 0,15
80,2
t2 (max.)
1,6
Reel packing
20,5
T
1,0
130,5
210,8
W
SSB1343-M
A
Type B82482-A3
Size EIA 0603
IEC 1608
Dimensions (mm) A B 180 3 36 0,5
oB
W
11 1
T
1,2 0,1
Packing unit Pieces/reel 4000
224 04/00


▲Up To Search▲   

 
Price & Availability of B82482-A3601-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X