Part Number Hot Search : 
MDSF1 40014 M2560 MBRB2 7139A T2001 18F6622 185N55
Product Description
Full Text Search
 

To Download B81141C1683M289 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film Capacitors
EMI Suppression Capacitors (MKT)
Series/Type: Date:
B81141 August 2004
(c) EPCOS AG 2004. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
EMI suppression capacitors (MKT) X1 / 440 VAC
B81141
Typical applications X1 class for interference suppression "Across the line" applications Climatic Max. operating temperature: 85 C Climatic category (IEC 60068-1): 40/085/21 Construction Dielectric: polyester (MKT) Internal series connection Plastic case (UL 94 V-0) Epoxy resin sealing (UL 94 V-0) Features Self-healing properties Terminals Parallel wire leads, lead-free tinned Standard lead lengths: 6 1 mm Special lead lengths available on request Marking Manufacturer's logo, lot number, date code, rated capacitance (coded), cap. tolerance (code letter), rated AC voltage, series number, sub-class (X1), dielectric code (MKT), climatic category, passive flammability category, approvals. Delivery mode Bulk (untaped) Taped (Ammo pack or reel) For taping details, refer to chapter "Taping and packing". Approvals Marks of conformity
Dimensional drawing
Dimensions in mm Lead spacing 0.4 15 ... 27.5 mm Marking example Lead diameter d1 0.8
Standards EN 132400, IEC 60384-14 UL 1414 CSA C22.2 No.1
Certificate 138583 E97863 E97863
2
B81141 X1 / 440 VAC
Overview of available types Lead spacing 15 mm CR (F) 0.010 0.022 0.033 0.047 0.068 0.10 0.15 0.22 0.33 0.47 Ordering codes and packing units Lead spacing CR mm 15 F 0.010 0.022 0.033 0.047 0.068 0.10 0.15 0.22 0.33 0.47 Max. dimensions wxhxl mm 5.0 x 10.5 x 18.0 7.0 x 12.5 x 18.0 8.5 x 14.5 x 18.0 9.0 x 17.5 x 18.0 8.5 x 16.5 x 26.5 10.5 x 16.5 x 26.5 11.0 x 20.5 x 26.5 12.5 x 21.5 x 31.5 14.0 x 24.5 x 31.5 18.0 x 27.5 x 31.5 Ordering code (composition see below) B81141C1103M*** B81141C1223M*** B81141C1333M*** B81141C1473M*** B81141C1683+*** B81141C1104+*** B81141C1154+*** B81141C1224+*** B81141C1334+*** B81141C1474+*** Ammo Reel Untaped pack pcs./unit pcs./unit pcs./unit 1170 830 680 640 480 390 370 1300 900 700 700 500 400 350 300 1000 1000 500 500 510 540 510 280 260 200 22.5 mm 27.5 mm
22.5
27.5
Further E series and intermediate capacitance values on request.
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% (Closer tolerances on request)
*** = Packaging code: 289 = Ammo pack 189 = Reel 000 = Untaped (lead length 6
1 mm)
3
B81141 X1 / 440 VAC
Technical data Max. operating temperature Top,max Dissipation factor tan (in 10-3) at 20 C (upper limit values) Insulation resistance Rins or time constant = CR Rins at 20 C, rel. humidity 65% (minimum as-delivered values) DC test voltage Passive flammability category to IEC 40 (CO) 752 Rated AC voltage (IEC 60384-14) +85 C at
1 kHz 8.0 100 kHz 15.0 CR > 0.33 F CR 0.33 F 10 000 s 30 000 M
2500 V, 2 s C
Maximum continuous AC voltage (V AC) 440 V (50/60 Hz) 440 V (50/60 Hz) Maximum continuous DC voltage (V DC) 1000 V Operating AC voltage V op at high Vop = VAC (continuously) TA 85 C temperature Vop = 1.25 VAC (1000 h) TA 85 C Damp heat test 21 days / 40 C / 93% relative humidity Limit values after damp heat test Capacitance change C/C 5% Dissipation factor change ( tan ) 5 10-3 (at 1 kHz) Insulation resistance Rins 50% of minimum or time constant = CR Rins as-delivered values
4
B81141 X1 / 440 VAC
Pulse handling capability "dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in V/s. "k0" represents the maximum permissible pulse characteristic of the waveform applied to the capacitor, expressed in V 2/s. Note: The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the capacitor. dV/dt and k0 values Lead spacing dV/dt in V/s k0 in V2/s 15 mm 400 500 000 22.5 mm 200 250 000 27.5 mm 150 187 500
Impedance Z versus frequency f (typical values)
5


▲Up To Search▲   

 
Price & Availability of B81141C1683M289

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X