Part Number Hot Search : 
SSF6N40D WP2060YD RF5540 MBR745 7447908 M5R23RLJ R1200CHX C3722
Product Description
Full Text Search
 

To Download B65524-C1008-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM/P/P Cores Halves/EP/TT/PR Cores
Series/Type:
P9x5
The following products presented in this data sheet are being withdrawn. Ordering Code B65522A50000000 B65517D0000R026 B65518C3000X001 B65518C3000X101 Substitute Product Date of Withdrawal 2004-10-18 2002-08-02 2003-08-08 2004-01-23 Deadline Last Orders 2005-03-31 2002-12-31 2004-02-29 Last Shipments 2005-09-30 2003-03-31 2004-08-31
B65517D0000R048 B65518C3000X101 B65518C3000X001
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.
P9x5 Core
I In accordance with IEC 60133 I Pot cores are supplied in sets
B65517
Magnetic characteristics (per set) with center without hole center hole
l/A le Ae A min Ve
1,25 12,2 9,8 -- 120
1,13 13,4 11,9 9,3 159
mm-1 mm mm2 mm2 mm3
Approx. weight (per set) m Gapped Material AL value nH K1 M33 N48 25 3 % 40 3 % 63 3 % 100 3 % 160 3 % 200 3 % 250 5 % s approx. mm 0,45 0,26 0,20 0,10 0,06 0,04 0,03 0,8 1,0 g
e
Ordering code 1) -D with center hole -T with threaded sleeve B65517-+25-A1 B65517-+40-A1 B65517-D63-A33 B65517-+100-A48 B65517-+160-A48 B65517-D200-A48 B65517-D250-J48
25 40 63 100 159 200 249
Ungapped Material A L value nH N26 N30 T38 1300 + 30/- 20 % 2500 + 30/- 20 % 5500 + 40/- 30 % 1190 2490 4945
e
Ordering code -D with center hole -W without center hole B65517-D-R26 B65517-D-R30 B65517-W-Y38
1) Replace the + by the code letter "D" or "T" for the required version.
318 08/01
P9x5 Accessories
Coil former Standard: Material: Winding: to IEC 60133 GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code black see "Processing Notes", page 155
B65522
Insulating washer 1 between core and coil former
I For tolerance compensation and for insulation I Polycarbonate spring washer (UL 94 V-0, insulation class to IEC 60085: E
120C), 0,04 mm thick
Coil former Sections 1 2 AN mm2 3,6 3,2 lN mm 19,2 19,2 A R value 183 206
Ordering code
B65522-B-T1 B65522-B-T2 B65522-A5000
Insulating washer 1 (reel packing, PU = 1 reel)
Coil former
AN
1,5+0,3 3,5 _ 0,1
0,35
o7,4 _ 0,15
o4,8 _ 0,1
o4+0,1
0,3
FPK0339-Q
Insulating washer 1
0,80,15
FPK0054-F
o3,70,2 o7,60,2
1,9
319 08/01
P9x5 Accessories
SMD coil former with gullwing terminals GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code black Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350 C, 1 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3,5 s permissible soldering temperature for wire-wrap connection on coil former: 400C, 1 s Winding: see "Processing Notes", page 155 Sections 1 AN mm2 3,4 3,4 lN mm 19,2 19,2 A R value 194 194 Terminals 4 8 Ordering code B65524-C1004-T1 B65524-C1008-T1 Material:
B65524
0,350,05
3,5 _ 0,15
o4,8 _ 0,15
0,50,05
o7,45 _ 0,2
0,750,1
4,7 _ 0,1
1
4 x 2,54 = 10,16
8 7
6+0,2 10,16
2
1,6 _ 0,2
3 4 10,7 _ 0,2
_ 0,2 16,6 +0,1
6 5
0,650,05
2,54
2,5 17,8
FPK0234-D
In the 4-terminal version terminals 2, 3, 6 and 7 are omitted.
320 08/01
2,54
1,2
9,35+0,15 3,95+0,15
0,30,2
o10,350,15
12,2 _ 0,3
Recommended Empfehlung fur das Leiterplattenlayout PCB layout
P9x5 Accessories
Mounting assembly for printed circuit boards
I The set comprises a terminal carrier and a yoke I For snap-in connection
B65518
Terminal carrier
I With thread for the adjusting screw (to be combined with core version "D")
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code black Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 C, 2 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3,5 s Yoke Spring yoke, made of tinned nickel silver (0,25 mm), with ground terminal Complete mounting assembly (4 solder terminals) Ordering code: B65518-D2001 Complete mounting assembly (6 solder terminals) Ordering code: B65518-D2002
Material:
4 solder terminals
M1,4 M1,4 Thread for Gewindeadjusting screw fuhrung fur Abgleichschraube
6 solder terminals
3 2 1
12,3 max.
M1,4 M1,4 Thread for Gewindeadjusting screw fuhrung fur Abgleichschraube
12 9,9 max.
9,9 max.
8,3 max.
b
3,5 _ 0,4
3,5 _ 0,4
Hole arrangement View in mounting direction
2,54
c
8,3 max.
a
1+0,1
Erdungspunkt Ground
FPK0057-S
Ground Erdungspunkt
FPK0056-W
1) a) b) c)
1,3 hole also permissible Yoke Terminal carrier with 4 solder terminals Terminal carrier with 6 solder terminals
321 08/01
1+0,1
1)
1)
6
1
3
4
34 o0,5
4
5
6
9,9 max. a
Hole arrangement View in mounting direction
2,54 1,25
o0,5
P9x5 Accessories
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
B63399 B65518
Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Core P 9 x 5 Material K1 M 33 N 48 Handle A L value nH 25 40 40 100 Adjusting screw Tube core x length mm 1,81 x 2,0 1,81 x 2,0 1,81 x 2,0 1,81 x 2,0 Material Si 1 K1 Si 1 K1 Color code brown blue brown blue Min. adjusting range % 17 16 16 15 B65518-C3000-X101 B65518-C3000-X1 B65518-C3000-X101 B65518-C3000-X1 B63399-B4 B63399-B5 Ordering code
Adjusting screwdriver
Adjusting screw
322 08/01
Herausgegeben von EPCOS AG Marketing Kommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND EPCOS AG 2000. Alle Rechte vorbehalten. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Mit den Angaben in dieser Broschure werden die Bauelemente spezifiziert, keine Eigenschaften zugesichert. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
Published by EPCOS AG Marketing Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
1


▲Up To Search▲   

 
Price & Availability of B65524-C1008-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X