Part Number Hot Search : 
IRLD110 MKTD05 FB5002 10X12 15005 VT8225 2503F SUR503EF
Product Description
Full Text Search
 

To Download B65496-B2003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM/P/P Cores Halves/EP/TT/PR Cores
Series/Type:
P 4.6 x 4.1
The following products presented in this data sheet are being withdrawn. Ordering Code B65496B20030000 B65496B20020000 B63399A10070000 Substitute Product Date of Withdrawal 2003-08-08 2003-08-08 2003-08-08 Deadline Last Orders 2005-03-31 2004-02-29 Last Shipments
B65496B20030000
2005-09-30 2004-08-31
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.
P 4,6 x 4,1 Core
Miniature pot cores for adjustable miniature inductors
I One of the two cores is equipped with an
B65495
1,1+0,1
o2,2 _ 0,1 M1,2
FPK0337-9
internal thread for the adjusting screw
I The unit can be fixed to the terminal
carrier by glue
I Space requirements of the inductor 5 x 5,1 mm
Magnetic characteristics (per set)
l/A le Ae Ve
= 2,6 mm-1 = 7,6 mm = 2,8 mm2 = 21,3 mm3
Approx. weight 0,17 g/set
Ungapped Material AL value nH M33 N30 200 + 40/- 30 % 800 + 40/- 30 % 414 1660
e
1) Replace the + by the code letter "K" or "B" for the required version.
308 08/01
4,1_ 0,1 2,7+0,2
Ordering code 1) -K with thread -B with center hole B65495-B-Y33 B65495-+-Y30
0,85+0,1
(without terminals) I Pot cores are supplied in sets
4,65 _ 0,19 3,7+0,15
o1,4+0,05
P 4,6 x 4,1 Accessories
Coil former with positioning lug Material: Winding: Sections 1 GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code black see "Processing Notes", page 155 AN mm2 0,8 lN mm 9,5 A R value 400 Ordering code B65496-B1000-T1
B65496
Positioning lug AN
0,35
0,25 0,25
2,55 _ 0,07
FPK0273-Y
309 08/01
o2,67 _ 0,05
o2,27+0,05
3,65 _ 0,08
0,6+0,2
0,7
P 4,6 x 4,1 Accessories
Terminal carrier Material: GFR polyether ketone (UL 94 V-0, insulation class to IEC 60085: F max. operating temperature 155 C), color code natural Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350 C, 1 s Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 C, 3,5 s Terminal carrier With 4 solder terminals for PCB through-hole assembly With 4 solder terminals for SMT Ordering code B65496-B2002 B65496-B2003
B65496
For PCB through-hole assembly
0,5
For SMT
0,5
2,6 _ 0,3 1,5
Nach dem Loten Bend after umbiegen soldering 2 50,3
Bend after soldering 0,9 6,9 _ 0,2
0,4 x 0,2 0,4 x 0,2
0,2
1,5
5 _ 0,1
Marking of pin fur Stift 1 Kennzeichnung 1
5 _ 0,1
o0,8+0,1
Marking of pin 1
0,8
2,54
2,5
5,08
FPK0241-V
1,5 7,5
FPK0265-8
Hole arrangement View in mounting direction
Recommended PCB layout
310 08/01
0,4 x 0,2 0,4 x 0,2
5 _ 0,1
5 _ 0,1
P 4,6 x 4,1 Accessories
Adjusting screw
G Tube core with thread and core brake made of polyacetal
B63399 B65496
Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Adjusting screw Tube core x length mm 1,25 x 1,2 Handle Material K1 Color code % blue 10 B65496-A3001-X1 B63399-A1007 B63399-B5 Min. adjusting range Ordering code
Adjusting screwdriver
Adjusting screw
311 08/01
Herausgegeben von EPCOS AG Marketing Kommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND EPCOS AG 2000. Alle Rechte vorbehalten. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Mit den Angaben in dieser Broschure werden die Bauelemente spezifiziert, keine Eigenschaften zugesichert. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
Published by EPCOS AG Marketing Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
1


▲Up To Search▲   

 
Price & Availability of B65496-B2003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X