Part Number Hot Search : 
HC453 KBU25 KC846 LT8610 ULN200 MLL5240 LB8632 HC55185
Product Description
Full Text Search
 

To Download B5A90VI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION. FEATURES
Average Output Rectified Current : IO=5A (Tc=115 ). Repetitive Peak Reverse Voltage : VRRM=90V. Fast Reverse Recovery Time : trr=35ns. Low Peak Forward Voltage : 0.70V(Typ.)
D U E
B5A90VI
SCHOTTKY BARRIER TYPE DIODE
A
C
K
L M D
W L
N
N T
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current (Tc=115 ) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
)
SYMBOL VRRM IO IFSM Tj Tstg RATING 90 5 100 -40 -55 150 150 UNIT
O
T
V A A
Q
1
2
3
DIM MILLIMETERS A 10.30 MAX B 15.30 MAX _ C 2.70 + 0.30 S D 0.85 MAX _ E 3.20 + 0.20 _ F 3.00 + 0.30 G 12.30 MAX 0.75 MAX RH T _ 13.60 + 0.50 J 3.90 MAX K 1.20 L 1.30 M V 2.54 N _ O 4.50 + 0.20 P 6.80 _ Q 2.60 + 0.20 R 10 H S 25 T 5 U 0.5 _ V 2.60 + 0.15 W 1.5 MAX 1. CATHODE 2. NC 3. ANODE
P
F G J B
TO-220IS
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance VFM
)
TEST CONDITION IFM=5A, Tc=25 VRRM=Rated IF=1.0A, di/dt=-20A/ s Juction to Case MIN. TYP. 0.70 MAX. 0.75 3 35 4.5 UNIT V mA ns /W
SYMBOL
IRRM trr Rth(j-c)
1999. 9. 16
Revision No : 0
1/2
B5A90VI
I F - VF
50
T J =125 C
I R - VR
100 REVERSE CURRENT I R (mA)
T J =150 C
FORWARD CURRENT I F (A)
30
10 1.0 0.1 0.01 0.001
T J =125 C T J =100 C T J =75 C T J =50 C T J =25 C
10 5.0 3.0
T J =75 C
T J =25 C
1.0 0.5 0.2 0.4 0.6 0.8 1.0 1.2 FORWARD VOLTAGE V F (V)
0
20
40
60
80
100
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT I F(AV) (A)
AVERAGE FORWARD CURRENT I F(AV) (A)
CURRENT DERATING (CASE)
8 7 6 5 4 3 2 1 0 100 110 120 130 140 150
180 SQUARE WAVE DC RATED VOLTAGE APPLIED R th(j-c) =4.5 C/W
CURRENT DERATING (AMBIENT)
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 AMBIENT TEMPERATURE T A ( C)
180 SQUARE WAVE DC RATED VOLTAGE APPLIED R th(j-a) =60 C/W (NO HEAT SINK)
CASE TEMPERATURE Tc ( C)
AVERAGE FORWARD POWER DISSIPATION P F(AV) (W)
P F(AV) - I F(AV)
5 4 3 2 1 0 0 2 4 6 8 AVERAGE FORWARD CURRENT I F(AV) (A)
180 SQUARE WAVE I PK I AV = DC
(RESISTIVE LOAD)
1999. 9. 16
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of B5A90VI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X