Part Number Hot Search : 
52000 D1005 D4004 SA120 ON2947 ZTX555 23990 LTC2600
Product Description
Full Text Search
 

To Download B5A100VI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION. FEATURES
Average Output Rectified Current : IO=5A (Tc=115 ). Repetitive Peak Reverse Voltage : VRRM=100V. Fast Reverse Recovery Time : trr=35ns. Low Peak Forward Voltage : 0.75V(Typ.)
D L M D U E
B5A100VI
SCHOTTKY BARRIER TYPE DIODE
A
C
W L
N
N T
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current (Tc=115 ) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
)
SYMBOL VRRM IO IFSM Tj Tstg RATING 100 5 100 -40 150 -55 150 UNIT V A A
O
T
Q
1
2
3
DIM A B C S D E F G RH T J K L M V N O P Q R H S T U V W 1. CATHODE 2. NC 3. ANODE
P
MILLIMETERS 10.30 MAX 15.30 MAX _ 2.70 + 0.30 0.85 MAX _ 3.20 + 0.20 _ 3.00 + 0.30 12.30 MAX 0.75 MAX _ 13.60 + 0.50 3.90 MAX 1.20 1.30 2.54 _ 4.50 + 0.20 6.80 _ 2.60 + 0.20 10 25 5 0.5 _ 2.60 + 0.15 1.5 MAX
F G J B
K
TO-220IS
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance
)
TEST CONDITION IFM=5A, Tc=25 VRRM=Rated IF=1.0A, di/dt=-20A/ s Juction to Case MIN. TYP. 0.75 MAX. 0.80 3 35 4.5 UNIT V mA ns /W
SYMBOL VFM IRRM trr Rth(j-c)
2002. 9. 10
Revision No : 0
1/2
B5A100VI
I F - VF
50
T J =125 C
I R - VR
100 REVERSE CURRENT I R (mA)
T J =150 C
FORWARD CURRENT I F (A)
30
10 1.0 0.1 0.01 0.001
T J =125 C T J =100 C T J =75 C T J =50 C T J =25 C
10 5.0 3.0
T J =75 C
T J =25 C
1.0 0.5 0.2 0.4 0.6 0.8 1.0 1.2 FORWARD VOLTAGE V F (V)
0
20
40
60
80
100
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT I F(AV) (A)
AVERAGE FORWARD CURRENT I F(AV) (A)
CURRENT DERATING (CASE)
8 7 6 5 4 3 2 1 0 100 110 120 130 140 150
180 SQUARE WAVE DC RATED VOLTAGE APPLIED R th(j-c) =4.5 C/W
CURRENT DERATING (AMBIENT)
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0
180 SQUARE WAVE DC RATED VOLTAGE APPLIED R th(j-a) =60 C/W (NO HEAT SINK)
20
40
60
80
100
120
140
160
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
AVERAGE FORWARD POWER DISSIPATION P F(AV) (W)
P F(AV) - I F(AV)
5 4 3 2 1 0
180 SQUARE WAVE I PK = IAV (RESISTIVE LOAD) DC
0
2
4
6
8
AVERAGE FORWARD CURRENT I F(AV) (A)
2002. 9. 10
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of B5A100VI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X