Part Number Hot Search : 
2SC3912 P2AF3 630NM 74AVC DT74ALV 3151V BC169B GE220K
Product Description
Full Text Search
 

To Download B59886C0120A070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Overcurrent Protection Leaded Disks, Coated, 380 V, 500 V
Applications
I Overcurrent and short-circuit protection
B5988* C 884 ... C 886
b
5 max.
I Lead-free terminals I Manufacturer's logo and type designation I UL approval to UL 1434 with V max = 230 V and
VN = 220 V (file number E69802) Options
I Leadless disks and leaded disks without
5
35 min.
stamped on in white
h
Features
od
TPT0648-4
coating available on request I Also available on tape (to IEC 60286-2) Delivery mode
I Cardboard strips (standard) I Cardboard tape reeled or in AMMO pack on request
Dimensions (mm) Type C 884 C 885 C 886 bmax 6,5 6,5 6,5
d 0,6 0,6 0,6
hmax 10,0 10,0 10,0
General technical data Switching cycles (typ.) Resistance tolerance Operating temperature range (V = 0) (V = Vmax) N R N Top Top 100 25 % - 40/+ 125 0/+ 60
C C
Electrical specifications and ordering codes ISmax Ir (typ.) (V=V max) (V=V max) mA mA A mA V max = 420 V, VN = 380 V, TRef = 120 C (typ.) C 884 21 39 0,2 3 V max = 550 V, VN = 500 V, TRef = 115 C (typ.) C 885 15 30 0,1 3 C 886 12 24 0,1 2 Type IN IS RN R min Ordering code
600 1200 1500
340 675 840 B59884C0120A070 B59885C0120A070 B59886C0120A070
84
10/02
Overcurrent Protection Leaded Disks, Coated, 380 V, 500 V
B5988* C 884 ... C 886
Characteristics (typical) PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 9 R PTC
TPT0769-X
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
10 2 mA
TPT0771-9
I PTC
10 7 10 6
10 1
10
5
10 4 10 3 10 2
B59884C0120A070 B59885C0120A070 B59886C0120A070 0 50 100 150 200 C 250 TPTC
B59884C0120A070 B59885C0120A070 B59886C0120A070 10 0 1 10 100 V 1000 V PTC
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 tS s
TPT0770-1
Rated current IN versus ambient temperature TA (measured in still air)
I N, TA 2,0
TPT0731-F
I N, 25 C 1,6
10 2
1,4
B59884C0120A070 B59885C0120A070 B59886C0120A070
1,2 1,0 0,8
10 1
10 0
0,6 0,4 0,2
10
_1
0
0,1
0,2
0,3
A 0,4 IS
0 _
20 0
20 40 60 80 100 120 C 160 TA
85
10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B59886C0120A070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X