Part Number Hot Search : 
FF0300UD SSM3K14 W900833 TC5082P AM2313P C1683 HY2002 MAX6683
Product Description
Full Text Search
 

To Download B59346A1502P020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Applications PTC Thermistors in Plastic Case, 220 V
Applications
I Starting resistance in switch-mode
B59339/ 342/ 346 J 29
6,3 max.
6,3 max.
power supplies Features
I Encased thermistor disk with
clamp contacts Flame-retardant plastic case Case material UL-listed Silver-plated lead-free solder pins Manufacturer's logo and type designation stamped on in white I Stable performance throughout 50 000 switching cycles
I I I I
4
9 max.
1 2,5
TPT0649-C
Dimensions (mm)
Delivery mode
I Packed in deep-drawn trays
General technical data Max. operating voltage (TA = 60 C) Rated voltage Switching cycles (typ.) Rated resistance Resistance tolerance Operating temperature range (V = 0) (V = Vmax) Vmax VN N RN R N Top Top 265 220 50000 5000 25 % - 25/+ 125 0/+ 60 VAC VAC
C C
Electrical specifications and ordering codes TRef IN mA 7 10 14 IS mA 15 20 30 ISmax (V=V max) A 0,1 0,1 0,1 tS s 0,5 1,0 2,0 Ir (V=V max) mA 1,5 1,8 2,0 Rmin Ordering code
C 115 150 190
3200 2800 2000
B59339A1502P020 B59342A1502P020 B59346A1502P020
150 10/02
Switching Applications PTC Thermistors in Plastic Case, 220 V
B59339/ 342/ 346 J 29
Characteristics (typical) PTC resistance RPTC versus PTC temperature TPTC (measured at low signal voltage)
10 9 R PTC
TPT0220-4
PTC current IPTC versus PTC voltage VPTC (measured at 25 C in still air)
3 mA
TPT0221-C
B593**A1502P020
B593**A1502P020
I PTC
10 8 TRef 115 C 150 C 190 C
TRef 115 C 150 C 190 C
10 7
10 1
10 6
5
10 5
10 4
10_3 50
0
50
100 150 200
C 300 TPTC
10 0 10
100
V
1000 VPTC
Switching time tS versus switching current IS (measured at 25 C in still air)
10 3 s B593**A1502P020
TPT0222-K
tS
10 2
10 1
TRef 115 C 150 C 190 C
10 0
10
_1
0
20
40
60
80
mA 120 IS
151 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B59346A1502P020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X