Part Number Hot Search : 
CA9011 KBPC10XX AK4536VN IRFZ4 LBN09019 E130A MD7540 KSMF2N60
Product Description
Full Text Search
 

To Download B57871S0303000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Temperature Measurement Leaded Disks
Applications
I Temperature measurement
B57871 S 871
2,5 max.
7 max. 36 _ 1
2,5 max.
Features
I I I I I
High measuring accurancy Cost-effective Rugged design, epoxy resin encapsulation Tinned copper leads Lead spacing 2,5 mm
2,5
Delivery mode Bulk (standard), cardboard tape, reeled or in Ammo pack
o0,4
TNT0402-C
Dimensions in mm Approx. weight 120 mg
Climatic category (IEC 60068-1) Max. power at 25 C Resistance tolerance Rated temperature B value tolerance Dissipation factor (in air) Thermal cooling time constant (in air) Heat capacity
P25 R N/R N TN B/B th c Cth
55/155/56 60 1 %, 3 %, 5 % 25 1% approx. 3,8 approx. 7,5 approx. 28,5
5,5 max.
mW
C
mW/K s mJ/K
R 25
No. of R/T characteristic 1008 8016 2908 2001 2901 8018
B 25/100 K 3560 3988 3460 3920 3760 3964
Ordering code
2,1 k 10 k 10 k 10 k 12 k 30 k
B57871S0212+000 B57871S0103+001 B57871S0103+002 B57871S0103+003 B57871S0123+000 B57871S0303+000
+: F for RN/RN = 1 % H for RN/RN = 3 % J for RN/RN = 5 %
74
05/02
Temperature Measurement Leaded Disks
Reliability data Test Storage in dry heat Storage in damp heat, steady state Rapid temperature cycling Endurance Long-term stability (empirical value) Standard IEC 60068-2-2 IEC 60068-2-3 Test conditions Storage at upper category temperature T: 155 C t: 1000 h Temperature of air: 40 C Relative humidity of air: 93 % Duration: 56 days
B57871 S 871
R 25/R25 (typ.) Remarks
<2% No visible damage No visible damage No visible damage No visible damage No visible damage
<1%
IEC Lower test temperature: - 55 C < 2 % 60068-2-14 Upper test temperature: 155 C Number of cycles: 100 Pmax: 450 mW t: 1000 h Temperature: 70 C t: 10 000 h <3% <3%
75
05/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B57871S0303000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X