Part Number Hot Search : 
R3702P MBRF735 1A19AH 4AUP1G 7067574 SR330PT CM4312A2 AT45D
Product Description
Full Text Search
 

To Download B57238S0809M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inrush Current Limiters
B57238 S 238
Applications
I Switch-mode power supplies I Soft-start motors, e.g. in vacuum cleaners
16 max
7 max
Features
I I I I I
Useable in series connections up to 265 Vrms Coated thermistor disk for line applications Kinked leads of tinned copper wire Wide resistance range UL approval (E69802)
7,5
o1
Options Resistance tolerance < 20 % available on request Delivery mode Bulk (standard), cardboard tape, reeled or in Ammo pack
TNT0365-4
Dimensions in mm Approx. weight 3 g
Climatic category (IEC 60068-1) Max. power at 25 C Resistance tolerance Rated temperature B value tolerance Dissipation factor (in air) Thermal cooling time constant (in air) Heat capacity
Pmax R N/R N TN B/B th c Cth
55/170/56 3,9 20 % 25 3% approx. 20 approx. 80 approx. 1600
W
C
mW/K s mJ/K
R 25
2,5 3,0 4,7 5,0 7,0 8,0 10 15 16 22 25
Imax No. of (0 ... 65 C) R/T charA acteristic 8,4 7,4 6,6 6,4 6,0 5,5 5,0 4,4 4,0 4,0 3,4 1202 1203 1207 1207 1207 1208 1208 1209 1209 1210 1210
B25/100 K 2800 2900 2965 2965 2965 3065 3065 3165 3165 3265 3265
CT1) CT1) Parameters for 230 V 110 V R(I) 1) F F k n 700 700 700 700 700 700 700 700 700 700 700 2800 2800 2800 2800 2800 2800 2800 2800 2800 2800 2800 0,98 1,04 1,20 1,23 1,34 1,40 1,50 1,67 1,69 1,84 1,88 - 1,36 - 1,36 - 1,37 - 1,37 - 1,38 - 1,39 - 1,39 - 1,40 - 1,39 - 1,42 - 1,40
Ordering code
B57238S0259M000 B57238S0309M000 B57238S0479M000 B57238S0509M000 B57238S0709M000 B57238S0809M000 B57238S0100M000 B57238S0150M000 B57238S0160M000 B57238S0220M000 B57238S0250M000
1) For details on the capacitance CT as well as on the parameters k and n refer to "Application Notes", pages 40 - 42.
138 05/02
32+3
23 max
Inrush Current Limiters
B57238 S 238
Reliability data Test Storage in dry heat Standard IEC 60068-2-2 Test conditions Storage at upper category temperature T: 170 C t: 1000 h Temperature of air: 40 C Relative humidity of air: 93 % Duration: 21 days
R 25/R25 (typical)
< 10 %
Remarks No visible damage
Storage in damp heat, steady state Rapid temperature cycling Endurance Cyclic endurance Transient load
IEC 60068-2-3 IEC 60068-2-14
<5%
No visible damage No visible damage No visible damage No visible damage No visible damage
Lower test temperature: - 55 C < 10 % Upper test temperature: 170 C Number of cycles: 10 I = Imax t: 1000 h I = Imax, 1000 cycles On-time = 1 min Cooling time = 6 min Capacitance = C T Number of cycles: 1000 < 10 % < 10 %
<5%
139 05/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B57238S0809M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X