Part Number Hot Search : 
32D10 MC3150L FA5514P R1660 RBN6TG EN7231 23150 3S111
Product Description
Full Text Search
 

To Download B57020M2502A017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Temperature Measurement Probe Assemblies
Applications
I Refrigerators I Deep freezers
B57020 M 2020
8 4,5
Features
I I I I
Thermistor in molded plastic case PVC-insulated connecting cable (white), T max = 105 C Conductor cross section: 2 x 0,34 mm2 Construction based on DIN EN 60 730-1/VDE protection class 2
30
Options Alternative resistance ratings, rated temperatures, resistance tolerance and cable lengths available on request Delivery mode Bulk
Dimensions in mm
TNT0350-Q
Climatic category (IEC 60068-1) Max. power at 25 C Resistance tolerance Rated temperature B value tolerance Dissipation factor (in air) Thermal time constant (in water) Insulation resistance R 25 R0 No. of R/T characteristic 2003
P25 R N/R N TN B/B th a Ris B25/100 K 3980
40/80/56 350 2% 0 1,5 % approx. 10 approx. 35 > 1000 Ordering code
mW
C
mW/K s M
5000
16330
B57020M2502A017
120 05/02
90030
Temperature Measurement Probe Assemblies
Reliability data Test Storage in dry heat Standard IEC 60068-2-2 Test conditions Storage at upper category temperature T: 80 C t: 1000 h Storage at lower category temperature T: - 40 C t: 1000 h IEC 60068-2-3 Temperature of air: 40 C Relative humidity of air: 93 % Duration: 56 days Lower test temperature: - 40 C Upper test temperature: 80 C Time to change from lower to upper temperature: < 30 s; Number of cycles: 1000 Medium: air Temperature of water: 30 C t: 4000 h Applied voltage with drop resistor 10 k:10 Vdc switched between on (ton = 30 min) and off (toff = 30 min) Lower test temperature: - 30 C Upper test temperature: 10 C Test frequency < 15 min under wetness and frozen water Number of cycles: 50000 Medium: air 3750 V; 1 min The sensors are placed in a vessel containing metallic balls of 1 mm diameter (with total immersed head). The applied voltage is 500 Vdc.
B57020 M 2020
R25/R 25 Remarks (typical)
<2% No visible damage
Storage in coldness
<2%
No visible damage
Storage in damp heat, steady state
<2%
No visible damage No visible damage
Rapid temperature IEC cycling 60068-2-14
<2%
Storage in water
<2%
No visible damage
Temperature cycling test
<2%
No visible damage
Voltage proof test Insulation test
No flashover Above 1000 M
121 05/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B57020M2502A017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X