Part Number Hot Search : 
2SC36692 FLM10 53100 1084104 5502I B1101UC4 SA5753 84C840
Product Description
Full Text Search
 

To Download B49410B2366Q000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UltraCap(R)
Single cell 3600 F/ 2.5 V
Series/Type: Ordering code: Date:
B49410B2366Q000 March 2005
(c) EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
UltraCap(R) Single cell, 3600 F/ 2.5 V
B49410B2366Q000
Features Screw terminals M8 x 12 Power type Insulated with polyurethane Short-circuit-proof Note Do not put into fire! Do not open the capacitor! To avoid health and fire hazards, do not operate the capacitor beyond the voltage or temperature limits given in the data sheet. Any excess may also result in a reduction of lifetime. Please pay also attention to the transport and waste disposal instructions in chapter "Cautions".
Dimensional drawing
Dimensions in mm Electrical specifications Rated capacitance Tolerance of C R Rated voltage Capacity Specific power Specific power Stored energy Specific energy Specific energy Surge voltage Maximum series resistance Maximum series resistance Weight Volume Operating temperature range Storage temperature Lifetime (hours) 2) Lifetime (cycles) 3) (TA = 25 C; DCC) 1) (TA = 25 C) (IEC 62391-2) (IEC 62391-2) (V = VR) (V = VR) (V = VR) (TA = 25 C; 1 kHz) (TA = 25 C; 50 mHz) (without terminals) (V = 0 V) (TA = 25 C; V = VR) (TA = 25 C; I = 100 A) Top Tst CR VR 3600 10/+30 2.5 2500 2.9 3.9 11250 3.6 4.9 2.8 160 300 870 0.64 30/+70 40/+70 90000 500000 F % V mAh kW/kg kW/I J Wh/kg Wh/I V g I C C h cycles
E
Vsurge ESR ESRDC
1) DCC: discharging with constant current. 2) Requirements: C/CR 30%, ESR 2 times of specified limit, Ileak 2 times of initial value. 3) Requirements: C/CR 30%, ESR 2 times of specified limit, Ileak 2 times of initial value (1 cycle: charging to VR, 30 s rest, discharging to VR/2, 30 s rest).
2


▲Up To Search▲   

 
Price & Availability of B49410B2366Q000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X