|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
UltraCap(R) Single cell 2700 F/ 2.5 V Series/Type: Ordering code: Date: B49410B2276Q000 March 2005 (c) EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. UltraCap(R) Single cell, 2700 F/ 2.5 V B49410B2276Q000 Features Screw terminals M8 x 12 Power type Insulated with polyurethane Short-circuit-proof Note Do not put into fire! Do not open the capacitor! To avoid health and fire hazards, do not operate the capacitor beyond the voltage or temperature limits given in the data sheet. Any excess may also result in a reduction of lifetime. Please pay also attention to the transport and waste disposal instructions in chapter "Cautions". Dimensional drawing Dimensions in mm Electrical specifications Rated capacitance Tolerance of C R Rated voltage Capacity Specific power Specific power Stored energy Specific energy Specific energy Surge voltage Maximum series resistance Maximum series resistance Weight Volume Operating temperature range Storage temperature Lifetime (hours) 2) Lifetime (cycles) 3) (TA = 25 C; DCC) 1) (TA = 25 C) (IEC 62391-2) (IEC 62391-2) (V = VR) (V = VR) (V = VR) (TA = 25 C; 1 kHz) (TA = 25 C; 50 mHz) (without terminals) (V = 0 V) (TA = 25 C; V = VR) (TA = 25 C; I = 100 A) Top Tst CR VR 2700 10/+30 2.5 1900 2.7 3.6 8438 3.4 4.5 2.8 210 400 690 0.53 30/+70 40/+70 90000 500000 F % V mAh kW/kg kW/I J Wh/kg Wh/I V g I C C h cycles E Vsurge ESR ESRDC 1) DCC: discharging with constant current. 2) Requirements: C/CR 30%, ESR 2 times of specified limit, Ileak 2 times of initial value. 3) Requirements: C/CR 30%, ESR 2 times of specified limit, Ileak 2 times of initial value (1 cycle: charging to VR, 30 s rest, discharging to VR/2, 30 s rest). 2 |
Price & Availability of B49410B2276Q000 |