Part Number Hot Search : 
MTM8N20 5GR15S DD2521S FR307 402C2293 FU024 N74AC SA2111C
Product Description
Full Text Search
 

To Download B43857K2476M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single-Ended Capacitors High Reliability - 105 C B41857, B43857
Long-life grade capacitors Applications
I High reliability equipment in industrial and
B41857 B43857
automotive electronics Features
I High reliability and long useful life I High ripple current capability
KAL0707-F
Construction
I I I I I I
Radial leads Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulating sleeve Stand off rubber seal Case with safety vent from diameter 6,3 mm
Delivery mode Special terminal configurations and packing:
I I I I I
Bulk Taped, Ammo pack Cut Kinked PAPR (protection against polarity reversal)
Refer to page 503 for further details and ordering example.
445 10/02
B41857 / B43857 High Reliability - 105 C
Specifications and characteristics in brief Type Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Useful life 105 C; UR; I~R > > > 2 000 h for d 6,3 mm 3 000 h for d = 8 mm 5 000 h for d 10 mm B41857 10 ... 100 VDC 1,15 * UR 0,47 ... 4 700 F 20 % M B43857 160 ... 450 VDC 1,1 * UR 0,47 ... 220 F 20 % M
40 C; UR; I~R
> 200 000 h for d 6,3 mm > 250 000 h for d = 8 mm > 350 000 h for d 10 mm C/C tan IL 50 % of initial value 3 times initial specified limit initial specified limit
Requirements:
Failure percentage: 1 % Failure rate: 50 fit ( 50 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Voltage endurance test 105 C; UR 2 000 h for d 6,3 mm 3 000 h for d = 8 mm 5 000 h for d 10 mm C/C tan IL 30 % of initial value 2 times initial specified limit initial specified limit
Post test requirements:
Vibration resistance
To IEC 60068-2-6, test Fc: displacement amplitude 0,75 mm, frequency range 10 ... 2000 Hz, acceleration max. 10 g, duration 3 x 2 h To IEC 60068-1: UR 250 VDC: 40/105/56 (- 40 C/+ 105 C/56 days damp heat test) UR 350 VDC: 25/105/56 (- 25 C/+ 105 C/56 days damp heat test) IEC 60384-4
IEC climatic category
Sectional specification
446 10/02
B41857 / B43857 High Reliability - 105 C
Dimensional drawings
d max. d
Stand-off rubber seal + max.
_ Safety vent from od < 6,3 mm
a
Minus pole marking
15 min.
5 min.
KAL0706-7-E
Dimensions and weight Dimensions (mm) dxl 5 x 11 6,3 x 11 8 x 11 10 x 12,5 10 x 16 10 x 20 12,5 x 25 16 x 20 16 x 25 16 x 31,5 18 x 31,5 18 x 35 18 x 40 Approx. weight
dmax x lmax
5,5 x 12 6,8 x 12 8,5 x 12 10,5 x 13,5 10,5 x 17 10,5 x 22 13 x 27 16,5 x 22 16,5 x 27 16,5 x 33,5 18,5 x 32,5 18,5 x 36 18,5 x 41
a 0,5
2,0 2,5 3,5 5,0 5,0 5,0 5,0 7,5 7,5 7,5 7,5 7,5 7,5
ob
b
0,50 0,05 0,50 0,05 0,60 0,05 0,60 0,05 0,60 0,05 0,60 0,05 0,60 0,05 0,80 0,05 0,80 0,05 0,80 0,05 0,80 0,1 0,80 0,1 0,80 0,1
g 0,5 0,7 1,0 1,6 1,9 2,6 4,5 5,5 7,5 7,8 11 13 16
447 10/02
B41857 / B43857 High Reliability - 105 C
Overview of available types B41857
UR (VDC) 10 CR (F)
0,47 1 2,2 3,3 4,7 10 22 33 47 100 220 330 470 1 000 2 200 3 300 4 700 B43857 5 x 11 6,3 x 11 8 10 x 11
16
25
35
50 5 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 x 11
63
100 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 x 11 x 12,5 x 16 x 20
Case dimensions d x l (mm)
6,3 x 11 6,3 x 11 8 8 x 11 x 11
8 10 10 10
6,3 x 11 5 6,3 x 11 8 x 11 10 10 16 16 16 x 16 x 20 x 20 x 25 x 11 5 x 11 6,3 x 11 6,3 x 11 8 x 11
6,3 x 11 8 10 x 12,5 10 x 12,5 10 x 20 10 16 16 10
x 11 10 x 12,5 10 x 16 x 20 10
x 12,5 10 x 20 10 x 20 16
x 12,5 12,5 x 25 x 20 16 x 25 16 16 x 31,5 x 31,5 x 20 x 31,5
x 12,5 10
12,5 x 25
x 12,5 10
12,5 x 25
10 x 16 12,5 x 25 16 16 x 20 x 25
12,5 x 25 16 x 25 16 x 35
x 20 16 x 31,5 18 x 35
x 31,5 18 x 40
x 31,5 18
x 31,5 18
UR (VDC) 160 CR (F)
0,47 1 2,2 3,3 4,7 10 22 33 47 100 220 6,3 x 11 6,3 x 11 8 10 10 10 10 10 x 11 x 12,5 x 12,5 x 16 x 20 x 20
200 6,3 x 11 6,3 x 11 8 10 10 10 10 16 16 18 x 11 x 12,5 x 12,5 x 16 x 20 x 20 x 31,5 x 40
250 6,3 x 11 8 x 11 8 10 10 10 16 16 16 18 x 11 x 16 x 16 x 20 x 20 x 25 x 31,5 x 35
350 8 x 11 8 x 11 10 x 12,5 10 x 16 10 x 20 10 x 20 16 x 25 16 x 31,5 16 x 31,5 18 x 40
450
Case dimensions d x l (mm) 10 10 10 x 12,5 x 16 x 20
12,5 x 25 16 x 25 16 18 18 x 31,5 x 35 x 40
12,5 x 25
12,5 x 25 16 x 25 18 x 35
Other voltage and capacitance ratings are also available upon request. 448 10/02
B41857 / B43857 High Reliability - 105 C
Technical data and ordering codes
UR
VDC 10
CR 120 Hz 20 C F
100 220 330 470 1 000 2 200 3 300 4 700 100 220 330 470 1 000 2 200 3 300 4 700 47 100 220 330 470 1 000 2 200 3 300 4 700
Case dimensions dxl mm 5 x 11 6,3 x 11 8 x 11 10 x 12,5 10 x 16 12,5 x 25 16 x 20 16 x 25 6,3 x 11 8 x 11 10 x 12,5 10 x 16 10 x 20 16 x 20 16 x 25 16 x 31,5 5 x 11 6,3 x 11 10 x 12,5 10 x 12,5 10 x 20 12,5 x 25 16 x 25 16 x 31,5 18 x 35
IL 5 min 20 C A
20 32 43 57 110 230 340 480 26 45 63 85 170 362 538 762 22 35 65 93 128 260 560 835 1185
tan max 120 Hz 20 C
ESRmax 120 Hz 20 C
3,3 1,5 1,0 0,71 0,33 0,17 0,12 0,09 2,8 1,3 0,85 0,60 0,28 0,14 0,11 0,08 5,3 2,5 1,1 0,75 0,53 0,25 0,13 0,10 0,07
I~R 120 Hz 105 C mA
98 167 237 333 532 1077 1375 1782 119 204 294 385 612 1184 1574 2055 75 126 255 312 445 812 1363 1814 2440
Ordering code 1)
B41857 0,20 0,20 0,20 0,20 0,20 0,22 0,24 0,26 0,17 0,17 0,17 0,17 0,17 0,19 0,21 0,23 0,15 0,15 0,15 0,15 0,15 0,15 0,17 0,19 0,21 B41857A3107M00* B41857A3227M00* B41857A3337M00* B41857A3477M00* B41857A3108M00* B41857A3228M00* 2) B41857A3338M00* 2) B41857A3478M00* 2) B41857A4107M00* B41857A4227M00* B41857A4337M00* B41857A4477M00* B41857A4108M00* B41857A4228M00* B41857A4338M00* 2) B41857A4478M00* 2) B41857A5476M00* B41857A5107M00* B41857A5227M00* B41857A5337M00* B41857A5477M00* B41857A5108M00* B41857A5228M00* B41857A5338M00* B41857A5478M00*
16
25
Preferred types 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503. 2) Type available upon request
449 10/02
B41857 / B43857 High Reliability - 105 C
Technical data and ordering codes
UR
VDC 35
CR 120 Hz 20 C F
33 47 100 220 330 470 1 000 2 200 3 300 0,47 1,0 2,2 3,3 4,7 10 22 33 47 100 220 330 470 1 000 2 200
Case dimensions dxl mm 5 x 11 6,3 x 11 8 x 11 10 x 12,5 10 x 16 10 x 20 16 x 20 16 x 31,5 18 x 35 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6,3 x 11 6,3 x 11 8 x 11 10 x 12,5 10 x 20 10 x 20 12,5 x 25 16 x 31,5 18 x 40
IL 5 min 20 C A
22 26 45 87 126 175 360 780 1165 10 11 11 12 12 15 21 27 34 60 120 175 245 510 1110
tan max 120 Hz 20 C 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,14 0,16 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,12
ESRmax 120 Hz 20 C
6,0 4,2 2,0 0,90 0,60 0,42 0,20 0,11 0,08 353 166 75 50 35 17 7,5 5,0 3,5 1,7 0,75 0,50 0,35 0,17 0,09
I~R 120 Hz 105 C mA
67 92 156 273 366 476 905 1584 2185 8,0 12 17 21 25 37 63 77 107 184 326 399 595 1068 1883
Ordering code 1)
50
B41857A7336M00* B41857A7476M00* B41857A7107M00* B41857A7227M00* B41857A7337M00* B41857A7477M00* B41857A7108M00* B41857A7228M00* B41857A7338M00* B41857A6474M00* B41857A6105M00* B41857A6225M00* B41857A6335M00* B41857A6475M00* B41857A6106M00* B41857A6226M00* B41857A6336M00* B41857A6476M00* B41857A6107M00* B41857A6227M00* B41857A6337M00* B41857A6477M00* B41857A6108M00* B41857A6228M00*
Preferred types 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503.
450 10/02
B41857 / B43857 High Reliability - 105 C
Technical data and ordering codes
UR
VDC 63
CR 120 Hz 20 C F
10 22 33 47 100 220 330 470 1 000 0,47 1,0 2,2 3,3 4,7 10 22 33 47 100 220 330 470
Case dimensions dxl mm 6,3 x 11 6,3 x 11 8 x 11 8 x 11 10 x 12,5 10 x 20 12,5 x 25 16 x 20 18 x 31,5 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 8 x 11 10 x 12,5 10 x 16 10 x 20 12,5 x 25 16 x 25 16 x 31,5 16 x 31,5
IL 5 min 20 C A
16 24 31 40 73 149 218 306 640 10 11 12 13 15 20 32 43 57 110 230 340 480
tan max 120 Hz 20 C 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,10 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08
ESRmax 120 Hz 20 C
17 7,5 5,0 3,5 1,7 0,75 0,50 0,35 0,17 282 133 60 40 28 13 6,0 4,0 2,8 1,3 0,60 0,40 0,28
I~R 120 Hz 105 C mA
44 65 93 111 191 338 517 644 1190 9,1 13 20 24 29 56 97 130 170 310 520 692 826
Ordering code 1)
100
B41857A8106M00* B41857A8226M00* B41857A8336M00* B41857A8476M00* B41857A8107M00* B41857A8227M00* B41857A8337M00* B41857A8477M00* B41857A8108M00* B41857A9474M00* B41857A9105M00* B41857A9225M00* B41857A9335M00* B41857A9475M00* B41857A9106M00* B41857A9226M00* B41857A9336M00* B41857A9476M00* B41857A9107M00* B41857A9227M00* B41857A9337M00* B41857A9477M00*
Preferred types 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503.
451 10/02
B41857 / B43857 High Reliability - 105 C
Technical data and ordering codes
UR
VDC 160
CR 120 Hz 20 C F
0,47 1,0 2,2 3,3 4,7 10 22 33 47 100 220 0,47 1,0 2,2 3,3 4,7 10 22 33 47 100 220
Case dimensions dxl mm 6,3 x 11 6,3 x 11 8 10 10 10 10 x 11 x 12,5 x 12,5 x 16 x 20
IL 5 min 20 C A
52 55 61 66 73 98 156 208 276 530 1106 53 56 63 70 78 110 182 248 332 650 1370
tan max 120 Hz 20 C
ESRmax 120 Hz 20 C
706 332 151 101 71 33 15 10 7,1 3,3 1,5 706 332 151 101 71 33 15 10 7,1 3,3 1,5
I~R 120 Hz 105 C mA
10 15 25 36 43 69 111 136 203 336 609 10 15 25 36 43 69 111 170 212 365 643
Ordering code 1)
B43857 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 B43857A1474M00* B43857A1105M00* B43857A1225M00* B43857A1335M00* B43857A1475M00* B43857A1106M00* B43857A1226M00* B43857A1336M00* B43857A1476M00* B43857A1107M00* B43857A1227M00* B43857A2474M00* B43857A2105M00* B43857A2225M00* B43857A2335M00* B43857A2475M00* B43857A2106M00* B43857A2226M00* B43857A2336M00* B43857A2476M00* B43857A2107M00* B43857A2227M00*
10 x 20 12,5 x 25 16 x 25 18 x 35 6,3 x 11 6,3 x 11 8 10 10 10 10 x 11 x 12,5 x 12,5 x 16 x 20
200
12,5 x 25 16 x 20 16 18 x 31,5 x 40
Preferred types 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503.
452 10/02
B41857 / B43857 High Reliability - 105 C
UR
VDC 250
CR 120 Hz 20 C F
0,47 1,0 2,2 3,3 4,7 10 22 33 47 100
Case dimensions dxl mm 6,3 x 11 8 x 11 8 10 10 10 16 16 16 18 8 8 10 10 10 10 16 16 16 18 10 10 10 16 16 18 18 x 11 x 16 x 16 x 20 x 20 x 25 x 31,5 x 35 x 11 x 11 x 12,5 x 16 x 20 x 20 x 25 x 31,5 x 31,5 x 40 x 12,5 x 16 x 20 x 25 x 31,5 x 35 x 40
IL 5 min 20 C A
54 58 67 75 85 125 215 298 403 800 55 61 73 85 99 155 281 397 544 1100 64 80 95 113 185 347 496 685
tan max 120 Hz 20 C 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,20 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24 0,24
ESRmax 120 Hz 20 C
706 332 151 101 71 33 15 10 7,1 3,3 847 398 181 121 85 40 18 12 8,5 4,0 398 181 121 85 40 18 12 8,5
I~R 120 Hz 105 C mA
10 17 25 39 47 75 145 193 250 411 11 16 28 38 49 72 151 201 240 417 18 30 40 60 98 159 219 275
Ordering code 1)
B43857F2474M00* B43857F2105M00* B43857F2225M00* B43857F2335M00* B43857F2475M00* B43857F2106M00* B43857F2226M00* B43857F2336M00* B43857K2476M00* B43857F2107M00* B43857A4474M00* B43857A4105M00* B43857A4225M00* B43857A4335M00* B43857A4475M00* B43857A4106M00* B43857A4226M00* B43857A4336M00* B43857A4476M00* B43857A4107M00* B43857A5105M00* B43857A5225M00* B43857A5335M00* B43857A5475M00* B43857A5106M00* B43857A5226M00* B43857A5336M00* B43857A5476M00*
350
0,47 1,0 2,2 3,3 4,7 10 22 33 47 100 1,0 2,2 3,3 4,7 10 22 33 47
450
12,5 x 25
Preferred types 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503.
453 10/02
B41857 / B43857 High Reliability - 105 C
Useful life depending on ambient temperature TA under ripple current operating conditions 1) for diameter 6,3 mm
3,0
KAL0780-F
~ ~R
B41/B43857 2,5 2,0 1,5 1,0
100 000 h 50 000 h 25 000 h 10 000 h 5 000 h
0,5 0 40
50
60
70
80
90
100
TA
Useful life depending on ambient temperature TA under ripple current operating conditions 1) for diameter = 8 mm
3,0
KAL0781-N
~ ~R
B41/B43857 2,5 2,0 1,5 1,0 250 000 h 100 000 h 50 000 h 25 000 h 10 000 h 0,5 0 40 3 000 h 100 C 110
50
60
70
80
90
TA
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
454 10/02
2 000 h
C 110
B41857 / B43857 High Reliability - 105 C
Useful life depending on ambient temperature TA under ripple current operating conditions 1) for diameter 10 mm
3,0
KAL0782-W
~ ~R
B41/B43857 2,5 2,0 1,5 1,0
250 000 h 100 000 h 50 000 h 25 000 h 10 000 h
0,5 0 40
50
60
70
80
90
100
TA
Frequency factor of permissible ripple current I~ versus frequency f UR 100 VDC
2,0
KAL0783-5
Frequency factor of permissible ripple current I~ versus frequency f UR 160 VDC
2,0
KAL0784-D
~f ~120 Hz
1,6 1,4 1,2 1,0 0,8 0,6 0,4 0,2
B41857
~f ~120 Hz
1,6 50 V, 63 V, 100 V 1,4
B43857 200 V, 250 V
5 000 h
C 110
160 V 1,2 1,0 0,8 0,6 0,4 0,2
10 V, 16 V, 25 V, 35 V
01 10
10 2
10 3
Hz 10 4 f
01 10
10 2
10 3
Hz 10 4 f
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
455 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B43857K2476M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X