Part Number Hot Search : 
20100CT HCT138 10211 002D2 002D2 A48M2 CXD2093Q OMAP2430
Product Description
Full Text Search
 

To Download B43586J4608Q000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitors with Screw Terminals Extended Useful Life - 85 C B43566, B43586
Long-life grade capacitors Applications
I Frequency converters
B43566 B43586
Features
I I I I
Extended useful life, high reliability Good electrical characteristics and small dimensions Extremely high ripple current capability All-welded construction ensures reliable electrical contact I Version with optimized construction for base cooling (2-pad solution) available I Version with low-inductance design available I Self-extinguishing electrolyt Construction
I I I I I
KAL0567-B
B43566
B43586
Charge-discharge proof, polar Aluminum case with insulating sleeve Poles with screw terminal connections Mounting with ring clips, clamps or threaded stud The bases of types with threaded stud and d 76,9 mm are not insulated, types with d = 91 mm have fully insulated bases
142 10/02
B43566 / B43586 Extended Useful Life - 85 C
KAL0567-B
Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Leakage current IL (5 min, 20 C) Self-inductance ESL 350 ... 450 VDC 1,10 * UR 470 ... 6 800 F - 10/+ 30 % Q
C R U R 0,7 I L 0,3 A ae ------- -------o + 4 A e F V o d = 51,6 mm: approx. 15 nH d = 76,9 mm: approx. 20 nH d = 91,0 mm: approx. 20 nH
Capacitors with low-inductance design: d 64,3 mm: approx. 13 nH
Useful life 85 C; UR; I~R 40 C; UR; 2 * I~R > 24 000 h > 250 000 h
Requirements: C/C ESR IL 30 % of initial value 3 times initial specified limit initial specified limit
Failure percentage: 1 % Failure rate: 30 fit ( 30 * 10 -9/h) (for definiton "fit", rrefer to chapter "Quality", page 62) Voltage endurance test 85 C; UR; I~R 5 000 h Post test requirements: C/C ESR IL 10 % of initial value 1,3 times initial specified limit initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc: displacement amplitude 0,75 mm, frequency range 10 to 55 Hz, acceleration max. 10 g, duration 3 x 2 h To IEC 60068-1: 350 VDC: 40/085/56 (- 40 C/+ 85 C/56 days damp heat test)1) 400 VDC: 25/085/56 (- 25 C/+ 85 C/56 days damp heat test) Similar to CECC 30301-803, CECC 30301-807 IEC 60384-4
IEC climatic category
Detail specifications Sectional specification
Ripple current capability Due to the ripple current capability of the contact elements, the following current upper limits must not be exceeded: Capacitor diameter 51,6 mm 30 A 64,3 mm 40 A 76,9 mm 50 A 91,0 mm 70 A
I~max
1) For case dimensions 76,9 mm x 220,7 mm: IEC climatic category 25/085/56
143 10/02
B43566 / B43586 Extended Useful Life - 85 C
KAL0567-B
Dimensional drawings Type B43566 Ring clip/clamp mounting Type B43586 Threaded stud mounting
M5: min. reach of screw = 8 mm M6: min. reach of screw = 12 mm*) *) 8 mm for low-inductance design
Positive pole marking: + The base of all types with threaded stud and d = 91 mm is fully insulated (the lengths l and l1 are increased by 0,5 mm in these cases). For types with threaded stud and d 76 mm the base is not insulated. Also refer to the notes on mounting given on page 168. Dimensions and weights Terminal M5 M5 M5 M6 M6 M6 M6 Dimensions (mm) with insulating sleeve +0 d I1 I1 1 I2 - 1 l3 51,6+ 0/- 0,8 80,7 51,6+ 0/- 0,8 105,7 64,3+ 0/- 0,8 105,7 76,9+ 0/- 0,7 105,7 76,9+ 0/- 0,7 143,2 76,9+ 0/- 0,7 220,7 91,0+ 0/- 2 144,5 87,2 112,2 112,2 111,5 149,0 226,5 149,8 17 17 17 17 17 17 17 7,0+ 0,2/- 1 7,0+ 0,2/- 1 7,0+ 0,2/- 1 Approx. wt. (g) 220 280 440 540 840 1300 1200
d1
d2 max d3 max a
13,5 13,5 13,5 17,7 17,7 17,7 17,7
+ 0,2 - 0,4
M 12 8,2 M 12 8,2 M 12 8,2
22,2 22,2 28,5 31,7 31,7 31,7 31,7
6,4+ 1,1/- 0,8 M 12 17,7 6,4+ 1,1/- 0,8 M 12 17,7 6,4+ 1,1/- 0,8 M 12 17,7 6,4+ 1,1/- 0,8 M 12 17,7
Dimensions are also valid for 2-pad solution and low-inductance design. Packing For ecological reasons the packing is pure cardboard. Capacitor diameter d 51,6 mm 64,3 mm 76,9 mm 91,0 mm Packing units (pieces) 22 15 12 8 144 10/02
B43566 / B43586 Extended Useful Life - 85 C
KAL0567-B
Special designs
I Low-inductance design I 2-pad solution
Design for optimized connection of the capacitor to the heatsink when using base cooling. This version is available for capacitors without threaded stud and for diameters 64,3 mm (cf. I~R(B) in table "Technical data and ordering codes" and useful life graphs).
Thermopad thickness 0,5 mm 0,2 mm
Heatsink
KAL0823-3-E
Ordering codes: Design Low inductance (13 nH) 2-pad solution Identification in 3rd block of ordering code Q003 Q006 Remark For capacitors with diameter d 64,3 mm For capacitors with diameter d 64,3 mm and without threaded stud
Accessories The following items are included in the delivery package, but are not fastened to the capacitors: Thread For terminals M5 M6 For mounting M 12 Toothed washers A 5,1 DIN 6797 A 6,4 DIN 6797 Screws/Nuts Cylinder-head screw M 5 x 8 DIN 84-4.8 Cylinder-head screw M 6 x 12 DIN 85-4.8 Maximum torque 2 10 Nm Nm 2,5 Nm
J 12,5 DIN 6797 Hex nut BM 12 DIN 439
The following must be ordered separately: Ring clips Clamps for capacitors with d 64,3 mm Insulating parts 145 10/02
B44030 (cf. page 169) B44030 (cf. page 173) B44020 (cf. page 166)
B43566 / B43586 Extended Useful Life - 85 C
KAL0567-B
Overview of available types
UR (VDC) CR (F)
470 680 1 000 1 500 2 200 2 700 3 300 4 700 6 000 6 800
350 Case dimensions d x l (mm)
400 51,6 x 80,7
450 51,6 x 80,7 51,6 x 105,7 64,3 x 105,7 76,9 x 105,7 76,9 x 143,2 91,0 x 144,5 76,9 x 220,7
51,6 x 80,7 51,6 x 80,7 51,6 x 105,7 64,3 x 105,7 76,9 x 105,7 76,9 x 143,2 76,9 x 220,7 91,0 x 144,5 76,9 x 220,7
51,6 x 80,7 51,6 x 105,7 64,3 x 105,7 76,9 x 105,7 76,9 x 143,2 76,9 x 220,7 91,0 x 144,5 76,9 x 220,7
The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request.
146 10/02
B43566 / B43586 Extended Useful Life - 85 C
KAL0567-B
Technical data and ordering codes
CR 100 Hz 20 C VDC F
350
UR
Case dimensions dxl mm
ESRmax 100 Hz 20 C m
Zmax 10 kHz 20 C m
100 73 52 39 29 23 21 22 19 290 200 140 92 65 47 40 40 33 310 220 173 120 90 83 67
I~max 100 Hz 40 C A
13 16 21 28 33 44 50 51 50 10 13 17 22 29 38 50 53 50 11 14 17 24 30 36 40
I~max 100 Hz 85 C A
5,0 6,3 8,3 11 13 17 20 20 22 4,0 5,1 6,6 8,5 11 15 19 21 24 4,2 5,4 6,7 9,3 12 14 15
I~R 100 Hz 85 C A
4,4 5,6 7,3 9,4 12 15 18 18 19 3,5 4,5 5,8 7,5 9,9 13 17 18 21 3,7 4,8 6,0 8,2 10 12 14
I~R(B) Ordering code1) 100 Hz 85 C A
8,0 12 14 17 21 27 25 32 28 6,2 9,0 11 13 19 23 24 34 31 7,4 8,6 11 16 17 21 19 B435*6A4687Q000 B435*6B4108Q000 B435*6B4158Q000 B435*6A4228Q000 2) B435*6A4338Q000 2) B435*6A4478Q000 2) B435*6B4608Q000 2) B435*6J4608Q000 2) B435*6B4688Q000 2) B435*6A0477Q000 B435*6A0687Q000 B435*6A0108Q000 B435*6A0158Q000 2) B435*6A0228Q000 2) B435*6A0338Q000 2) B435*6A0478Q000 2) B435*6J0478Q000 2) B435*6A0608Q000 2) B435*6A5477Q000 B435*6A5687Q000 B435*6A5108Q000 2) B435*6A5158Q000 2) B435*6A5228Q000 2) B435*6A5278Q000 2) B435*6A5338Q000 2)
680 51,6 x 80,7 120 1 000 51,6 x 80,7 84 1 500 2 200 3 300 4 700 6 000 6 000 6 800 51,6 x 105,7 64,3 x 105,7 76,9 x 105,7 76,9 x 143,2 76,9 x 220,7 91,0 x 144,5 76,9 x 220,7 59 43 32 25 22 23 20
400
470 680 1 000 1 500 2 200 3 300 4 700 4 700 6 000
51,6 x 80,7 325 51,6 x 80,7 225 51,6 x 105,7 160 64,3 x 105,7 100 76,9 x 105,7 76,9 x 143,2 76,9 x 220,7 91,0 x 144,5 76,9 x 220,7 83 58 43 38 35
450
470 51,6 x 80,7 350 680 51,6 x 105,7 250 1 000 1 500 2 200 2 700 3 300 64,3 x 105,7 190 76,9 x 105,7 125 76,9 x 143,2 91,0 x 144,5 76,9 x 220,7 95 75 70
1) * "6" = for capacitors with ring clip/clamp mounting "8" = for capacitors with threaded stud 2) For 2-pad solution (types without threaded stud) and for low-inductance design, see page 145.
147 10/02
B43566 / B43586 Extended Useful Life - 85 C
KAL0567-B
Useful life depending on ambient temperature TA (for natural cooling) and versus temperature of case base TB (for base cooling) under ripple current operating conditions1)
3,5
KAL0531-A
~ ; ~ ~ R ~ R (B)
2,5 2,0
B43566/586
1,0
250 000 h
150 000 h
100 000 h
50 000 h
0,5 0 40
24 000 h
80 90 C 100 TA ; T B
50
60
70
Frequency factor of permissible ripple current I~ versus frequency f
~f ~100 Hz
1,4 B43566/586
KAL0407-W
1,2
1,1
c b a
1,0
0,9
d (mm)
0,8
18 000 h
1,5
51,6 c
64,3 b
76,9 a
91,0 c
Curve
5 10 2 5 10 3 5 10 4 Hz 10 5 f
1) The ripple current refers to I~R for natural cooling or to I~R(B) for base cooling, respectively. Refer to page 40 for an explanation on how to interpret the useful life graphs.
148 10/02
B43566 / B43586 Extended Useful Life - 85 C
KAL0567-B
Frequency characteristics of ESR Typical behavior
KAL0404-7
1,3 B43566/586 ESR f ESR 100 Hz 1,1 1,0 0,9 0,8 0,7 0,6 0,5 5 10 2 5 10 3 5 10 4 a b c
d (mm)
Curve
Hz 10 5 f
51,6 c
64,3 b
76,9 a
91,0 a
149 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B43586J4608Q000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X